Part Number Hot Search : 
1N4627 1N4627 Q6004V4 6128AE SXN15 ACHIPS TC74VCX 100002
Product Description
Full Text Search
 

To Download KTD2060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007. 5. 22 1/2 semiconductor technical data KTD2060 triple diffused npn transistor revision no : 2 general purpose application. features good linearity of h fe. complementary to ktb1368. maximum rating (ta=25 ) dim millimeters to-220is 0.76+0.09/-0.05 a b c d e f g 0.5+0.1/-0.05 h 1.2+0.25/-0.1 1.5+0.25/-0.1 j k l m n p q r f q 1 2 3 l p n b g j m d n h e r k l s 0.5 typ s d a c 2.70 0.3 + _ 12.0 0.3 + _ 13.6 0.5 + _ 3.7 0.2 + _ 3.2 0.2 + _ 10.0 0.3 + _ 15.0 0.3 + _ 3.0 0.3 + _ 4.5 0.2 + _ 2.54 0.1 + _ + 2.6 0.2 _ 6.8 0.1 + _ 1. base 2. collector 3. emitter electrical characteristics (ta=25 ) note : h fe (1) classification r:40 80, o:70 140, y:120 240 characteristic symbol rating unit collector-base voltage v cbo 80 v collector-emitter voltage v ceo 80 v emitter-base voltage v ebo 5 v collector current i c 4 a base current i b 0.4 a collector power dissipation (tc=25 ) p c 25 w junction temperature t j 150 storage temperature range t stg -55 150 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =80v, i e =0 - - 30 a emitter cut-off current i ebo v eb =5v, i c =0 - - 100 a collector-emitter breakdown voltage v (br)ceo i c =50ma, i b =0 80 - - v emitter-base breakdown voltage v (br)ebo i c =10ma, i b =0 5 - - v dc current gain h fe (1) (note) v ce =5v, i c =0.5a 40 - 240 h fe (2) v ce =5v, i c =3a 15 50 - collector-emitter saturation voltage v ce(sat) i c =3a, i b =0.3a - 0.45 1.5 v base-emitter voltage v be v ce =5v, i c =3a - 1.0 1.5 v transition frequency f t v ce =5v, i c =0.5a - 8.0 - mhz collector output capacitance c ob v cb =10v, i e =0, f=1mhz - 90 - pf
2007. 5. 22 2/2 KTD2060 revision no : 2 collector power dissipation 0 c 0 ambient temperature ta ( c) c p - ta i - v cce ce collector-emitter voltage v (v) 0 c 0 collector current i (a) 123456 0.8 1.6 2.4 3.2 4.0 common emitter tc=25 c 240 200 160 120 100 80 60 40 0 i =20ma b safe operating area ce collector-emitter voltage v (v) c collector current i (a) i max(pulsed) c * c i max v max. ceo single nonrepetitive pulse tc=25 c curves must be derated linearly with increase in temperature * (continuous) tc=25 c dc operation * 1s 100ms * 10ms * * 1ms 20 10 5 3 1 0.5 0.3 0.1 200 100 30 10 3 1 p (w) 25 50 75 100 125 150 175 5 10 15 20 25 30 35 tc=ta infinite heat sink h - i c collector current i (a) 0.002 0.01 0.03 0.1 3 fe dc current gain h fe c 0.3 1 3 5 5 10 30 50 100 300 500 common emitter v =5v ce tc=75 c tc=25 c tc=-25 c collector-emitter saturation ce(sat) 0.03 0.1 0.03 0.01 0.003 collector current i (a) c v - i ce(sat) c voltage v (v) 0.3 1 3 5 0.05 0.1 0.3 0.5 1 3 5 10 common emitter i /i =10 c b tc=25 c tc=-25 c tc=75 c


▲Up To Search▲   

 
Price & Availability of KTD2060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X