Part Number Hot Search : 
A1200 1N4955C TSOP1738 MAX2683 5ST10 AT80C5 MPSA26 D946B
Product Description
Full Text Search
 

To Download IRFZ34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  e.1 is.il ^>e.tnl-dona\jt.c.t:oi iptoaacfi, una. 20 stern ave. springfield, new jersey 07081 u.s.a. IRFZ34 power mosfet telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 product summary vds(v) flds(on) (^) qg (max.) (nc) qgs(nc) qgd (nc) configuration 60 vgs = 10v 0.050 46 11 22 single to-220ab go if u j, 0 s n-channel mosfet features ? dynamic dv/dt rating ? 175 c operating temperature ? fast switching ? ease of paralleling ? simple drive requirements absolute maximum ratings (tc = 25 c, unless otherwise noted) parameter drain-source voltage gate-source voltage continuous drain current tc = 25 c v-c it 10 v tc = 100c pulsed drain current3 linear derating factor single pulse avalanche energyb maximum power dissipation tc = 25 c peak diode recovery dv/dtc operating junction and storage temperature range soldering recommendations (peak temperature) mounting torque for 10 s 6-32 or m3 screw symbol vds vgs id idm eas pd dv/dt tj, tstg limit 60 20 30 21 120 0.59 200 88 4.5 -55to + 175 300d 10 1.1 unit v a w/c mj w v/ns c ibf ? in n -m notes a. repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. vdd = 25 v, starting t, = 25 c, l = 259 uh, rg = 25 u, ias = 30 a (see fig. 12). c. isd 30 a, dl/dt < 200 a/ms, vdd < vds, tj < 175 c. d. 1.6 mm from case. nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by n.i semi-conductors is believed to be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. n.i semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
thermal resistance ratings parameter maximum junction-to-ambient case-to-sink, flat, greased surface maximum junction-to-case (drain) symbol rthja rthcs fyhjc typ. - 0.50 - max. 62 - 1.7 unit c/w specifications (tj = 25 c, unless otherwise noted) parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage vds temperature coefficient gate-source threshold voltage gate-source leakage zero gate voltage drain current drain-source on-state resistance forward transconductance vds avds/tj vgs(th) igss bss rds(on) 9fs vgs = 0 v, id = 250 ua reference to 25 c, id = 1 ma vds = vgs, id = 250 ua vgs = 20 v vds = 60 v, vgs = 0 v vds = 48 v, vgs = 0 v, t, = 150 c vgs = 10v !d = 18ab vds = 25v, id = 18 a 60 - 2.0 - - - - 9.3 - 0.065 - - - - - - - - 4.0 100 25 250 0.050 - v v/c v na ma q. s dynamic input capacitance output capacitance reverse transfer capacitance total gate charge gate-source charge gate-drain charge turn-on delay time rise time turn-off delay time fall time internal drain inductance internal source inductance ciss cqss crss qg qgs qgd td(on) tr td(off) tf ld ls vgs = 0 v, vds = 25 v, f = 1.0 mhz, see fig. 5 v _10v id = 30 a, vds = 48v, see fig. 6 and 13b vdd = 30 v, id = 30 a, rg = 12fi, rd= 1.0 j, see fig. 10b between lead, 6 mm (0.25") from /fi~"% package and center of (i ni t } die contact v_^s - - - - - - - - - - - - 1200 600 100 - - - 13 100 29 52 4.5 7.5 - - - 46 11 22 - - - - - - pf nc ns nh drain-source body diode characteristics continuous source-drain diode current pulsed diode forward current" body diode voltage body diode reverse recovery time body diode reverse recovery charge forward turn-on time is ism vsd trr qrr ton mosfet symbol showing the n t~i\l reverse p - n junction diode tj = 25 c, ls = 30 a, vgs = 0 vb t 9r p 1 ^("1 a hi/ht 1 ho a/no - - - - - - - - 120 0.7 30 120 1.6 230 1.4 a v ns nc intrinsic turn-on time is negligible (turn-on is dominated by ls and ld) notes a. repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. pulse width < 300 us; duty cycle < 2 %.


▲Up To Search▲   

 
Price & Availability of IRFZ34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X