Part Number Hot Search : 
ELECTRON AX4145E 402C2293 UPD72 2310ANZ 5A400 110000 ASI10603
Product Description
Full Text Search
 

To Download IF0505D-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thecopyrightandauthorityfortheinterpretationoftheproductsarereservedbymornsun if_s-1w&if_d-1w 2013.11.21-a/4 page1of4 features l smallfootprint l sip/dippackage l 3kvdcisolation l temperaturerange:-40 cto+85 c l noheatsinkrequired l internalsmdconstruction l noexternalcomponentrequired l industrystandardpinout l rohscompliance applications theif_s-1w&if_d-1wseriesarespeciallydesignedforapplications whereagroupofpolarpowersuppliesareisolatedfromtheinputpower supplyinadistributedpowersupplysystemonacircuitboard. theseproductsapplyto: 1) wherethevoltageoftheinputpowersupplyisfixed(voltagevariation ? 5%); 2)whereisolationisnecessarybetweeninputandoutput(isolation voltage 3000vdc); 3) wheretheregulationoftheoutputvoltageandtheoutputripplenoise aredemanded. if_s-1w&if_d-1wseries 1w,fixedinput,isolated®ulated singleoutputdc-dcconverter patentprotectionrohs modelselection product series input voltage output voltage package style rated power productprogram model inputvoltage (vdc) outputvoltage (vdc) outputcurrent (ma) inputcurrent (ma)(typ.) efficiency(%) @max.load nominal range max. min. @max. load @no load min. typ. if0505s-1w 5 4.75-5.25 5 200 20 303 30 62 66 if0509s-1w 9 111 12 286 66 70 if0512s-1w 12 83 9 278 68 72 if0515s-1w 15 67 7 274 69 73 IF0505D-1W 5 200 20 303 62 66 if0512d-1w 12 83 9 278 68 72 if1205s-1w 12 11.4-12.6 5 200 20 124 15 63 67 if1212s-1w 12 83 9 114 69 73 if1215s-1w 15 67 7 113 70 74 if1205d-1w 5 200 20 124 63 67 if2405s-1w 24 22.8-25.2 5 200 20 62 8 63 67 if2412s-1w 12 83 9 57 69 73 if2415s-1w 15 67 7 56 70 74 if2405d-1w 5 200 20 62 63 67 note:theif_s(d)-w25seriesalsoavailableinourcompany. outputspecifications item testcondition min. typ. max. unit lineregulation forvinchangeof 5% -- -- 0.25 % loadregulation 10%to100%load -- 1 2 outputvoltageaccuracy 100%load -- -- 3 temperaturedrift 100%load -- -- 0.03 %/ outputripple* 20mhzbandwidth -- 10 20 mvp-p outputnoise* 20mhzbandwidth -- 50 100 *testrippleandnoiseby parallelcable method. seedetailedoperationinstructionsatdc-dcapplicationnotes. commonspecification item testconditions min. typ. max. unit storagehumidityrange noncondensing -- -- 95 %
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedbymornsun if_s-1w&if_d-1w 2013.11.21-a/4 page2of4 operatingtemperature -40 -- 85 storagetemperature -55 -- 125 leadtemperature ta=25 c -- 15 25 temp.riseatfullload 1.5mmfromcasefor10seconds -- -- 300 cooling freeairconvection casematerial plastic(ul94-v0) shortcircuitprotection *ifxx05s/d-1w -- -- 1 s others continuous switchingfrequency 100%load,inputvoltagerange -- 120 300 khz mtbf 3500 -- -- khours weight if_s-1w/if_s-w75 -- 2.1 -- g if_d-1w/if_d-w75 -- 2.4 -- g * supplyvoltagemustbediscontinuedattheendofshortcircuitduration. isolationspecifications item testcondition min. typ. max. unit isolationvoltage input-output,testedfor1minuteandleakagecurrent lessthan1ma 3000 -- -- vdc isolationresistance input-output,testat500vdc 1000 -- -- m isolationcapacitance input-output,100khz/0.1v -- 60 -- pf typicalcharacteristics operating temp.( ) c temperature derating graph outline dimensions & p in connections if_s-1w / if_s-w75 if_s-1w/if_s-w75
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedbymornsun if_s-1w&if_d-1w 2013.11.21-a/4 page3of4 applicationnote 1)requirementonoutputload toensurethismodulecanoperateefficientlyandreliably,duringoperation,theminimumoutputloadcouldnotbelessthan10%ofthefullload. iftheactualoutputpowerisverysmall,pleaseconnectaresistorwithproperresistanceattheoutputendinparalleltoincreasetheload. 2)recommendedcircuit ifyouwanttofurtherdecreasetheinput/outputripple,an lc filteringnetworkmaybeconnectedtotheinputandoutputendsofthedc/dc converter,see(figure1). l vin gnd +vo 0v dc cin l dc cout (figure1) itshouldalsobenotedthattheinductanceandthefrequencyofthe lc filteringnetworkshouldbestaggeredwiththedc/dcfrequencytoavoid mutualinterference.however,thecapacitanceoftheoutputfiltercapacitormustbeproper.ifthecapacitanceistoobig,astartupproblemmight arise.foreverychannelofoutput,providedthesafeandreliableoperationisensured,thegreatestcapacitanceofitsfiltercapacitorsees(table1). externalcapacitortable(table1) it snotrecommendtoconnectanyexternalcapacitorintheapplicationfieldwithlessthan0.5wattoutput. 3)overloadprotection undernormaloperatingconditions,theoutputcircuitoftheseproductshasnoprotectionagainstover-currentandshort-circuits.thesimplest methodistoconnectaself-recoveryfuseinseriesattheinputendoraddacircuitbreakertothecircuit. 4)inputover-voltageprotectioncircuit thesimplestdeviceforinputover-voltageprotectionisalinearvoltageregulatorwithoverheatprotectionthatisconnectedtotheinputendin series(figure2). vin gnd reg +vo dc dc 0v (figure2) 5)whentheenvironmenttemperatureishigherthan71 c,theproductoutputpowershouldbelessthen60%oftheratedpower. 6)itisnotrecommendedtoincreasetheoutputpowercapabilitybyconnectingtwoormoreconvertersinparallel.theproductisnot hot-swappable. vin (vdc) cin ( f) vout (vdc) cout ( f) 5 4.7 5 10 12 2.2 9 4.7 24 1 12 2.2 - - 15 1
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedbymornsun if_s-1w&if_d-1w 2013.11.21-a/4 page4of4 note: 1.operationunderminimumloadwillnotdamagetheconverter;however,theymaynotmeetallspecifications. 2.max.capacitiveloadistestedatnominalinputvoltageandfullload. 3.unlessotherwisenoted,allspecificationsaremeasuredatta=25 c,humidity<75%,nominalinputvoltageandratedoutputload. 4.inthisdatasheet,alltestmethodsarebasedonourcorporatestandards. 5.allcharacteristicsareforlistedmodels,andnon-standardmodelsmayperformdifferently.pleasecontactourtechnicalsupportformoredetail. 6.pleasecontactourtechnicalsupportforanyspecificrequirement. 7.specificationsofthisproductaresubjecttochangeswithoutpriornotice. mornsunscience&technologyco.,ltd. address:no.5,kehuist.1,kehuidevelopmentcenter,scienceave.,guangzhousciencecity,luogangdistrict,guangzhou,p.r.china. tel:86-20-38601850 fax:86-20-38601272 e-mail: info@mornsun.cn http://www.mornsun-power.com


▲Up To Search▲   

 
Price & Availability of IF0505D-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X