Part Number Hot Search : 
TLP798GA C74HC2 HS202 CJ7912 VDZ22B XC2V1000 L7805A 0E4D1
Product Description
Full Text Search
 

To Download G6B-1114P-FD-US-U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 g 6 b g6b pcb power relay high capacity and high dielectric strength miniature relay with fully sealed construction in 5 a (8 a) spst-no (1a), spst-nc (1b), dpst-no (2a), dpst-nc (2b) types ? high sensitive with operating power of 98 mw. (g6b-1114p-us and g6b-1174p-us models) ? high insulation with dielectric strength of 3,000vac between coil and contacts (im pulse withstand voltage of 6 kv). ? stick packing models are provided in consideratio n of compatibility to the automatic production line. ? standard model conforms to ul/csa standards. other sev approved models are also available. ? agsnin contacts suitable for loads that generate surge voltage such as inductive load and capacity load etc. are available for the whole product line. ? ultrasonically cleanable models is available. ? operation indicator & surge absorption diode are built-in for the whole product line. ? double-pole type is available for the whole product line. model number legend rohs compliant application examples ? ideal for output applications of control equipments g6b-@ - @@@@@ - @ - @ - @ - @ - @ ? ????? ? ? ? ? ? 1 23456 7 8 9 1011 1. relay function none: single-side stable u : single-winding latching (g6b @ -1114 models only) k : double-winding latching (g6b @ -1114 models only) 2. number of poles 1: 1-pole 2: 2-pole 3. contact form 1: spst-no (1a) 1: spst-no (1a)+spst-nc (1b) 2: dpst-no (2a) 0: dpst-nc (2b) 4. classification 1: standard 7: high-capacity 5. enclosure rating 4: fully sealed 7: flux protection 6. terminal shape p: pcb terminals socket mounting terminals 7. contact material none: standard (ag-alloy (cd free)) fd : agsnin contact (suitable for dc inductive load with high inrush current) 8. operation indicator diode availability none: standard nd : operation indicator & coil surge absorption diode (for -1177 type only) 9. approved standards us: ul/csa 10. washability none: standard u : for ultrasonically cleanable 11. mounting none: mounted directly to pcb p6b : mounted to socket
2 g6b pcb power relay g 6 b ordering information standard models (ul, csa certified) note: agsnin contact models are highly welding-resistant, and rough ening of contacts due to inrush current and inductive load is lessened. models for ultrasonically cleanable note: when ordering, add the rated coil voltage to the model number. example: g6b-1114p-us 5 vdc connecting sockets (sold separately) note 1. when using by combining sockets of the g6b-1174p-us and p6b-04p models, the rated current will be 5a due to its rated switching current. 2. use the g6b- @@@@ p(-fd)-us p6b to mount to a p6b socket. 3. the hold-down clips of the p6b-c2 model are not suitable for the g6b-1174p and g6b-1177p models since they have different heights. 4. products with ul/csa certification marks will be supplied for orders of standard models. number of poles contact material standard (ag-alloy (cd free)) agsnin contact minimum packing unit relay function contact form model rated coil voltage model rated coil voltage 1-pole single-side stable spst-no (1a) (standard) g6b-1114p-us 5, 6, 12, 24 vdc g6b-1114p-fd-us 5, 6, 12, 24 vdc 100 pcs/tray spst-no (1a) (high-capacity) g6b-1174p-us 5, 6, 12, 24 vdc g6b-1174p-fd-us 5, 6, 12, 24 vdc 20 pcs/tube single-winding latching spst-no (1a) (standard) g6bu-1114p-us 5, 6, 12, 24 vdc g6bu-1114p-fd-us 5, 12, 24 vdc 100 pcs/tray double-winding latching spst-no (1a) (standard) g6bk-1114p-us 5, 6, 12 vdc g6bk-1114p-fd-us 5, 6, 12 vdc 24 vdc 24 vdc single-side stable spst-no (1a) (built-in high-capacity operation indicator & diode) g6b-1177p-nd-us 5, 12, 24 vdc g6b-1177p-fd-nd-us 5, 12, 24 vdc 20 pcs/tube 2-pole single-side stable spst-no (1a)+ spst-nc (1b) (standard) g6b-2114p-us 5, 6, 12, 24 vdc g6b-2114p-fd-us 5, 6, 12, 24 vdc 100 pcs/tray dpst-no (2a) (standard) g6b-2214p-us 5, 6, 12, 24 vdc g6b-2214p-fd-us 5, 6, 12, 24 vdc dpst-nc (2b) (standard) g6b-2014p-us 5, 6, 12, 24 vdc g6b-2014p-fd-us 5, 6, 12, 24 vdc number of poles contact material standard (ag-alloy (cd free)) agsnin contact minimum packing unit relay function contact form model rated coil voltage model rated coil voltage 1-pole single-side stable spst-no (1a) (standard) g6b-1114p-us-u 5, 6, 12, 24 vdc G6B-1114P-FD-US-U 6, 12, 24 vdc 100 pcs/tray single-winding latching spst-no (1a) (standard) g6bu-1114p-us-u 24 vdc ?? double-winding latching spst-no (1a) (standard) g6bk-1114p-us-u 5, 6, 12, 24 vdc g6bk-1114p-fd-us-u 12, 24 vdc 2-pole single-side stable spst-no (1a)+ spst-nc (1b) (standard) g6b-2114p-us-u 5, 12, 24 vdc g6b-2114p-fd-us-u 5, 12, 24 vdc dpst-no (2a) (standard) g6b-2214p-us-u 5, 6, 12, 24 vdc g6b-2214p-fd-us-u 5, 12, 24 vdc dpst-nc (2b) (standard) g6b-2014p-us-u 5, 12, 24 vdc g6b-2014p-fd-us-u 5, 12, 24 vdc applicable relay model minimum ordering unit g6b-1114p(-fd)-us-p6b g6b-1174p(-fd)-us-p6b g6b-1177p(-fd)-nd-us-p6b g6bu-1114p-us-p6b p6b-04p 20 pcs g6bk-1114p-us-p6b p6b-06p g6b-2114p-us-p6b g6b-2214p-us-p6b g6b-2014p-us-p6b p6b-26p removal tool p6b-y1 1 pcs hold-down clips p6b-c2 rated coil voltage
3 g6b pcb power relay g 6 b ratings coil: 1-pole, single-side stable type (including models for ultrasonically cleanable) coil: 2-pole, single-side stable type (including models for ultrasonically cleanable) coil: single-winding latching type (including models for ultrasonically cleanable) coil: double-winding latching type (including models for ultrasonically cleanable) coil: operation indicator model (flux-resistant type. do not wash down with water.) note 1. the rated current and coil resistance are measured at a coil temperature of 23c with a tolerance of 10%. 2. the operating characteristics are measured at a coil temperature of 23c. 3. the ?max. voltage? is the maximum voltage that can be applied to the relay coil. contacts note 1. the values in the parentheses ( ) are for -fd models only. 2. use the -fd type for inductive load and swit ching load which contact roughening is small. item rated voltage rated current (ma) coil resistance ( ) must operate voltage (v) must release voltage (v) max. voltage (v) power consumption (mw) % of rated voltage 5 vdc 40 125 70% max. 10% min. 160% (at 23c) approx. 200 6 vdc 33.3 180 12 vdc 16.7 720 24 vdc 8.3 2,880 item rated voltage rated current (ma) coil resistance ( ) must operate voltage (v) must release voltage (v) max. voltage (v) power consumption (mw) % of rated voltage 5 vdc 60 83.3 80% max. 10% min. 140% (at 23c) approx. 300 6 vdc 50 120 12 vdc 25 480 24 vdc 12.5 1,920 item rated voltage rated current (ma) coil resistance ( ) must set voltage (v) must reset voltage (v) max. voltage (v) power consumption % of rated voltage set coil (mw) reset coil (mw) 5 vdc 40 125 70% max. 70% max. 160% (at 23c) 200 200 6 vdc 33.3 180 12 vdc 16.7 720 24 vdc 8.3 2,880 item rated voltage rated current (ma) coil resistance ( ) must set voltage (v) must reset voltage (v) max. voltage (v) power consumption set coil reset coil set coil reset coil % of rated voltage set coil (mw) reset coil (mw) 5 vdc 56 56 89.2 89.2 70% max. 70% max. 130% (at 23c) 280 280 6 vdc 46.8 46.8 128.5 128.5 12 vdc 23.3 23.3 515 515 24 vdc 11.7 11.7 2,060 2,060 item rated voltage rated current (ma) coil resistance ( ) must operate voltage (v) must release voltage (v) max. voltage (v) power consumption (mw) % of rated voltage 5 vdc 43 116 70% max. 10% min. 130% (at 23c) approx. 200 12 vdc 19.7 610 approx. 240 24 vdc 11.3 2,120 approx. 275 model g6b-1114p-us g6bu-1114p-us g6bk-1114p-us g6b-1114p-fd-us g6bu-1114p-fd-us g6bk-1114p-fd-us g6b-1174p-us g6b-1177p-nd-us g6b-1174p-fd-us g6b-1177p-fd-nd-us g6b-2114p-us g6b-2214p-us g6b-2014p-us g6b-2114p-fd-us g6b-2214p-fd-us g6b-2014p-fd-us load item resistive load inductive load (cos = 0.4; l/r = 7 ms) resistive load inductive load (cos = 0.4; l/r = 7 ms) resistive load inductive load (cos = 0.4; l/r = 7 ms) contact type single contact material ag-alloy (cd free) rated load 5 a (3 a) at 250 vac 5 a (3 a) at 30 vdc 2 a (2 a) at 250 vac 2 a (2 a) at 30 vdc 8 a (5 a) at 250 vac 8 a (5 a) at 30 vdc 2 a (2 a) at 250 vac 2 a (2 a) at 30 vdc 5 a (3 a) at 250 vac 5 a (3 a) at 30 vdc 1.5 a (1.5 a) at 250 vac 1.5 a (1.5 a) at 30 vdc rated carry current 5 a (5 a) 8 a (5 a) 5 a (5 a) max. switching voltage 380 vac, 125 vdc max. switching current 5 a (5 a) 8 a (5 a) 5 a (5 a)
4 g6b pcb power relay g 6 b characteristics note 1. the values here are initial values. 2. the g6b-1177p(-fd)-nd model is flux-resistant. do not wash it down with water. *1. the contact resistance was measured wit h 1 a at 5 vdc using a voltage-drop method. *2. measurement conditions: the insulation resistance was measur ed with a 500 vdc megohmmeter at the same locations as the diele ctric strength was measured.(except the location between set/reset coil) *3. this value was measured at a switching frequency of 120 operations/min. model g6b-1114p-us g6b-1114p-fd-us g6b-1174p-us g6b-1174p-fd-us g6bu-1114p-us g6bk-1114p-us g6b -1177p(-fd)-nd-us g6b-2114p-us g6b-2114p-fd-us g6b-2214p-us g6b-2214p-fd-us g6b-2014p-us g6b-2014p-fd-us item classification single-side stable single-winding latching double-winding latching built-in operation indicator & surge absorption diode single-side stable contact resistance *1 30 m max. operate (set) time 10 ms max. release (reset) time 10 ms max. min. set pulse width ? 15 ms (at 23c) ? min. reset pulse width ? 15 ms (at 23c) ? insulation resistance *2 1,000 m min. dielectric strength between coil and contacts 3,000 vac, 50/60 hz for 1 min 2,000 vac, 50/60 hz for 1 min 3,000 vac, 50/60 hz for 1 min between contacts of the same polarity 1,000 vac, 50/60 hz for 1 min between contacts of different polarity ? 2,000 vac, 50/60 hz for 1 min between set and reset coils ? 250 vac, 50/60 hz for 1 min ? impulse withstand voltage (between coil and contacts) 6 kv 1.2 50 s 4.5 kv 1.2 50 s 6 kv 1.2 50 s vibration resistance destruction 10 to 55 to 10 hz, 0.75 mm single amplitude (1.5 mm double amplitude) malfunction 10 to 55 to 10 hz, 0.75 mm single amplitude (1.5 mm double amplitude) shock resistance destruction 1,000 m/s 2 malfunction 100 m/s 2 300 m/s 2 100 m/s 2 durability mechanical 50,000,000 operations min. (at 18,000 operations/hr) electrical 100,000 operation min. (at 1,800 operations/hr under rated load) failure rate (p level) (reference value) *3 10 ma at 5 vdc ambient operating temperature -25c to 70c (with no icing or condensation) ambient operating humidity 5% to 85% weight approx. 3.5 to 4.6 g approx. 3.5 g approx. 3.7 g approx. 5.4 g approx. 4.5 g
5 g6b pcb power relay g 6 b engineering data maximum switching current g6b-1114p-us g6b-1174p-fd-us g6b-1174p-us g6b-2114p-us g6b-2214p-us g6b-2014p-us durability ambient temperature vs. maximum coil voltage g6b-1114p-us g6b-1174p-us g6b-1174p-fd-us g6b-2114p(-fd)-us g6b-2214p(-fd)-us g6b-2014p(-fd)-us g6b-1114p-us g6b-1174p-us g6b-1174p-fd-us g6b-2114p-us g6b-2214p-us g6b-2014p-us note: the maximum coil voltage refers to the maxi-mum value in a varying range of operating power voltage, not a continuous voltage. ambient temperature vs. must operate and must release voltage g6b-1114p-us mutual magnetic interference g6b-1114p-us g6b-1114p-us switching current (a) switching voltage (v) 40 20 10 5 3 2 1 0.5 0.3 0.2 0.1 ac resistive load ac inductive load cos = 0.4 dc resistive load dc inductive load (l/r = 7 ms) 0 3 5 10 20 30 100 300 500 switching current (a) switching voltage (v) 100 50 30 10 8 5 3 2 1 0.5 0.3 0.1 ac resistive load ac inductive load dc resistive load dc inductive load 0 3 5 10 30 50 100 380 1,000 switching current (a) switching voltage (v) 100 50 30 10 5 3 2 1.5 1 0.5 0.3 0.1 ac resistive load dc resistive load 0 3 5 10 30 50 100 300 500 1,000 ac inductive load (cos = 0.4) dc inductive load (l/r = 7 ms) ac resistive load g6b-2114p-fd-us g6b-2214p-fd-us g6b-2014p-fd-us 1,000 500 300 100 50 30 10 5 3 1 0 1 2 3 4 5 6 7 8 9 10 g6b-1114p-us 250 vac/30 vdc resistive load g6b-1114p-us g6b-1174p-fd-us g6b-1174p-us 250 vac/30 vdc inductive load (cos = 0.4, l/r = 7 ms) g6b-1174p-us 250 vac/30 vdc resistive load g6b-1174p-fd-us 250 vac/30 vdc resistive load durability (x10 4 operations) switching current (a) higher capacity durability (x10 4 operations) 1,000 500 300 100 50 30 10 5 3 1 0 1 1.5 2 3 4 5 6 7 8 9 10 switching current (a) g6b-2114p-fd-us g6b-2214p-fd-us g6b-2014p-fd-us 250 vac resistive load g6b-2114p-us g6b-2214p-us g6b-2014p-us 250 vac/30 vdc resistive load g6b-2114p(-fd)-us g6b-2214p(-fd)-us g6b-2014p(-fd)-us 250 vac/30 vdc inductive load (cos = 0.4, l/r = 7 ms) maximum coil voltage (%) 200 180 160 140 130 120 110 100 80 60 0 20 23 30 40 50 60 70 80 90 g6b-1114p-us g6b-1174p-us g6b-1174p-fd-us g6b-2114p-us g6b-2214p-us g6b-2014p-us ambient temperature (c) 100 80 60 40 20 0 ambient temperature (c) must-operate/must-release voltage (%) sample: g6b-1114p-us number of relays: 5 pcs ?40 ? 20 0 20 40 60 80 must operate voltage must release voltage max. min. x max. min. x +1.0 +0.5 0 ?0.5 ?1.0 average value test initial stage +1.0 +0.5 0 ?0.5 ?1.0 average value test initial stage must operate voltage must release voltage de-energized sample sample 2.54 mm energized change rate on the basis of initial value (%) change rate on the basis of initial value (%) 2.54 mm +1.0 +0.5 0 ?0.5 ?1.0 average value test initial stage +1.0 +0.5 0 ?0.5 ?1.0 average value test initial stage must operate voltage must release voltage de-energized sample energized sample change rate on the basis of initial value (%) change rate on the basis of initial value (%)
6 g6b pcb power relay g 6 b dimensions shock malfunction hot start z' z unit: m/s 2 y y' x x' energized 200 100 300 400 200 100 300 300 300 400 shock direction y y' x x' z z' (coil) sa mple: g6b-1114p-us number of rela ys : 12 pc s te st conditions: s hock is a pplied in x, y, and z directions three times each with without energizing the rela ys to check the n umber of malfunctions . requ irement: none malfuction 100 m/s 2 z' z unit: m/s 2 y y' x x' energized 600 1,000 1,000 1,000 1,000 1,000 1,000 shock direction y y' x x' z z' (coil) sample: g6b-1174p-us g6b-1174p-fd-us test conditions: shock is applied in x, y, and z directions three times each with without energizing the relays to check the number of malfunctions. requirement: none malfuction 100 m/s 2 z' shock direction y y' x x' z z' (coil) z unit: m/s 2 y y' x x' 1,000 1,000 1,000 1,000 1,000 1,000 reset set 700 sa mple: g6bk-1114p-us number of rela ys : 12 pcs te st conditions : the v alue at which malfunction occurred w as measured after applying s hock to the test piece 3 times each in 6 directions along 3 axe s . standard v alu e: 300 m/s 2 ambient temperature (c) sample: g6b-1114p-us g6b-1174p-fd-u s number of relays: 10 pcs test: the variation of operating voltage is measured based on cold start at 23c, during which rated voltage is applied to the coil with rated contact current (5a), and left for 1 hour each under different ambient temperatures. 120% applied 110% applied 100% applied ?50 ?40 ? 20 0 20 40 60 80 100 rate of variability (%) 40 30 20 10 0 ?10 ?20 rate of variability (%) ambient temperature (c) sample: g6b-1174p-us test: the variation of operating voltage is measured based on cold start at 23c, during which rated voltage is applied to the coil with rated contact current (8a), and left for 1 hour each under different ambient temperatures. 40 30 20 10 0 ? ? ? ? ? ? ? ? ? ? 1-pole single-side stable models g6b-1114p(-fd)-us pcb mounting holes (bottom view) tolerance: 0.1 mm terminal arrangement/ internal connections (bottom view) note: orientation marks are indicated as follows: (1.2) (1.2) 10.16 7.62 2.54 0.5 0.65 3.5 0.45 2.54 four, 1.1-dia. holes 1 6 34 10 max. (9.9)* 12.5 max. (12.45)* 20.2 max. (20.0)* * average value 0.9 0.90.85 note: check carefully the coil polarity of the relay. 1-pole single-side stable models g6b-1174p(-fd)-us pcb mounting holes (bottom view) tolerance: 0.1 mm terminal arrangement/ internal connections (bottom view)
7 g6b pcb power relay g 6 b (1.2) (1.1) 10.16 7.62 2.54 0.5 0.3 3.5 0.5 2.54 four, 1.1-dia. holes 1 s 6 r 34 10 max. (9.8)* 10 max. (9.8)* 20 max. (19.9)* * average value 0.9 0.90.85 note: orientation marks are indicated as follows: note: check carefully the coil polarity of the relay. s: set coil r: reset coil 1-pole single-winding latching model g6bu-1114p-us pcb mounting holes (bottom view) tolerance: 0.1 mm terminal arrangement/ internal connections (bottom view) (1.2) (1.1) 7.62 7.62 2.54 2.54 2.54 six, 1.1-dia. holes 1 s 6 2 5 r 34 0.5 0.3 3.5 0.5 10 max. (9.8)* 10 max. (9.8)* 20 max. (19.9)* * average value 0.9 0.9 0.85 0.85 note: orientation marks are indicated as follows: note: check carefully the coil polarity of the relay. s: set coil r: reset coil 1-pole double-winding latching model g6bk-1114p-us pcb mounting holes (bottom view) tolerance: 0.1 mm terminal arrangement/ internal connections (bottom view) 0.5 7.62 0.9 10 max. (9.9)* 0.3 1.6 1.7 0.65 3.5 15 max. (14.8)* 20.2 max. (20)* * average value (1.2) 7.62 (1.11) 10.16 7.62 2.54 2.54 four, 1.1-dia. holes 1 6 34 10.16 7.62 led 0.45 3.7 0.90.85 note: check carefully the coil polarity of the relay. note: the g6b-1177p-nd-us model has a flux-resistant construction. do not wash it down with water. pay attention to the polarity of the coil since the led and surge absorption diode are built-in. 1-pole single-side stable models spst-no (1a) (built-in high capacity operation indicator & surge absorption diode) g6b-1177p(-fd)-nd-us pcb mounting holes (bottom view) tolerance: 0.1 mm terminal arrangement/ internal connections (bottom view) 0.3 7.62 0.8 11 max. (10.9)* 11 max. (10.9)* 20 max. (19.9)* * average value (1.7) 7.62 (1.11) 10.16 7.62 2.54 2.54 six, 1.1-dia. holes 1 8 3 6 4 5 1 8 3 6 4 5 1 8 3 6 4 5 10.16 7.62 3.5 note: check carefully the coil polarity of the relay. g6b-2114p-us g6b-2014p-us g6b-2214p-us 2-poles single-side stable models (spst-no (1a) + spst-nc (1b), dpst-nc (2c), spst-no(1a)) g6b-2114p-us g6b-2214p-us g6b-2014p-us pcb mounting holes (bottom view) tolerance: 0.1 mm terminal arrangement/ internal connections (bottom view)
8 g6b pcb power relay g 6 b connecting sockets dimensions (2.71) 10.16 7.62 (1.2) 2.54 2.54 four, 1.1-dia. holes 3 23.2 max. (23)* 10 max. (9.9)* 10.1 max. (10)* 0.4 7.62 0.8 * average value 10.16 7.62 7 3.5 socket for 1-pole single-winding latching model and single-side stable model p6b-04p pcb mounting holes (bottom view) tolerance: 0.1 mm (2.71) 2.54 7.62 7.62 (1.2) 2.54 2.54 six, 1.1-dia. holes 3 23.2 max. (23)* 10 max. (9.9)* 10.1 max. (10)* 0.4 7.62 0.8 * average value 7.62 7.62 2.54 7 3.5 socket for 1-pole double-winding latching model p6b-06p pcb mounting holes (bottom view) tolerance: 0.1 mm (2.61) 10.16 7.62 (1.6) 2.54 2.54 six, 1.1-dia. holes 3.1 23.2 max. (23)* 11 max. (10.8)* 10.1 max. (10)* 0.4 7.62 0.8 * average value 10.16 7.62 7 3.5 double-ocket/double-pole single-side stable p6b-26p pcb mounting holes (bottom view) tolerance: 0.1 mm removal tool p6b-y1 hold-down clips p6b-c2 related products the g6b-4 terminal relay series with 4-point output is also available. for details, contact your omron sales representative.
9 g6b pcb power relay g 6 b approved standards ? the approval rating values for overseas standards are differen t from the performance values determined individually. confirm t he values before use. ul recognized: (file no. e41643) csa certified: (file no. lr31928) en/iec, tv certified: (registration no. r50158246) model contact form coil ratings contact ratings number of test operations g6b-1114p-us g6b-1114p-fd-us 1 3 to 24 vdc 5 a, 250 vac (general use) at 80c 6,000 5a, 30 vdc at 80c 1/8hp, 250 vac at 80c 1,000 1/6hp, 250 vac at 80c g6b-1174p-us g6b-1174p-fd-us 1 3 to 24 vdc 8 a, 250 vac (general use) at 80c 6,000 8 a, 30 vdc at 80c g6b-2114p(-fd)-us g6b-2214p(-fd)-us g6b-2014p(-fd)-us 2 3 to 48 vdc 5 a, 250 vac (general use) at 40c 5 a, 30 vdc at 40c model contact form coil ratings contact ratings number of test operations g6b-1114p-us g6b-1114p-fd-us 1 3 to 24 vdc 5 a, 250 vac (general use) at 80c 6,000 5a, 30 vdc at 80c 1/6hp, 250 vac at 80c 1,000 360wt, 120 vac at tungsten 80c g6b-1174p-us g6b-1174p-fd-us 1 3 to 24 vdc 8 a, 250 vac (general use) at 80c 6,000 8 a, 30 vdc at 80c g6b-2114p(-fd)-us g6b-2214p(-fd)-us g6b-2014p(-fd)-us 2 3 to 48 vdc 5 a, 250 vac (general use) at 40c 5 a, 30 vdc at 40c model contact form coil ratings contact ratings number of test operations g6b-1114p-us 1 3 to 48 vdc 5 a, 250 vac (cos = 1) at 70c 20,000 2 a, 250 vac (cos = 0.4) at 70c 5 a, 30 vdc (l/r = 0 ms) at 70c g6b-1174p-us 1 3 to 48 vdc 8 a, 250 vac (cos = 1) at 70c 2 a, 250 vac (cos = 0.4) at 70c 8 a, 30 vdc (l/r = 0 ms) at 70c g6b-2114p-us g6b-2214p-us g6b-2014p-us 2 3 to 48 vdc 5 a, 250 vac (cos = 1) at 70c 1.5 a, 250 vac (cos = 0.4) at 70c 5 a, 30 vdc (l/r = 0 ms) at 70c
10 g6b pcb power relay g 6 b precautions please refer to ?pcb relays common precautions? for correct use. mounting ? when installing more than two relays side by side on a pcb, keep the gaps as shown below. it may cause a malfunction if heat is not dissipated smoothly from the relay. ? no specified mounting direction. mounting height of sockets and precautions ? hold-down clips (for mounting and removal) are also available.(for p6b- c2 model) however, it is not suitable for g6b-1174p and g6b-1177p models. ? removal tool is also available. (for p6b-y1 model) however, it is not suitable for g6b-1177p model. inhibit circuit of the g6b-1177p(-fd)-nd-us model ? do not use under conditions in which a surge is included in the power supply, such as when an inductive load is connected in parallel to the coil. doing so will cause damage to the installed (or built-in) coil surge absorbing diode. using spdt contact of the spst-no+spst-nc relay ? do not construct a circuit so that overcurrent and burning occur if the no, nc and spdt contacts are short-circuited with the spst-no+spst-nc relay.arcing may generate short-circuiting between contacts if there is short-circuiting because of conversion to the mbb contact caused by asynchronous operation of the no and nc contacts, the interval between the no and nc contacts is small, or a large current is left open. other precautions ? the p6b model has a flux-resistant construction. do not wash it down with water. ? perform wiring of no.1 and no. 2 of the x terminal as com for double-winding latching as shown below. the operation stability improves by doing this. ? check carefully the coil polarity (+ and -) of the relay g6b-1177p(-fd)-nd-us. do not reverse the polarity when connecting. otherwise the built-in coil surge absorption diode may be damaged. ? this relay is a power relay which is suitable for power load switching. do not use the g6b for signal purposes such as micro load switching under 100 ma. correct use pitch: 2.54 mm 2 min. between terminals pitch: 2.54 mm 2 min. between terminals *17 mm max. 7 mm max. * 19.5 mm max. for g6b-1174p-fd-us, g6b-1174p-us models and 22 mm max. for g6b-1177p-fd-nd-us, g6b-1177p-nd-us models. l inductive load g6b coil coil surge absorption diode com 6 s 1 5 r 2 ? application examples provided in this document are for reference only. in actual applications, confirm equipment functions and safety before using the product. ? consult your omron representative before using the product under conditions which are not described in the manual or applying the product to nuclear control systems, railroad systems, aviation systems, vehicles, combustion systems, medical equipment, amusement machines, safety equipment, and other systems or equipment that may have a serious influence on lives and property if used improperly. make sure that the ratings and performance characteristics of the prod uct provide a margin of safety for the system or equipment, and be sure to provide the system or equipment with double safety mechanisms. omron corporation electronic and mechanical components company contact: www.omron.com/ecb cat. no. k021-e1-09 0913(0207)(o) note: do not use this document to operate the unit.


▲Up To Search▲   

 
Price & Availability of G6B-1114P-FD-US-U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X