(1,00 mm) .0394" optional pick & place pads low pro le (1,79 mm) .071" surface mount ftm?125?02?l?dv ftmh ?111? 02? f? dv? es ?a ftmh?116?02?l?dv?p www.samtec.com no. pins per row type strip 1 mates with: clm, mle ftmh = 05 thru 50 ftm = 02 thru 50 (unshrouded) = 05 thru 46 (shrouded) ftmh = smt micro ftm = micro low pro? le lead style ?02 = (1,91 mm) .075" post (mates with mle) ?03 = (1,65 mm) .065" post (mates with clm) note: some lengths, styles and options are non-standard, non-returnable. for complete speci cations and rec om mend ed pcb layouts see www .samtec.com? ftmh or www .samtec.com? ftm insulator material: black liquid crystal polymer terminal material: phosphor bronze current rating (ftmh/clm): 2.8 a per pin (1 pin powered per row) operating temp range: -55? to +125? plating: sn or au over 50? (1,27 ?) ni rohs compliant: ye s processing: lead-free solderable: ye s -dv lead coplanarity: (0,10 mm) .004" max -dh lead coplanarity: (0,10 mm) .004" max (05-25) (0,15 mm) .006" max (26-50) f-214 specifications plating option ?f = gold ? ash on post, matte tin on tail ?l = 10" (0,25 m) gold on post, matte tin on tail smt micro terminal strips ? es option ? ep option ? ec option ?a option ?p option ?dh option ?dv option shrouded option removed for clarity a a (3,17) .125 no. of positions x (1,00) .03937 100 99 02 01 no. of positions x (1,00) .03937 + b (1,49) .059 (0,30) .012 sq typ (5,00) .197 (1,00) .03937 (1,80) .071 (5,21) .205 (2,59) .102 (3,10) .122 (1,91) .075 dia (1,22) .048 (3,84) .151 (4,32) .170 (3,18) .125 x (5,08) .200 (3,18) .125 (0,64) .025 dia (0,69) .027 ftmh option b ?es (1,57) .062 ?ec (4,06) .160 ?ep (5,49) .216 ftmh lead style a ?02 (1,91) .075 ?03 (1,65) .065 ftmh for complete scope of recognitions see www.samtec.com/quality recognitions also available (moq required) end shrouds with board locks molded end shrouds for 05 through 08 positions other platings contact samtec. free datasheet http://www.ndatasheet.com
ftmh, ftm series ftmh?120?02?l?dv ftmh?122?02?f?dv?ec ftmh?128?03?l?dv?ep flex shroud options available ftmh?135?02?f?dh ftm?125?02?l?dv surface mount shrouded and alignment pin options available low pro le (1,27 mm) .050" www.samtec.com row option other options flex shroud options ?a = alignment pin (3 positions minimum) metal or plastic at samtec discretion (ftmh?dv only) ?k = (2,50 mm) .098" dia polyimide film pick & place pad (ftmh?dh only) ?p = plastic pick & place pad (?dv only) (6 positions minimum) ?tr = tape & reel (ftm only) ?s = end shroud (05 positions minimum). molded or press ? t shroud at samtec?s discretion (see assembly print at www.samtec.com?ftm for dimensions) ?sa = end shroud with alignment pins (05 through 46 positions) (ftmh-dv only with 9 pins/row minimum) ?es = end shroud ?ec = end shroud with locking clip (manual placement required) ?ep = end shroud with guide post (use only when mating with clm) ?dv = dual vertical ?dh = dual horizontal (ftmh only) ?dv option ?sa option ?p option shrouded options removed for clarity no of positions x (1,00) .03937 (3,18) .125 (0,97) .038 d (1,27) .050 (5,21) .205 (3,23) .127 (4,44) .175 no. of positions x (1,00) .03937 + c 02 01 50 49 02 01 (0,30) .012 sq typ 46 45 (3,56) .140 (1,40) .055 (1,50) .059 (1,00) .039 dia (3,56) .140 (2,54) .100 x (5,08) .200 (3,18) .125 ?s option ftm ftm option c ?s (7,00) .276 ?sa (4,00) .157 ftm lead style d ?02 (1,91) .075 ?03 (1,65) .065 free datasheet http://www.ndatasheet.com
|