Part Number Hot Search : 
STMP3520 LLA219 25TTS NE559 D6417 ISL43231 C1446 BC547
Product Description
Full Text Search
 

To Download FMMT551 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0.4 +0.1 -0.1 2.9 +0.1 -0.1 0.95 +0.1 -0.1 1.9 +0.1 -0.1 2.4 +0.1 -0.1 1.3 +0.1 -0.1 0-0.1 0.38 +0.1 -0.1 0.97 +0.1 -0.1 0.55 0.4 1.base 2.emitter 3.collector 12 3 unit: mm sot-23 0.1 +0.05 -0.01 FMMT551 features 60 volt v ceo . 1 amp continuous current. absolute maximum ratings ta = 25 parameter symbol rating unit collector-base voltage v cbo -80 v collector-emitter voltage v ceo -60 v emitter-base voltage v ebo -5 v peak collector current i cm -2 a collector current i c -1 a base current i b -200 ma power dissipation p tot 500 mw operating and storage temperature range t j, t stg -55to+200 electrical characteristics ta = 25 parameter symbol testconditons min typ max unit collector-base breakdown voltage v (br)cbo i c =-100a -80 v collector-emitter breakdown voltage * v (br)ceo i c =-10ma -60 v emitter-base breakdown voltage v (br)ebo i e =-100a -5 v collector cutoff current i cbo v cb =-60v 0.1 a emitter cut-off current i ebo v eb =-4v 0.1 a collector-emitter saturation voltage * v ce( sat) i c =-150ma,i b =-15ma -0.35 v base-emitter saturation voltage * v be( sat) i c =-150ma,i b =-15ma -1.1 v i c =-150ma,v ce =-10v 50 150 i c =-1a, v ce =-10v 10 current-gain-bandwidth product f t i c =-50ma,v ce =-10v,f=100mhz 150 mhz output capacitance c obo v cb =-10v,f=1mhz 25 pf * pulse test: tp 300 s; d 0.02. h fe static forward currenttransfer ratio * marking marking 551 smd type ic smd type transistors smd type ic smd type transistors smd type transistors smd type transistors smd type transistors smd type transistors smd type transistors smd type ic smd type smd type ic smd type smd type ic smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type s m d ty p e i c t r a n s i s t o r s m d ty p e smd type smd type smd type smd type smd type product specification sales@twtysemi.com 1 of 1 http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of FMMT551

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X