Part Number Hot Search : 
LT1676 100NH00G DTC143XK MBR72008 BAT85S12 HMBT2484 D17010GF SI9200EY
Product Description
Full Text Search
 

To Download FI-A3215-181KJL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  world products inc. 19654 8th st. east, sonoma, ca, usa, 95476 . . phone: (707) 996-5201 . . fax: (707) 996-3380 chip ferrite inductors - features features magnetic shield eliminates crosstalk, perfect for high density surface mount applications. highly reliable in wide temperature and humidity range. superior "q" characteristics in wide frequency. terminal electrode has excellent solder heat resistance for soldering. applications prevention of electromagnetic interference in high frequency (100mhz - 1000mhz) applications. ordering information fi - a 2012 - 681 k j t (1) (2) (3) (4) (5) (6) (7) (1) series (2) material a: low inductance b: medium inductance c: high inductance (3) size dimensions the first two digits: length (mm) the last two digits: width (mm) (4) inductance the first two digits are significant the last digit is the number of zeros following. (5) tolerance j: 5% k: 10% m: 20% (6) termination j: nickel barrier (7) packing b: bulk pack t: tape and reel - ?178mm (7 inches) l: tape and reel - ?254mm (10 inches) shape and dimensions - unit: mm (inches) type l w t c(max.) fi-1608 1.6 0.15 (.063 .006) 0.8 0.15 (.031 .006) 0.8 0.15 (.031 .006) 0.5 (.019) fi-2012 2.0 0.20 (.079 .008) 1.25 0.20 (.049 .008) 1.25 0.20 (.049 .008) 0.6 (.024) fi-3216 3.2 0.20 (.126 .008) 1.6 0.20 (.063 .008) 1.3 0.20 (.051 .008) 0.7 (.028)
world products inc. 19654 8th st. east, sonoma, ca, usa, 95476 . . phone: (707) 996-5201 . . fax: (707) 996-3380 chip ferrite inductors - 0603 specifications 0603 is the u.s. inches equivalent for the 1608 millimeter series. part number inductance q l.q. test frequency self-resonant frequency (mhz) dc resistance (m ohms) rated dc current (ma) h tolerance min typ. (mhz) min typ. max typ. max fi-a1608-270 0.027 10%/20% 10 45 50 260 350 90 60 200 fi-a1608-470 0.047 10%/20% 10 45 50 260 320 150 100 200 fi-a1608-560 0.056 10%/20% 10 45 50 255 300 200 90 200 fi-a1608-680 0.068 10%/20% 10 45 50 250 290 200 90 200 fi-a1608-820 0.082 10%/20% 10 45 50 245 280 250 120 200 fi-a1608-101 0.10 5%/10%/20% 15 30 25 240 270 250 140 200 fi-a1608-121 0.12 5%/10%/20% 15 30 25 205 260 300 150 200 fi-a1608-151 0.15 5%/10%/20% 15 30 25 180 250 350 180 200 fi-a1608-181 0.18 5%/10%/20% 15 30 25 165 220 400 190 200 fi-a1608-221 0.22 5%/10%/20% 15 30 25 150 200 400 190 200 fi-a1608-271 0.27 5%/10%/20% 15 30 25 136 190 500 270 200 fi-a1608-331 0.33 5%/10%/20% 15 30 25 125 180 550 280 150 fi-a1608-391 0.39 5%/10%/20% 15 30 25 110 170 600 300 150 fi-a1608-471 0.47 5%/10%/20% 15 30 25 105 160 700 390 150 fi-a1608-561 0.56 5%/10%/20% 15 30 25 95 150 900 500 150 fi-a1608-681 0.68 5%/10%/20% 15 30 25 80 140 900 500 150 fi-a1608-821 0.82 5%/10%/20% 15 30 25 75 130 1600 800 100 fi-b1608-102 1.0 5%/10%/20% 35 50 10 70 95 500 250 100 fi-b1608-122 1.2 5%/10%/20% 35 50 10 60 80 600 250 100 fi-b1608-152 1.5 5%/10%/20% 35 50 10 55 70 650 300 50 fi-b1608-182 1.8 5%/10%/20% 35 50 10 50 70 750 350 50 fi-b1608-222 2.2 5%/10%/20% 35 50 10 45 60 900 450 50 fi-b1608-272 2.7 5%/10%/20% 35 50 10 40 55 1000 605 50
world products inc. 19654 8th st. east, sonoma, ca, usa, 95476 . . phone: (707) 996-5201 . . fax: (707) 996-3380 chip ferrite inductors - 0603 specifications - (continued) 0603 is the u.s. inches equivalent for the 1608 millimeter series.
world products inc. 19654 8th st. east, sonoma, ca, usa, 95476 . . phone: (707) 996-5201 . . fax: (707) 996-3380 chip ferrite inductors - 0805 specifications 0805 is the u.s. inches equivalent for the 2012 millimeter series. part number inductance q l.q. test frequency self-resonant frequency (mhz) dc resistance (m ohms) rated dc current (ma) h tolerance min typ (mhz) min typ max typ max fi-a2012-470 0.047 10%/20% 20 60 50 320 400 100 50 300 fi-a2012-560 0.056 10%/20% 20 60 50 300 380 150 80 300 fi-a2012-680 0.068 10%/20% 20 60 50 280 350 200 80 300 fi-a2012-820 0.082 10%/20% 20 60 50 255 320 200 80 300 fi-a2012-101 0.10 5%/10%/20% 25 50 25 235 300 200 90 250 fi-a2012-121 0.12 5%/10%/20% 25 50 25 220 280 200 65 250 fi-a2012-151 0.15 5%/10%/20% 25 50 25 200 250 200 60 250 fi-a2012-181 0.18 5%/10%/20% 25 50 25 185 230 200 100 250 fi-a2012-221 0.22 5%/10%/20% 25 50 25 170 220 250 100 250 fi-a2012-271 0.27 5%/10%/20% 25 50 25 150 200 300 150 250 fi-a2012-331 0.33 5%/10%/20% 25 50 25 145 180 300 150 250 fi-a2012-391 0.39 5%/10%/20% 30 50 25 135 170 400 190 200 fi-a2012-471 0.47 5%/10%/20% 30 50 25 125 160 400 190 200 fi-a2012-561 0.56 5%/10%/20% 30 50 25 115 150 400 280 150 fi-a2012-681 0.68 5%/10%/20% 30 50 25 105 135 500 300 150 fi-a2012-821 0.82 5%/10%/20% 30 50 25 100 125 600 350 150 fl-b2012-102 1.0 5%/10%/20% 45 75 10 75 105 300 120 100 fl-b2012-122 1.2 5%/10%/20% 45 75 10 65 95 400 140 100 fl-b2012-152 1.5 5%/10%/20% 45 75 10 60 85 400 140 100 fl-b2012-182 1.8 5%/10%/20% 45 75 10 55 75 400 160 100 fl-b2012-222 2.2 5%/10%/20% 45 80 10 50 70 400 200 50 fl-b2012-272 2.7 5%/10%/20% 45 80 10 45 65 500 250 50 fl-b2012-332 3.3 5%/10%/20% 45 80 10 40 55 500 270 50 fl-b2012-392 3.9 5%/10%/20% 45 80 10 38 50 1000 500 50 fl-b2012-472 4.7 5%/10%/20% 45 80 10 35 48 1400 700 50
world products inc. 19654 8th st. east, sonoma, ca, usa, 95476 . . phone: (707) 996-5201 . . fax: (707) 996-3380 chip ferrite inductors - 0805 specifications - (continued) 0805 is the u.s. inches equivalent for the 2012 millimeter series. part number inductance q l.q. test frequency self-resonant frequency (mhz) dc resistance (m ohms) rated dc current (ma) h tolerance min typ (mhz) min typ max typ max fi-c2012-562 5.6 5%/10%/20% 50 60 4 32 45 500 250 50 fi-c2012-682 6.8 5%/10%/20% 50 60 4 29 40 600 330 25 fi-c2012-822 8.2 5%/10%/20% 50 60 4 26 36 700 380 25 fi-c2012-103 10.0 5%/10%/20% 50 60 2 24 33 800 450 25 fi-c2012-123 12.0 5%/10%/20% 50 60 2 22 30 800 470 25 fi-c2012-153 15.0 5%/10%/20% 30 40 1 19 27 1500 750 15 fi-c2012-183 18.0 5%/10%/20% 30 40 1 18 25 1500 810 15 fi-d2012-223 22.0 5%/10%/20% 30 40 1 16 22 700 350 5 fi-d2012-273 27.0 5%/10%/20% 30 40 1 14 20 800 450 5 fi-d2012-333 33.0 5%/10%/20% 30 40 0.4 13 18 1000 600 5
world products inc. 19654 8th st. east, sonoma, ca, usa, 95476 . . phone: (707) 996-5201 . . fax: (707) 996-3380 chip ferrite inductors - 1206 specifications 1206 is the u.s. inches equivalent for the 3216 millimeter series. part number inductance q l.q. test frequency self-resonant frequency (mhz) dc resistance (m ohms) rated dc current (ma) h tolerance min typ (mhz) min typ max typ max fi-a3216-470 0.047 10%/20% 20 60 50 320 400 150 80 300 fi-a3216-560 0.056 10%/20% 20 60 50 300 360 150 80 300 fi-a3216-680 0.068 10%/20% 20 60 50 280 330 150 100 300 fi-a3216-820 0.082 10%/20% 20 50 50 255 300 150 100 300 fi-a3216-101 0.10 5%/10%/20% 25 25 25 235 280 200 100 250 fi-a3216-121 0.12 5%/10%/20% 25 50 25 220 260 200 100 250 fi-a3216-151 0.15 5%/10%/20% 25 50 25 200 240 200 100 250 fi-a3215-181 0.18 5%/10%/20% 25 50 25 185 220 200 100 250 fi-a3216-221 0.22 5%/10%/20% 25 50 25 170 200 250 120 250 fi-a3216-271 0.27 5%/10%/20% 25 50 25 150 180 250 120 250 fi-a3216-331 0.33 5%/10%/20% 25 50 25 145 170 300 130 250 fi-a3216-391 0.39 5%/10%/20% 30 50 25 135 160 300 150 200 fi-a3216-471 0.47 5%/10%/20% 30 50 25 125 145 300 150 200 fi-a3216-561 0.56 5%/10%/20% 30 50 25 115 135 350 170 150 fi-a3216-681 0.68 5%/10%/20% 30 50 25 105 125 350 250 150 fi-a3216-821 0.82 5%/10%/20% 30 50 25 100 115 400 300 150 fi-b3216-102 1.0 5%/10%/20% 45 80 10 75 90 250 130 100 fi-b3216-122 1.2 5%/10%/20% 45 80 10 65 80 300 150 100 fi-b3216-152 1.5 5%/10%/20% 45 80 10 60 70 300 170 50 fi-b3216-182 1.8 5%/10%/20% 45 80 10 55 66 500 250 50 fi-b3216-222 2.2 5%/10%/20% 45 80 10 50 58 600 300 50 fi-b3216-272 2.7 5%/10%/20% 45 80 10 45 53 600 300 50 fi-b3216-332 3.3 5%/10%/20% 45 85 10 41 49 700 350 50 fi-b3216-392 3.9 5%/10%/20% 45 85 10 38 45 800 400 50 fi-b3216-472 4.7 5%/10%/20% 45 85 10 35 41 800 400 50
world products inc. 19654 8th st. east, sonoma, ca, usa, 95476 . . phone: (707) 996-5201 . . fax: (707) 996-3380 chip ferrite inductors - 1206 specifications - (continued) 1206 is the u.s. inches equivalent for the 3216 millimeter series. part number inductance q l.q. test frequency self-resonant frequency (mhz) dc resistance (m ohms) rated dc current (ma) h tolerance min typ (mhz) min typ max typ max fi-c3216-562 5.6 5%/10%/20% 50 65 4 32 38 600 300 50 fi-c3216-682 6.8 5%/10%/20% 50 65 4 29 34 600 300 50 fi-c3216-822 8.2 5%/10%/20% 50 65 4 26 31 600 330 50 fi-c3216-103 10.0 5%/10%/20% 50 65 2 24 28 700 380 50 fi-c3216-123 12.0 5%/10%/20% 50 65 2 22 26 900 450 25 fi-c3216-153 15.0 5%/10%/20% 35 45 1 19 23 1100 550 25 fi-c3216-183 18.0 5%/10%/20% 35 45 1 18 21 1500 800 25 fi-c3216-223 22.0 5%/10%/20% 35 45 1 16 19 1500 800 25 fi-c3216-273 27.0 5%/10%/20% 35 45 1 14 17 1500 800 25 fi-c3216-333 33.0 5%/10%/20% 35 45 0.4 13 16 1600 850 25


▲Up To Search▲   

 
Price & Availability of FI-A3215-181KJL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X