Part Number Hot Search : 
11AA020 9162B E13009L EM871 KBL6005 PT2127A BUV27G 3EH15
Product Description
Full Text Search
 

To Download FFB36L0245K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  medium power film capacitors ffb (rohs compliant) the ffb series uses a non-impregnated metallized polypropylene or polyester dielectric with the controlled self-healing process, specially treated to have a very high dielectric strength in operating conditions up to 105c. the ffb has been designed for printed circuit board mount- ing. furthermore, their performances allow to be a very inter- esting alternative to electrolytic technology because they can withstand much higher levels of surge voltage. applications the ffb capacitor is particularly designed for dc filtering, low reactive power. hot spot calculation see hot spot temperature, page 3. hot spot = ambient + (p d + p t ) x r th with p d (dielectric losses) = q x tg 0 q x tg 0 ? [ 1 ? 2 x c n x (v peak to peak ) 2 x f ] x tg 0 tg 0 (tan delta) for polypropylene, tg 0 = 2 x 10 -4 for frequencies up to 1mhz and is independent of temperatures. for polyester, tg 0 values are shown in graph 4 on page 3. p t (thermal losses) = r s x (i rms ) 2 where c n in farad i rms in ampere f in hertz vin volt r s in ohm in c r th in c/w working temperature (according to the power to be dissipated) -55c to +105c lifetime expectancy one unique feature of this technology (as opposed to elec- trolytics) is how the capacitor reacts at the end of its lifetime. unlike aluminum, electrolytics film capacitors do not have a catastrophic failure mode. film capacitors simply experience a parametric loss of capacitance of about 2%, with no risk of short circuit. please note that this is theoretical, however, as the capacitor continues to be functional even after this 2% decrease. 4 dc filtering packaging material self-extinguishing plastic case (v0 = in accordance with ul 94) filled thermosetting resin. self-extinguishing thermosetting resin (v0 = in accordance with ul 94; i3f2 = in accordance with nf f 16-101). standards iec 61071-1, iec 61071-2: power electronic capacitors iec 60384-16: fixed metallized polypropylene film dielectric dc capacitors iec 60384-16-1: fixed metallized polypropylene film dielectric dc capacitors assessment level e iec 60384-17: fixed metallized polypropylene film dielectric ac and pulse capacitors iec 60384-17-1: fixed metallized polypropylene film dielectric ac and pulse capacitors assessment level e iec 60384-2: fixed metallized polyester capacitors
5 dc filtering medium power film capacitors ffb (rohs compliant) length height ls 0.4 min (0.015 min) 5.5 1 (0.216 0.039) width lead general tolerance: 0.5mm (0.020) 32 (1.259) 37 (1.456) 0.4 min (0.015 min) 5.5 1 (0.216 0.039) 1.2 0.1 (0.047 0.003) 12.7 0.5 (0.5 0.020) width ep 0.6 (0.023) general tolerance: 0.5mm (0.020) 22 (0.866) 27.5 0.5 (1.082 0.019) dimensions: millimeters (inches) case size case style length width height dimensions ls mm 0.40 mm 0.40 mm 0.30 lead mm +10% -0.05 mm 0.40 (inches) (inches) (inches) (inches) (inches) 1 po 31.1 (1.230) 13.0 (0.510) 22.4 (0.880) ? 0.80 (0.031) 27.5 (1.083) 2 18 31.1 (1.230) 14.6 (0.580) 25.7 (1.010) ? 0.80 (0.031) 27.5 (1.083) 3 19 31.1 (1.230) 17.3 (0.680) 29.8 (1.170) ? 0.80 (0.031) 27.5 (1.083) 4 26 31.1 (1.230) 20.8 (0.820) 31.3 (1.230) ? 1.00 (0.039) 27.5 (1.083) r68 2 leaded 32.0 (1.260) 22.0 (0.870) 37.0 (1.460) ? 1.00 (0.039) 27.5 (1.083) 5 style r68 1.20 x 0.60 4 leaded 32.0 (1.260) 22.0 (0.870) 37.0 (1.460) (0.047 x 0.023) 27.5 (1.083) style case style: p0; 18; 19; 26; r68 2 leaded style case style: r68 4 leaded style general description how to order ffb series 1 case size 1 2 3 4 5 4 dielectric 4 = polyester 6 = polypropylene d voltage code d = 75vdc e = 100vdc h = 300vdc i = 400vdc j = 525vdc a = 720vdc c = 900vdc l = 1100vdc 0336 capacitance code 0 + pf code 0336 = 33f 0686 = 68f 0117 = 110f etc. k capacitance tolerances k = 10% CC lead styles C C = 2 leaded jc = 4 leaded consult factory for special options
medium power film capacitors ffb (rohs compliant) C polyester dielectric part number capacitance case style i rms max. r s r th typical (f) (a) (m  ) (c/w) weight (g) v n dc 75v vrms max.: 45 volts voltage code: d ffb14d0336k-- 33 po 3 3 40.7 15 ffb24d0476k-- 47 18 4.3 2 33.3 20 ffb34d0686k-- 68 19 6.2 1.7 29.9 25 ffb44d0826k-- 82 26 7.4 1.6 26.7 32 ffb54d0117k-- 110 r68 10 1.4 22.9 40 (2 terminals) ffb54d0117kjc 110 r68 10 1.4 22.9 40 (4 terminals) v n dc 100v vrms max.: 60 volts voltage code: e ffb14e0206k-- 20 po 2.6 3 40.5 15 ffb24e0276k-- 27 18 3.5 2.5 33.3 20 ffb34e0396k-- 39 19 5 2 29.8 25 ffb44e0476k-- 47 26 6 1.7 26.6 32 ffb54e0686k-- 68 r68 9 1.4 22.8 40 (2 terminals) ffb54e0686kjc 68 r68 9 1.4 22.8 40 (4 terminals) v n dc 300v vrms max.: 90 volts voltage code: h ffb14h0755k-- 7.5 po 2.4 16 40.7 15 ffb24h0116k-- 11 18 3.6 11 33.5 20 ffb34h0166k-- 16 19 5.2 8 29.9 25 ffb44h0186k-- 18 26 6 7 27.1 32 ffb54h0276k-- 27 r68 9 5 22.9 40 (2 terminals) ffb54h0276kjc 27 r68 9 5 22.9 40 (4 terminals) v n dc 400v vrms max.: 105 volts voltage code: i ffb14i0625k-- 6.2 po 2.5 17 40.5 15 ffb24i0755k-- 7.5 18 3.1 14 33.5 20 ffb34i0126k-- 12 19 5 9 29.9 25 ffb44i0156k-- 15 26 6.2 7 26.4 32 ffb54i0206k-- 20 r68 8.2 5.5 22.8 40 (2 terminals) ffb54i0206kjc 20 r68 8.2 5.5 22.8 40 (4 terminals) ratings and part number reference C polyester dielectric 6 dc filtering climatic category 55/105/56 (iec 60068) test voltage between terminals @ 25c 1.5 x v n dc capacitance range c n 6.2f to 110f tolerance on c n 10% rated dc voltage v n dc 75 to 400 v dielectric polyester max stray inductance 20nh electrical characteristics C polyester dielectric polyester dielectric for low voltage dc filtering 50 c 60 c 70 c 95 c 85 c 105 c v w /v n dc 1.2 1.1 1.0 0.8 0.9 0.7 0.6 0.5 0.4 0.3 100 1000 10000 100000 lifetime expectancy (hour s ) lifetime expectancy vs voltage and hot spot temperature C polyester dielectric vw = permanent working or operating dc voltage.
7 dc filtering 50 c 60 c 70 c 95 c 85 c 80 c 105 c v w /v n dc 1.2 1.1 1.0 0.8 0.7 0.9 100 1000 10000 100000 lifetime expectancy (hour s ) lifetime expectancy vs voltage and hot spot temperature C polypropylene dielectric vw = working dc voltage ? vn = rated dc voltage medium power film capacitors ffb (rohs compliant) C polypropylene dielectric climatic category 55/105/56 (iec 60068) test voltage between terminals @ 25c 1.5 x v n dc capacitance range c n 1.5f to 13f tolerance on c n 10% rated dc voltage v n dc 525 to 1100 v dielectric polypropylene electrical characteristics C polypropylene dielectric polypropylene dielectric for industrial dc filtering these capacitors have been designed principally for high and medium power dc filtering applications. part number capacitance case style i rms max. r s r th typical (f) (a) (m  ) (c/w) weight (g) v n dc 525v vrms max.: 105 volts voltage code: j ffb16j0395k-- 3.9 po 5.1 30 45.7 15 ffb26j0565k-- 5.6 18 7.4 21 36.4 20 ffb36j0825k-- 8.2 19 10.9 15 32.6 25 ffb46j0106k-- 10 26 12 12 29.8 32 ffb56j0136k-- 13 r68 12 9 24.3 40 (2 terminals) ffb56j0136kjc 13 r68 16.7 9 24.3 40 (4 terminals) v n dc 720v vrms max.: 120 volts voltage code: a ffb16a0335k-- 3.3 po 5.0 31 45.0 15 ffb26a0435k-- 4.3 18 6.5 24 36.2 20 ffb36a0625k-- 6.2 19 9.4 17 32.7 25 ffb46a0755k-- 7.5 26 11.4 14 29.9 32 ffb56a0106k-- 10 r68 12 11 24.2 40 (2 terminals) ffb56a0106kjc 10 r68 15.2 11 24.2 40 (4 terminals) v n dc 900v vrms max.: 150 volts voltage code: c ffb16c0205k-- 2 po 3.6 41 45.7 15 ffb26c0275k-- 2.7 18 4.9 30 36.6 20 ffb36c0395k-- 3.9 19 7.2 21 32.9 25 ffb46c0515k-- 5.1 26 9.3 16 29.7 32 ffb56c0685k-- 6.8 r68 12 12 24.1 40 (2 terminals) ffb56c0685kjc 6.8 r68 12.5 12 24.1 40 (4 terminals) v n dc 1100v vrms max.: 180 volts voltage code: l ffb16l0155k-- 1.5 po 3.3 45 45.2 15 ffb26l0185k-- 1.8 18 3.9 40 36.5 20 FFB36L0245K-- 2.4 19 5.3 28 33.4 25 ffb46l0305k-- 3 26 6.6 23 30.2 32 ffb56l0475k-- 4.7 r68 10.3 15 24.1 40 (2 terminals) ffb56l0475kjc 4.7 r68 10.3 15 24.1 40 (4 terminals) ratings and part number reference C polypropylene dielectric
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: avx: ? ffb54i0206k--? ffb56j0136kjc? ffb54e0686k--? ffb54h0276k--? ffb34i0126k--? ffb16j0395k? ffb56a0106kjc? ffb34e0396k--? ffb46j0106k? ffb46c0515k? ffb14i0625k? ffb44h0186k? ffb54d0117k--? ffb14e0206k? ffb56c0685k--? ffb34d0686k? ffb14h0755k? ffb16a0335k? ffb44i0156k? ffb46l0305k? ffb44e0476k? ffb46a0755k? ffb16l0155k? ffb14d0336k? ffb16c0205k? ffb56j0136k? ffb56a0106k? ffb24e0276k--? ffb24h0116k--? ffb24i0755k--? ffb26a0435k--? ffb26c0275k--? ffb26j0565k--? ffb26l0185k- -? ffb34h0166k--? ffb36a0625k--? ffb36c0395k--? ffb36j0825k--? FFB36L0245K--? ffb44d0826k--? ffb56l0475k--? ffb54h0276kjc? ffb54d0117kjc? ffb54e0686kjc? ffb24d0476k? ffb16l0155k--? ffb46j0106k--? ffb46l0305k--? ffb44i0156k--? ffb14i0625k--? ffb44e0476k--? ffb14h0755k--? ffb16j0395k-- ? ffb14d0336k--? ffb16a0335k--? ffb56j0136k--? ffb16c0205k--? ffb34d0686k--? ffb46c0515k--? ffb24d0476k--? ffb14e0206k--? ffb46a0755k--


▲Up To Search▲   

 
Price & Availability of FFB36L0245K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X