Part Number Hot Search : 
D4C0605N TPSMB13 ADM6384 KBP206 T993E SP691A KMOC30 ZL301
Product Description
Full Text Search
 

To Download EE-2001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  EE-2001/2002 npn to pnp conversion connector for amplified photomicrosensors h converts npn output to pnp output by easy connection to amplified photomicrosensors h easy solution to achieve pnp output as required in the u.s. and europe ordering information applicable amplified photomicrosensor models part number ee-spx301 ee-spx401 ee-spy301 ee-spy401 ee-spy302 ee-spy402 ee-spz301-a ee-spz401-a ee-spz301y-01 ee-spz401y-01 ee-spz301w-01 ee-spz401w-01 ee-spz301w-02 ee-spz401w-02 ee-spz301 ee-spz401 EE-2001 ee-sx670/-a ee-sx671/-a ee-sx672/-a ee-sx673/-a ee-sx470 ee-sx471 ee-sx472 ee-sx473 ee-spy311 ee-spy312 ee-spy411 ee-spy412 ee-sy671 ee-sy672 ee-spx303/403 ee-spx311/411 ee-sb5v/-e ee-sb5vc ee-sb5m ee-sb5mc ee-2002 specifications note: t a =25 c(77 f), 65% rh item value supply voltage* 5vto24vdc 10%, ripple (p-p): 5% max. consumption current 5 ma max. under the following conditions: connector side: =open, short circuit between in and ? cord side: =26.4v, out= open, ? =0v control output 100 ma max. (residual voltage = 0.8 v max.) ambient temperature operating -10 cto55 c(14 f to 131 f) p storage -25 cto65 c(-13 f to 149 f) ambient humidity operating 5to85%rh y storage 5to95%rh *use the indicated supply voltages for the specified products below: supply voltage part number 12 to 24 vdc 10%, ripple (p-p): 5% max. ee-spx303, ee-spx403 5to15vdc 10%, ripple (p-p): 5% max. ee-sb5v/-e, ee-sb5vc 5to12vdc 10%, ripple (p-p): 5% max. ee-sb5m, ee-sb5mc
EE-2001/2002 EE-2001/2002 2 operation j wiring diagram + -- + -- connector side npn output type built-in amplifier photomicrosensor in main circuit out 5vdcto24vdc 0v cord side load dimensions unit: mm (inch) j EE-2001 1 2 3 16.2 (0.64) 20 10 40 (1.57) 200 30 ? 4.0 ? 8 12 (0.47) 200 30 8 11.8 (0.46) 5.3 (0.21)
EE-2001/2002 EE-2001/2002 3 j ee-2002 8 1 2 3 20 10 40 (1.57) 200 30 ? 4.0 ? 8 12 (0.47) 200 30 note: insulator material of cable is vinyl chloride. 12.5 (0.49) 4.9 (0.19) 10.7 (0.42) terminal arrangement connector side (sensor side) cord side (power supply side) circuit no. (cable color) function cable color function 1 (brown) v cc (+) brown v cc (+) 2 (black) input (sensor/output) black output 3 (blue) g(0) blue g(0)
EE-2001/2002 EE-2001/2002 4 cat. no. gc a pms-1 09/02 specifications subj ect to c hange without notice. printed i n u.s.a. omron electronics llc oneeastcommercedrive schaumburg, il 60173 note: dimensions shown are in millimeters. t o convert millimeters to inches divide by 25.4. 1-800-55-omron omron canada, inc. 885 milner avenue 416-286-6465 r omron on--line global -- http://www.omron.com usa -- http://www.omron.com/oei canada -- http://www.omron.com/oci toronto, ontario m1b 5v8
2 switching power supply s8 jj s82k din-rail mount power supply with a wide power range of 3 to 240 w h universal voltage range h all models are ul 508 listed h class 2 approved on all models below 240-w, except dual-output types h undervoltage indicators on all. 90-w, 100-w and 240-w ?t?-models have indicator and output h pfc models meet en61000-3-2 (limits for harmonic current emissions) h parallel operation capability (100-w and 240-w) h finger-safe terminal block with cover according to vde0106/p100 h approvals: ul, csa, vde, and ce h 3-year warranty u r ordering information rated input l t power ratings output voltage output t function configuration part number p voltage g p g p current output undervoltage alarm pfc 100 to 240 vac 3w 5v 0.6 a single t t indicator only no s82k-00305 12 v 0.25 a g output y s82k-00312 15 v 0.2 a s82k-00315 24 v 0.13 a s82k-00324 7.5 w 5v 1.5 a s82k-00705 12 v 0.6 a s82k-00712 15 v 0.5 a s82k-00715 24 v 0.3 a s82k-00724 +12v/--12v 0.3 a/0.2 a dual output s82k-00727 +15v/--15v 0.2 a/0.2 a p s82k-00728 15 w 5v 2.5 a single t t s82k-01505 12 v 1.2 a g output s82k-01512 24 v 0.6 a s82k-01524 30 w 5v 5.0 a s82k-03005 12 v 2.5 a s82k-03012 24 v 1.3 a s82k-03024 50 w 24 v 2.1 a s82k-05024 (this table continues on the next page.)
s8 jj s8 jj 3 rated input l t power ratings output voltage output t function configuration part number p voltage g p g p current output undervoltage alarm pfc 120/240 vac l t b l 90 w 24 v 3.75 a single t t indicator and t t no s82k-p09024 / selectable g output output yes s82k-09024 100 w 24v 4.2 a no s82k-p10024 yes s82k-10024 120/230 vac l t b l 240 w 24 v 10 a no s82k-24024t / selectable none s82k-24024 100 to 230 vac yes s82k-p24024
s8 jj s8 jj 4 s82j din-rail mounting industrial power supplies with capacity up to 600 w h models range from 10 to 600 w h ul 508 approval h class 2 approval available for models below 100 w h universal input or selectable input h wide range of output voltages: 5 v, 12 v, 15 v, or 24 v h ul, csa, vde, and ce approvals h 3-year warranty ordering information j open-frame type power supplies rated input voltage power i output part number p g ratings voltage current front-mounting bracket din-rail mounting bracket 5v 2a s 82 j- 01005 a s 82 j- 01005 ad 1 0 w 12 v 1a s 82 j- 01012 a s 82 j- 01012 ad 10 w 15 v 0.7 a s 82 j- 01015 a s 82 j- 01015 ad 24 v 0.5 a s 82 j- 01024 a s 82 j- 01024 ad 5v 5a s 82 j- 02505 a s 82 j- 02505 ad 100 to 240 vac 2 5 w 12 v 2.1 a s 82 j- 02512 a s 82 j- 02512 ad 25 w 15 v 1.7 a s 82 j- 02515 a s 82 j-02515ad 24 v 1.1 a s 82 j- 02524 a s 82 j- 02524 ad 5v 10 a s 82 j- 05005 a s 82 j- 05005 ad 50 w 12 v 4.2 a s 82 j- 05012 a s 82 j- 05012 ad 24 v 2.1 a s 82 j- 05024 a s 82 j- 05024 ad 120 or 240 vac ( t t i l l l t d ) 5v 20 a s 82 j- 10005 a s 82 j- 10005 ad (automatically selected) 1 0 0 w 12 v 8.5 a s 82 j- 10012 a s 82 j- 10012 ad 100 w 15 v 7a s 82 j- 10015 a s 82 j- 10015 ad 100 to 240 vac 24 v 4.5 a s 82 j- 10024 a s 82 j- 10024 ad 120 or 240 vac (automatically selected) 150 w 24 v 6.5 a s 82 j- 15024 a s 82 j- 15024 ad
s8 jj s8 jj 5 j covered-frame type power supplies rated input voltage power i output part number p g ratings voltage current front-mounting bracket din-rail mounting bracket 5v 2a s 82 j- 01005d s 82 j- 01005 dd 1 0 w 12 v 1a s 82 j- 01012d s 82 j- 01012 dd 10 w 15 v 0.7 a s 82 j- 01015d s 82 j- 01015 dd 24 v 0.5 a s 82 j- 01024d s 82 j- 01024 dd 5v 5a s 82 j- 02505d s 82 j- 02505 dd 100 to 240 vac 2 5 w 12 v 2.1 a s 82 j- 02512d s 82 j- 02512 dd 25 w 15 v 1.7 a s 82 j- 02515d s 82 j-02515dd 24 v 1.1 a s 82 j- 02524d s 82 j- 02524 dd 5v 10 a s 82 j- 05005d s 82 j- 05005 dd 50 w 12 v 4.2 a s 82 j- 05012d s 82 j- 05012 dd 24 v 2.1 a s 82 j- 05024d s 82 j- 05024 dd 120 or 240 vac ( t t i l l l t d ) 5v 20 a s 82 j- 10005d s 82 j- 10005 dd (automatically selected) 1 0 0 w 12 v 8.5 a s 82 j- 10012d s 82 j- 10012 dd 100 w 15 v 7a s 82 j- 10015d s 82 j- 10015 dd 100 to 240 vac 24 v 4.5 a s 82 j- 10024d s 82 j- 10024 dd 120 or 240 vac (automatically selected) 150 w 24 v 6.5 a s 82 j- 15024d s 82 j- 15024 dd j enclosed-frame type power supplies input voltage power rating output part number p g g voltage current 120 or 230 vac (selectable) 300 w 24 v 14.0 a s82j-30024 ( ) 600 w 24 v 27.0 a s82j-60024 note: 1. a mounting bracket is included with each power supply. 2. to order without a mounting bracket (normally included with the 300 w or 600 w), add an ?n? at the end of the part number. 3. for other accessories, refer to the accessories section that follows.
s8 jj s8 jj 6 s8vs small sized, din-rail mount power supply with led display h ultra-compactsize40wx95h(60w model) h 3-digit, 7-segment led display shows status at a glance for output voltage, output current, peak current, lifetime years, and run time hours h incorporates a maintenance forecast monitor that displays the remaining life of the power supply, displayed in years h run-time monitor model displays how long the output has been on, displayed in thousands of hours h 90 w model has two outputs; one for undervoltage output and the other is for either the lifetime monitor or run time monitor h approved by ul, cul, ul508 listed, class 2 output (60 w only) h ce marked h three-year warranty ordering information power ratings type output voltage output current part number 60 w standard 24 v 2.5 a s8vs-06024 with maintenance forecast monitor s8vs-06024a with total runtime monitor s8vs-06024b 90 w standard 3.75 a s8vs-09024 with maintenance forecast monitor s8vs-09024a with total runtime monitor s8vs-09024b
s8 jj s8 jj 7 s8ts block-type power supply easily connects with multiple units and offers many output combinations h ac/dc bus system h up to four blocks can be connected to increase power from 60 to 240 w h n+1 redundant capability to highly reliable system h flexible connection for mult-output power supply (5 v, 12 v, 24 v outputs) h size consistency minimizes stock types h ul 508 listed, class 2 output and class 1 div. 2 approved h complies with en6100-3-2 (limits for harmonic current) h 3-year warranty ordering information j basic block description part number output voltage output current with line bus connectors without line bus connector 24 v 2.5 a s8ts-06024f-e1 s8ts-06024f 12 v s8ts-03012f-e1 s8ts-03012f 5v 5a ? s8ts-02505f j bus line connector type part number ac line + dc line bus (for parallel operation) s8t-bus01 ac line bus (for series operation or isolated operation) s8t-bus02 j accessories type length width part number din rail 0.5 m (1.64 ft.) 7.3 mm (0.29 in) pfp-50n 1 m (3.28 ft.) 7.3 mm (0.29 in) pfp-100n 1 m (3.28 ft.) 16 mm (0.63 in) pfp-100n2 end plate pfp-m
s8 jj s8 jj 8 cat. no. gc apms-1 09/02 specifications subj ect to change without notice. printed in u.s.a. omron electronics llc oneeastcommercedrive schaumburg, il 60173 note: dimensions shown are in millimeters. t o convert millimeters to inches divide by 25.4. 1-800-55-omron omron canada, inc. 885 milner avenue 416-286-6465 r omron on--line global -- http://www.omron.com usa -- http://www.omron.com/oei canada -- http://www.omron.com/oci toronto, ontario m1b 5v8


▲Up To Search▲   

 
Price & Availability of EE-2001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X