Part Number Hot Search : 
2SC2650 SGB15N PEX8508 BYV27150 47709 TX0147A 74HC14 XC4000
Product Description
Full Text Search
 

To Download CPCI-R6700D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6u cpci blades http://www.adlinktech.com/cpci/ specifcations processor & system cpu ufc-pga intel ? core? i7-2710qe processor 2.1ghz (turbo boost to 3ghz), 6mb llc, 45w tdp (4c) ufc-pga intel ? core? i5-2510e processor 2.5ghz (turbo boost to 3.2ghz), 3mb llc, 35w tdp (2c) ufc-pga intel ? celeron ? b810 processor 1.6ghz, 2mb llc, 35w tdp (2c) supports intel ? hyper-threading and turbo boost technology for core? i5/i7 processors chipset intel ? qm67 pch memory dual channel ddr3-1066/1333/1600 sdram via two sodimm sockets, up to 16gb capacity (dependent on available memory modules) bios ami ? efi bios, 64mbit spi fash memory compactpci bus pci 64bit/ 66mhz, 3.3v or 5v universal v(i/o) supports operation in system slot as master or in peripheral slot as stand-alone blade without connectivity to compactpci ? bus (satellite mode) picmg standards picmg 2.0 compactpci r3.0 picmg 2.1 hot swap r2.0 picmg 2.9 system management r1.0 picmg 2.16 packet switch backplane r1.0 connectivity pmc/xmc one pci 32bit, 33/66mhz pmc or pcie x8 xmc site (8hp only) ethernet three pci express intel ? 82574l gbe and one intel ? 82579lm phy controllers for four 10/100/1000base-t ports three rj-45 ports on front panel; two to j3 for picmg 2.16 (one switched from front panel) supports kvm redirection and sol graphics integrated in intel ? core? processor, 3d engine one dvi-i (digital+analog) port on front panel, analog rgb is switchable to rear, supports up to qxga 2048x1536 pixels @75hz, 32bits one dual mode displayport on front panel, supports up to 25601600 pixels @60hz; dvi, vga and hdmi interfaces are available by adapter cables one dvi port routed to rear additional discrete ati/amd e4690 gpu supporting two dvi-i ports on rtm cpci-r6700 up to four independent displays usb up to three usb 2.0 front panel ports six usb ports routed to rear ps/2 front panel ps/2 keyboard mouse port serial port up to two serial ports on front panel (1 for 4hp, 2 for 8hp) supports rs-232/422/485 on com1 additional two serial ports routed to rear audio high defnition audio signals routed to rear storage sbc one sata 6 gb/s direct connector for 2.5 onboard hdd/ssd one sata 6 gb/s signal connector (7-pin) on board onboard cfast socket on sata 3 gb/s rtm up to 3 sata ports cf (x1) and sd (x1) sockets eight sas ports by lsisas1068e with hardware raid by two mini sas x4 connectors operating system os microsoft windows ? xp microsoft windows ? 7 redhat enterprise linux 6 fedora 14 wind river vxworks 6.9, 6.8, 5.4 (please contact adlink for other os support) miscellaneous led power, wdt, hard disk, hot swap battery coin cell lithium battery onboard for rtc cmos ram tpm atmel at97sc3204 (optional, support upon request) watchdog timer system reset and nmi, with programmable interval, 1-65535 seconds or minutes hardware monitor monitors cpu temperature, system temperature, vcore and dc voltages mechanical & environmental form factor 6u 4hp/8hp compactpci ? 233.33mm x 160mm (lxw) equipped with compactpci connectors j1, j2, j3, j5 operating temperature 0c to 60c -40c to 70c extended temperature (cpci-et6210 models) -40c to +85c extreme extended temperature (cpus with 35w tdp, 8hp only) storage temperature -40c to 85c rh humidity 95% non-condensing shock 15g peak-to-peak, 11ms duration, non-operating vibration 2 grms random vibration, 5-500hz, each axis power consumption* 1.35a@3.3v, 7.9a@5v, total 44w for core i5-2510e 1.36a@3.3v, 13.56a@5v, total 72.3w for core i7-2710qe *100% cpu loading under windows xp with turbo boost and hyper-threading enabled emi/emc en 55022 class a, en 55024, en 61000-3-2, en 61000-3-3 6u compactpci ? quad-core 2nd generation intel ? core? i7 processor host/peripheral blade cpci-6210 series features quad-core intel ? core? i7-2710qe processor @2.1ghz displayport, dvi and vga graphics interfaces sata 6 gb/s and cfast storage interfaces pci express x8 xmc slot in 8hp version remote management support cpci-6210d cpci-6210 kb/ms pmc/ xmc com dp dvi-i lan usb com compactpci r 2 2-11
i/o table (1) rs-232/422/485 selectable (2) one rs-232/422/485 selectable, one tx, rx signals only (3) one for onboard 2.5 sata, one 7-pin connector for external hdd (4) tx, rx signals only (5) two 7-pin signal connectors onboard for external hdds and one direct connector for onboard 2.5 sata hdd. sata direct connector can be replaced by compactflash adapter (db-6920cf) for cf slot (6) converted from usb (7) space is reserved onboard for one 2.5 sata drive. ordering information model number description/confguration processor blades cpci-6210/710q/m8g 4hp cpci-6210 with intel ? i7-2710qe processor and 2x 4gb ddr3-1333 sodimm with gbe x3, com, dp, dvi-i, usb x3, sata x2, ps/2 kb/ms, cfast cpci-6210/510e/m4g 4hp cpci-6210 with intel ? i5-2510e processor and 2x 2gb ddr3-1333 sodimm with gbe x3, com, dp, dvi-i, usb x3, sata x2, ps/2 kb/ms, cfast cpci-6210d/710q/m8g 8hp cpci-6210 with intel ? i7-2710qe processor and 2x 4gb ddr3-1333 sodimm with gbe x3, com x2, dp, dvi-i, usb x3, sata x2, ps/2 kb/ms and pmc/xmc, cfast rear transition modules cpci-r6100 4hp rear i/o module with gbe x4, com, usb x4, sata x2, dvi, vga, ps/2, cf, sd socket cpci-r6110 4hp rear i/o module with gbe x2, usb x4, sata x3, vga, ps/2, cf, sd socket cpci-r6200 8hp rear i/o module with gbe x2, usb x6, dvi-i, sata x3, mic-in, line-out, ps/2 kb/ms, sas x8 CPCI-R6700D 8hp rear i/o module with discrete gpu ati/amd e4690, dvi-i x2, gbe x2, usb x3, com x2, ps/2, sata x3, audio cpci-r6500d 2-slot 8hp cpci-r6500dac with amd radeon e6760 mxm module, 2x gbe, 1x dvi-i, 1xdvi-d, 1x usb, , 3x sata and 10-pin kb/ms, audio, 2x com headers see 6u rtm selection guide for more options accessories dp-dvi cable displayport to dvi adapter cable dp-vga cable displayport to vga adapter cable dp-hdmi cable displayport to hdmi adapter cable contact us for different cpu, memory, hdd and cfast combinations. see 6u rtm selection guide for more options. gbe usb 2.0 com dvi vga dp pmc/ xmc sata cfast cf mic-in line-out ps/2 kb/ms sd sas sbc cpci-6210 faceplate 3 3 1 (1) (db-9) 1 (dvi-i) 1 1 onboard 2 (3) 1 cpci-6210d faceplate 3 3 2 (1) (db-9) 1 (dvi-i) 1 1 onboard 1 2 (3) 1 rtm cpci-r6100 faceplate 4 4 1 (rj-45) 1 1 1 onboard 2 (7-pin) 1 (6) 1 cpci-r6110 faceplate 2 4 1 1 onboard 3 (5) 1 (6) 1 cpci-r6200 faceplate 2 5 1 (db-9) 1 (dvi-i) 1 1 1 4 (sff- 8088) onboard 1 (5-pin) 1 (4) (10-pin) 3 (5) 1 (5) 4 (sff- 8087) CPCI-R6700D faceplate 2 3 1 (db-9) 2 (dvi-i) 1 onboard 2 1 (4) (10-pin) 3 (7) (7-pin) 1 (10-pin) cpci-r6500d faceplate 2 1 2 (dvi-i+dvi-d) onboard 1 (10-pin) 2 (2) 3 (7) (7-pin) 1 (10-pin) 1 (10-pin) cpci-r6200 usb x2 sata line-out mic-in usb sata isas com dvi-i usb usb esas com usb gbe gbe kb/ms CPCI-R6700D ps/2 kb/ms com usb x3 lan x2 sata x3 dvi-i x2 cpci-r6100 cf dvi-d com lan lan sd vga usb x4 ps/2 kb/ms cpci-r6500d sata lan mxm module dvi 2-12 7 2 1 3 4 5 6 9 8 6u cpci blades 6u cpci platforms 3u cpci blades ssds ipc accessories 3u cpci platforms embedded computing systems advancedtca industrial computers


▲Up To Search▲   

 
Price & Availability of CPCI-R6700D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X