Part Number Hot Search : 
GS881E36 AD9944 100JP GS881E36 X28C256D 1N4370 1SMB13 FMMTA12
Product Description
Full Text Search
 

To Download CLE535 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  clairex technologies, inc. 1301 east plano parkway plano, texas 75074-8524 phone: 972-265-4900 fax: 972-265-4949 www.clairex.c om clairex reserves the right to make changes at any time to improve design and to provide the best possible product. CLE535 preliminary high power green led dome lens can, hermetically sealed clairex ? technologies, inc . march, 2006 features ? dome lens to-46 package ? 11 emitting angle ? high luminous intensity ? high luminous flux ? cathode connected to case ? rohs compliant description the CLE535 contains a gan, high power output, green led mounted on a to-46 header. the to-46 header provides the thermal environment for reliable operation over a wide temperature range. for additional information, call clairex. absolute maximum ratings (t a = 25c unless otherwise stated) storage temperatur e........................................................................-65 c to +150c operating temperat ure.....................................................................- 65c to +125c lead soldering temperature (1) .......................................................................... 260c continuous forward current (2) ............................................................................55ma reverse vo ltage ..................................................................................................5.0v peak forward current (1.0ms pul se width, 10% dut y cycle) ..............................0.25a continuous power dissipation (3) .....................................................................200mw notes: 1. 0.06? (1.5mm) from the header for 5 seconds maximum. 2. derate linearly 0.44ma/c fr om 25c free air temperature to t a = +125c. 3. derate linearly 1.60mw/c fr om 25c free air temperature to t a = +125c. ? electrical characteristics (t a = 25c unless otherwise noted) symbol parameter min typ max units test conditions i v luminous intensity - 10,500 - mcd i f = 20ma v luminous flux - 1,200 - mlm i f = 20ma v f forward voltage - 3.2 3.6 v i f = 20ma i r reverse current - - 10 a v r = 5.0v hp emission angle at half power points - 22 - deg. i f = 20ma p peak wavelength 520 530 540 nm i f = 20ma 0.147 (3.73) 0.137 (3.48) 0.205 (5.21) 0.215 (5.46) 0.100 (2.54) dia. 0.025 (0.64) max. 1.00 (25.4) min. 0.190 (4.83) 0.176 (4.47) 0.165 (4.19) 0.145 (3.68) 0.019 (0.48) 0.016 (0.41) 0.156 (3.96) 0.136 (3.45) cathode anode 0.050 (1.27) nom case 7 all dimensions are in inches ( millimeters ) (connected to case) revised 3/20 / 06


▲Up To Search▲   

 
Price & Availability of CLE535

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X