Part Number Hot Search : 
180N0 180N0 22MUD FLLD258 RKP200KP 20100C SAA7327 TSM1013
Product Description
Full Text Search
 

To Download CJ4803A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sop8 plastic-encapsulate mosfets CJ4803A dual p-channel 30-v(d-s) mosfet description the CJ4803A uses advanced trench te chnology to provide excellent r ds(on) . this device is suitable for use as a load switch or in pwm applications. maximum ratings (t a =25 unless otherwise noted) parameter symbol value unit drain-source voltage v ds -30 gate-source voltage v gs 20 v continuous drain current i d -5 pulsed drain current i dm -30 maximum body- diode continuous current i s -2 a power dissipation p d 0.35 w thermal resistance from junction to ambient r ja 357 /w junction temperature t j 150 storage temperature t stg -55 ~+150 sop8 g1 s1 g2 s2 d1 d1 d2 d2 1 2 3 4 8 7 6 5 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification c , apr,201 3
electrical characteristics (t a =25 unless otherwise noted) parameter symbol test condition min typ max unit static parameters drain-source breakdown voltage v (br) dss v gs = 0v, i d =-250a -30 v gate-source leakage i gss v ds =0v, v gs =20v 100 na zero gate voltage drain current i dss v ds =-30v, v gs =0v -1.0 a gate-source thre shold voltage v gs(th) v ds =v gs , i d =-250a -1.5 -2 -2.5 v v gs =-10v, i d =-5.0a 37 46 drain-source on-sta te resistance r ds(on) v gs =-4.5v, i d =-4a 60 74 m ? forward diode voltage v sd v gs =0v,i s =-1a -0.77 -1 v forward transconductance g fs v ds =-5v, i d =-5a 10 s dynamic parameters input capacitance c iss 830 output capacitance c oss 126 reverse transfer capacitance c rss v ds =-15v,v gs =0v,f =1mhz 92 pf switching parameters turn-on delay time t d(on) 7.7 rise time t r 6.8 turn-off delay time t d(off) 20 fall time t f v gs =-10v,v ds =-15v, r l =3 ? , r gen =3 ? 10 ns 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification c , apr,201 3


▲Up To Search▲   

 
Price & Availability of CJ4803A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X