Part Number Hot Search : 
DTQS3 MP150 DS1402 SBL1050 CA602 54LS174 SWB403B PCK2510S
Product Description
Full Text Search
 

To Download CD70-B2GA101KYNS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  speci?ations which pro vide more details f or the proper and saf e use of the descr ibed product are a v ailab le upon request. all speci?ations are subject to change without notice . 4b3_cd (1/2) ceramic capacitor s cd ser ies saf ety standard compliance radial reinforced insula tion typet emperature rang e: ?5 to +85? class 2 high dielectric fea tures smaller than con v entional capacitors . flame-resistant reinf orced outer insulation pre v ents ?es , electr i- cal shoc k, and other potential hazards . compliant with the saf ety standards of 11 countr ies (conf or ms to european standards in accordance with iec pub . 384-14 v er- sion 2). this cer amic capacitor meets european class ii (reinf orced insulation) saf ety standards vde, sev , semk o , bs . since it is r ated at a withstand v oltage of a c .4000v , it can be used in sin- gle-unit con?ur ations within european class ii de vices . markings * y ear and month of production: last digit of y ear + month denoted b y 1, 2, 3, 4, 5, 6, 7, 8, 9, o (october), n (no v ember), or d (december). shapes and dimensions item mar king e xamples 1. ser ies 2. nominal capacitance 3. capacitance toler ance 4. rated v oltage eac 5. withstand v oltage eac 6. sub-class of saf ety perf or mance 7. tdk s logog r am 8. date code 9. regulator y body saf ety standards compliance mar kings cd 222(2200pf) m(?0%) x1y1 64 (1996.4) * http://
4b3_cd 000828 speci?ations which pro vide more details f or the proper and saf e use of the descr ibed product are a v ailab le upon request. all speci?ations are subject to change without notice . 4b3_cd (2/2) ceramic capacitor s cd ser ies saf ety standard compliance radial reinforced insula tion typet emperature rang e: ?5 to +85? class 2 high dielectric interna tionall y cer tified st a tus iec384-14 (the 2nd edition, 1993) * ul, csa and saa do not correspond to iec384-14 (2nd edition, 1993). cap a cit ance and dimensions saf ety standard iec standard no . t emper ature char acter istics insulation sub-class rated v oltage eac(v) cer ti?ate no . bsi (u .k.) iec 65+ iec 384-14 2nd edition bs en 60065 (bs415:1994) b , e x1, y1 250 226495 vde (ger man y) iec 384-14 2nd edition en132400 b , e x1 400 tc b:83692, 83693 y1 250 tc e:83694, 83695 sev (switz er land) iec 384-14 2nd edition en132400 b , e x1 400 95.1 10223.05 y1 250 semk o (sw eden) iec 384-14 2nd edition en132400 b , e x1, y1 250 9434061 nemk o (norw a y) iec 384-14 2nd edition en132400 b , e x1, y1 250 p95101216 demk o (denmar k) iec 384-14 2nd edition en132400 b , e x1, y1 250 303637 fimk o (finland) iec 384-14 2nd edition en132400 b , e x1, y1 250 181538-03, -04 imq (italy) iec 384-14 2nd edition en132400 b , e x1, y1 250 v3691 ul * (u .s .a.) ul 1414 b , e x, y 250 e37861 csa * (canada) c22.2 no .0 no .1 b , e x, y 250 lr35801, lr65972 saa * (a ustr alia) iec 65 as3250 b , e 400 6268 p ar t no capacitance temper- ature char acter istics capacitance (pf) capacitance toler- ance dimensions (mm) ? max. f d CD70-B2GA101KYNS b(?0%) 100 k(?0%) 7 10+2, ? 0.6?.05 cd70-b2ga151kyns 150 k(?0%) 7 10+2, ? 0.6?.05 cd85-b2ga221kyns 220 k(?0%) 8.5 10+2, ? 0.6?.05 cd90-b2ga331kyns 330 k(?0%) 9 10+2, ? 0.6?.05 cd90-b2ga391kyns 390 k(?0%) 9 10+2, ? 0.6?.05 cd95-b2ga471kyns 470 k(?0%) 9.5 10+2, ? 0.6?.05 cd75-e2ga681myns e(+20, ?5%) 680 m(?0%) 7.5 10+2, ? 0.6?.05 cd85-e2ga102myns 1000 m(?0%) 8.5 10+2, ? 0.6?.05 cd10-e2ga152myns 1500 m(?0%) 10 10+2, ? 0.6?.05 cd12-e2ga222myns 2200 m(?0%) 11.5 10+2, ? 0.6?.05 cd14-e2ga332myns 3300 m(?0%) 13.5 10+2, ? 0.6?.05 cd15-e2ga392myns 3900 m(?0%) 14.5 10+2, ? 0.6?.05 cd16-e2ga472myns 4700 m(?0%) 15.5 10+2, ? 0.6?.05 f or more inf or mation about products with other capacitance or other data, please contact us .


▲Up To Search▲   

 
Price & Availability of CD70-B2GA101KYNS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X