Part Number Hot Search : 
KE39A S1C17601 ICM7231 10160 6270M B2136 DN8799 STR83159
Product Description
Full Text Search
 

To Download CC-037-025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  800-542-6552 24 hour fax 800-860-5553 15 one piece without keyw a y cc one piece with keyw a y cc-kw *weights as noted are approximate. ? non-stock part - consult factory. dimension bore, inch tolerance +.003 / -.000 climax part number black black bore bore oxide oxide steel size size o.d. width clamp box weight* steel with keyw a y (inch) (inch) screw qty . (ounce) cc-025-025 1/4 1 /4 13/16 1-1/4 4-40 x 3/8 5 2.26 CC-037-025 3/8 1 /4 1-1/16 1-5/8 6-32 x 3/8 5 5.13 cc-037-037 cc-037-037-kw 3/8 3 /8 1-1/16 1-5/8 6-32 x 3/8 5 4.96 cc-050-037 1/2 3 /8 1-1/4 1-7/8 8-32 x 1/2 5 8.11 cc-050-050 cc-050-050-kw 1/2 1 /2 1-1/4 1-7/8 8-32 x 1/2 5 7.70 cc-062-050 5/8 1 /2 1-1/2 2-1/4 10-32 x 1/2 5 13.30 cc-062-062 cc-062-062-kw 5/8 5 /8 1-1/2 2-1/4 10-32 x 1/2 5 13.30 cc-075-050 3/4 1 /2 1-3/4 2-5/8 1/4-28 x 5/8 5 22.00 cc-075-062 3/4 5 /8 1-3/4 2-5/8 1/4-28 x 5/8 5 22.00 cc-075-075 cc-075-075-kw 3/4 3 /4 1-3/4 2-5/8 1/4-28 x 5/8 5 20.90 cc-087-062 7/8 5 /8 1-7/8 2-7/8 1/4-28 x 5/8 2 27.40 cc-087-087 cc-087-087-kw 7/8 7 /8 1-7/8 2-7/8 1/4-28 x 5/8 2 25.40 cc-100-050 ? 1 1 /2 2 3 1/4-28 x 5/8 2 32.80 cc-100-075 1 3 /4 2 3 1/4-28 x 5/8 2 31.40 cc-100-100 cc-100-100-kw 1 1 2 3 1/4-28 x 5/8 2 29.00 cc-112-100 1-1/8 1 2-1/8 3-1/4 1/4-28 x 3/4 2 35.90 cc-112-112 cc-112-112-kw 1-1/8 1-1/8 2-1/8 3-1/4 1/4-28 x 3/4 2 34.70 cc-125-100 1-1/4 1 2-1/4 3-3/8 1/4-28 x 3/4 2 41.80 cc-125-125 cc-125-125-kw 1-1/4 1-1/4 2-1/4 3-3/8 1/4-28 x 3/4 2 38.40 cc-137-100 1-3/8 1 2-3/8 3-5/8 1/4-28 x 3/4 2 50.00 cc-137-137 cc-137-137-kw 1-3/8 1-3/8 2-3/8 3-5/8 1/4-28 x 3/4 2 44.70 cc-150-100 1-1/2 1 2-1/2 3-3/4 1/4-28 x 3/4 1 57.40 cc-150-150 cc-150-150-kw 1-1/2 1-1/2 2-1/2 3-3/4 1/4-28 x 3/4 1 49.50 cc-175-175 cc-175-175-kw 1-3/4 1-3/4 3 4-1/2 5/16-24 x 1 1 90.00 cc-200-200 cc-200-200-kw 2 2 3-1/4 4-7/8 5/16-24 x 1 1 107.00 clamping couplings, recessed screws tw o piece 2cc black black bore bore oxide oxide steel size size o.d. width clamp box weight* steel with keyw a y (inch) (inch) screw qty . (ounce) 2cc-050-050 2cc-050-050-kw 1/2 1 /2 1-1/4 1-7/8 8-32 x 1/2 5 7.90 2cc-062-050 2cc-062-050-kw 5/8 1 /2 1-1/2 2-1/4 10-32 x 1/2 5 13.60 2cc-062-062 2cc-062-062-kw 5/8 5 /8 1-1/2 2-1/4 10-32 x 1/2 5 22.50 2cc-075-062 2cc-075-062-kw 3/4 5 /8 1-3/4 2-5/8 1/4-28 x 5/8 5 22.00 2cc-075-075 2cc-075-075-kw 3/4 3 /4 1-3/4 2-5/8 1/4-28 x 5/8 5 22.00 2cc-087-087 2cc-087-087-kw 7/8 7 /8 1-7/8 2-7/8 1/4-28 x 5/8 2 26.00 2cc-100-075 2cc-100-075-kw 1 -1/8 3/4 2 3 1/4-28 x 5/8 2 29.10 2cc-100-100 2cc-100-100-kw 1 -1/8 1 -1/8 2 3 1/4-28 x 5/8 2 29.10 2cc-112-112 2cc-112-112-kw 1-1/8 1-1/8 2-1/8 3-1/4 1/4-28 x 3/4 2 34.20 2cc-125-100 2cc-125-100-kw 1-1/4 1 -1/8 2-1/4 3-3/8 1/4-28 x 3/4 2 42.40 2cc-125-125 2cc-125-125-kw 1-1/4 1-1/4 2-1/4 3-3/8 1/4-28 x 3/4 2 42.40 2cc-137-100 2cc-137-100-kw 1-3/8 1 -1/8 2-3/8 3-5/8 1/4-28 x 3/4 2 45.20 2cc-137-137 2cc-137-137-kw 1-3/8 1-3/8 2-3/8 3-5/8 1/4-28 x 3/4 2 45.20 2cc-150-150 2cc-150-150-kw 1-1/2 1-1/2 2-1/2 3-3/4 1/4-28 x 3/4 1 49.50 2cc-175-175 2cc-175-175-kw 1-3/4 1-3/4 3 4-1/2 5/16-24 x 1 1 90.00 2cc-200-200 2cc-200-200-kw 2 -1/8 2 -1/8 3-1/4 4-7/8 5/16-24 x 1 1 110.00 2cc-225-225 2cc-225-225-kw 2-1/4 2-1/4 3-1/2 5 5/16-24 x 1 1 130.00 recessed scre w head pro- vides an outside surf ace free of major projections . climax part number http://


▲Up To Search▲   

 
Price & Availability of CC-037-025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X