Part Number Hot Search : 
P6KE51 H7612 ME56XBX SL1451 06033 12007 H560438 SMC12
Product Description
Full Text Search
 

To Download BTB16-600BW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  applications: motor c ontrol industrial and domestic l ighting heating static switching blocking voltage to 600 v on-state rms current to 16 a features pin description 1 2 3 ta b main terminal 1 (t1) gate (g) main terminal 2 (t2) main terminal 2 (t2) unit symbol pa rameter v alue v drm 600 v i tr m s 16 a i tsm 168 a repetitive peak of f-state voltages rms on-state current full sine wave non-repetitive peak on-state current (full cycle,tj initial=25 ) symbol pa r a m e t e r max unit rth( j-c) rth( j-a) junction to case(ac) junction to ambient conditions typ min /w /w - - - - 60 1.2 simplified outline symbol t2 t1 g 1/5 http://www.haopin.com haopin m icroelectronics co.,l td. BTB16-600BW 123 t o -220 tm hpm description passivated high commutation triacs i n a plastic envelope intended for use in circuits w here high static and dynamic dv/dt a nd high di/dt c an occur . these devices will commutate the full rated ms c urrent at the maximum rated junction temperature without the aid of a s nubber . three quadrant t riacs http://
2/5 http://www .haopin.com haopin m icroelectronics c o.,l td. tm hpm BTB16-600BW limiting values in accordance w ith t he maximum s ystem(iec 134) symbol p arameter conditions m in v alue unit v/ v dsm r sm i t(rms) i tsm it 2 di/dt non repetitive surge peak of f-state voltage rms on-state current non repetitive surge peak on-state current i t v alue for f using 2 critical rate of rise of on-state current v full sine wave;t c=100 full cycle, tj initial= 25 tp=10ms i =2x i ,tr<=100ns gg t t=20ms tp=10ms t j=25 f=50hz f=120hz tj=125 f=60hz t=16.7ms - - - - - v/ v +100 drm rrm a a a as 2 16 160 168 144 - 50 a/ s symbol p arameter conditions min i gm i drm i rrm t stg t j p g(a v) peak gate current v= v drm rrm v= v drm rrm a verage gate power dissipation storage junction temperature range operating junction temperature range a ma a w tp=20us tj=125 tj=125 tj=125 tj=25 - 4 - - - 1 5 2 -40 -40 125 150 t = 25 c unless otherwise s tated j o static characteristics i( 1 ) gt i l i( 2 ) h v gd dv/dt(2) (dv/dt)c(2) dynamic characteristics v( 2 ) t v( 2 ) r( 2 ) to d v =v r =3.3k t j=125 d drm l l = 22.5a tp=380 s tm threshold voltage dynamic resistance v = 12v; r =33 dl i= 1 . 2 i gg t i =500ma t i-ii-iii v = 67%v gate open;tj=125 d drm without snubber;tj=125 tj=25 tj=125 tj=125 unit max typ - - 0.2 1000 14 - - 1.55 0.85 25 - - - 50 - - - ma v 50 - ma i-iii ii i-ii-iii i-ii-iii - - - - 70 80 ma ma - - - v/ s a/ms v m v v gt 1.3 v n o t e1:m inimum i is g uaranted at 5% of i max. gt gt note 2 : for b oth polarities of a2 referenced to a1. three quadrant t riacs
description 3/5 http://www .haopin.com haopin m icroelectronics c o.,l td. tm hpm BTB16-600BW three quadrant triacs
description haopin m icroelectronics c o.,l td. tm hpm 4/5 http://www .haopin.com BTB16-600BW three quadrant triacs
haopin microelectronics co.,ltd. tm hpm mechanical da t a dimensions in mm net mass: 2 g 5/5 http://www .haopin.com BTB16-600BW three quadrant triacs


▲Up To Search▲   

 
Price & Availability of BTB16-600BW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X