Part Number Hot Search : 
TSOP2 D31A310 LM8560 PS224L TSS4B01G TF157 EGFZ10 74LS244P
Product Description
Full Text Search
 

To Download A2039 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  82912 tkim/42512ea tkim/62405ea msim tb-00001404/30101 tsim ta-3232 no.6912-1/10 http://onsemi.com semiconductor components industries, llc, 2013 september, 2013 2sA2039/2sc5706 bipolar transistor (-)50v, (-)5a, low vce(sat), (pnp)npn single tp/tp-fa applications ? dc / dc converter, relay drivers, lamp drivers, motor drivers, ash features ? adoption of fbet and mbit processes ? large current capacitance ? low collector-to-emitter saturation voltage ? high-speed switching ? high allowable power dissipation speci cations ( ): 2sA2039 absolute maximum ratings at ta=25c parameter symbol conditions ratings unit collector-to-base voltage v cbo (--50)100 v collector-to-emitter voltage v ces (--50)100 v collector-to-emitter voltage v ceo (--)50 v emitter-to-base voltage v ebo (--)6 v collector current i c (--)5 a collector current (pulse) i cp (--)7.5 a continued on next page. package dimensions unit : mm (typ) package dimensions unit : mm (typ) 7518-003 7003-003 ordering number : en6912d 6.5 5.0 2.3 0.5 12 4 3 0.85 0.7 1.2 0.6 0.5 2.3 2.3 7.0 7.5 1.6 0.8 5.5 1.5 1 : base 2 : collecto r 3 : emitter 4 : collecto r tp 6.5 5.0 2.3 0.5 12 4 3 0.85 0.6 0.5 1.2 1.2 2.3 2.3 7.0 2.5 5.5 1.5 0.8 0 to 0.2 1 : base 2 : collecto r 3 : emitter 4 : collecto r tp-fa 2sA2039-e 2sc5706-e 2sc5706-h 2sA2039-tl-e 2sc5706-tl-e 2sc5706-tl-h 2,4 3 1 (for pnp, the polarity is reversed.) tl product & package information ? package : tp ? package : tp-fa ? jeita, jedec : sc-64, to-251 ? jeita, jedec : sc-63, to-252 ? minimum packing quantity : 500 pcs./bag ? minimum packing quantity : 700 pcs./reel marking (tp, tp-fa) packing type (tp-fa) : tl electrical connection A2039 c5706 lot no. lot no. free datasheet http:/// free datasheet http://www..net/
2sA2039 / 2sc5706 no.6912-2/10 continued from preceding page. parameter symbol conditions ratings unit base current i b (--)1.2 a collector dissipation p c 0.8 w tc=25 c15w junction temperature tj 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max collector cutoff current i cbo v cb =(--)40v, i e =0a (--)1 a emitter cutoff current i ebo v eb =(--)4v, i c =0a (--)1 a dc current gain h fe v ce =(--)2v, i c =(--)500ma 200 560 gain-bandwidth product f t v ce =(--)10v, i c =(--)500ma (360)400 mhz output capacitance cob v cb =(--)10v, f=1mhz (24)15 pf collector-to-emitter saturation voltage v ce (sat)1 i c =(--)1a, i b =(--)50ma (--115)90 (--195)135 mv v ce (sat)2 i c =(--)2a, i b =(--)100ma (--255)160 (--430)240 mv base-to-emitter saturation voltage v be (sat) v ce =(--)2v, i b =(--)100ma (--)0.89 (--)1.2 v collector-to-base breakdown voltage v (br)cbo i c =(--)10 a, i e =0a (--50)100 v collector-to-emitter breakdown voltage v (br)ces i c =(--)100 a, r be =0 (--50)100 v collector-to-emitter breakdown voltage v (br)ceo i c =(--)1ma, r be = (--)50 v emitter-to-base breakdown voltage v (br)ebo i e =(--)10 a, i c =0a (--)6 v turn-on time t on see speci ed test circuit. (30)35 ns storage time t stg (230)300 ns fall time t f (15)20 ns switching time test circuit ordering information device package shipping memo 2sA2039-e tp 500pcs./bag pb free 2sc5706-e tp 500pcs./bag 2sc5706-h tp 500pcs./bag pb free & halogen free 2sA2039-tl-e tp-fa 700pcs./reel pb free 2sc5706-tl-e tp-fa 700pcs./reel 2sc5706-tl-h tp-fa 700pcs./reel pb free & halogen free v r 10 25 v cc =25v v be = --5v i c =10i b1 = --10i b2 =1a + + 50 input output r b 100 f 470 f pw=20 s i b1 i b2 d.c. 1% for pnp, the polarity is reversed. stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliabili ty. free datasheet http:/// free datasheet http://www..net/
2sA2039 / 2sc5706 no.6912-3/10 --10000 --1000 2 3 5 7 2 3 5 7 --100 2 3 5 7 --10 --0.01 --0.1 23 57 23 57 23 57 --1.0 --10 v ce (sat) -- i c collector current, i c -- a ta=75 c --25 c it02976 2sA2039 i c / i b =20 0.01 23 57 0.1 23 57 1.0 23 57 10 10 7 5 3 2 100 7 5 3 2 1000 v ce (sat) -- i c collector current, i c -- a it02978 ta=75 c 25 c --25 c 2sc5706 i c / i b =20 ta=75 c 25 c --25 c 1000 100 7 5 3 2 7 5 3 2 10 --0.01 3 25 --10 --0.1 73 257 3 257 --1.0 h fe -- i c collector current, i c -- a dc current gain, h fe 2sA2039 v ce = --2v it00156 1000 100 7 5 3 2 7 5 3 2 10 0.01 3 25 10 0.1 73 257 3 257 1.0 h fe -- i c collector current, i c -- a dc current gain, h fe ta=75 c --25 c 25 c 2sc5706 v ce =2v it00157 25 c collector-to-emitter saturation voltage, v ce (sat) -- mv collector-to-emitter saturation voltage, v ce (sat) -- mv i c -- v ce collector-to-emitter voltage, v ce -- v collector current, i c -- a it02975 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 i c -- v be base-to-emitter voltage, v be -- v collector current, i c -- a 2sc5706 v ce =2v 25 c --25 c it00155 ta=75 c 25 c --25 c 2sA2039 v ce = --2v --4.0 --3.5 --3.0 --2.5 --2.0 --1.0 --0.5 --1.5 0 0 --0.2 --0.4 --0.6 --0.8 --1.4 --1.0 --1.2 i c -- v be base-to-emitter voltage, v be -- v collector current, i c -- a it00154 0 -- 1 -- 2 -- 3 -- 4 -- 5 0 --0.4 --0.8 --1.0 --1.2 --1.4 i c -- v ce collector-to-emitter voltage, v ce -- v collector current, i c -- a --10ma --5ma --20ma --30ma --60ma --80ma --100ma i b =0ma it02974 --40ma --50ma --70ma 0 1 2 3 4 5 0 0.4 0.8 1.0 1.2 1.4 5ma 20ma 10ma i b =0ma 30ma 40ma 50ma 60ma 70ma 80ma 90ma 100ma 2sA2039 2sc5706 --90ma ta=75 c free datasheet http:/// free datasheet http://www..net/
2sA2039 / 2sc5706 no.6912-4/10 f t -- i c gain-bandwidth product, f t -- mhz collector current, i c -- a 7 3 100 10 2 5 1000 7 5 3 2 --0.01 257 7 7 3 --0.1 25 325 3 --1.0 --10 57 it00166 2sA2039 v ce = --10v f t -- i c gain-bandwidth product, f t -- mhz collector current, i c -- a 7 3 100 10 2 5 1000 7 5 3 2 0.01 257 7 7 3 0.1 25 325 3 1.0 10 5 it00167 2sc5706 v ce =10v cob -- v cb output capacitance, cob -- pf collector-to-base voltage, v cb -- v 5 3 2 7 5 3 2 7 5 3 2 100 10 0.1 23 3 7737 75 5 1.0 2 10 2 5 100 5 it00165 2sc5706 f=1mhz cob -- v cb output capacitance, cob -- pf collector-to-base voltage, v cb -- v 5 3 2 7 5 3 2 2 7 5 3 100 10 --0.1 23 7 5 7 5237 5237 5 --1.0 --10 --100 it00164 2sA2039 f=1mhz 0.01 0.1 23 57 23 57 23 57 1.0 10 10000 1000 7 5 3 2 7 5 3 2 7 5 3 2 100 10 v ce (sat) -- i c collector current, i c -- a it02979 ta=75 c --25 c 2sc5706 i c / i b =50 10 1.0 0.1 0.01 0.1 1.0 10 ta= --25 c 25 c 75 c 7 5 3 2 7 5 3 2 23 57 23 57 23 57 2sc5706 i c / i b =50 v be (sat) -- i c collector current, i c -- a base-to-emitter saturation voltage, v be (sat) -- v it00163 v be (sat) -- i c base-to-emitter saturation voltage, v be (sat) -- v collector current, i c -- a --10 --1.0 --0.1 --0.01 --0.1 --1.0 --10 ta= --25 c 25 c 75 c 7 5 3 2 7 5 3 2 23 57 23 57 23 57 2sA2039 i c / i b =50 it00162 --10000 --1000 2 3 5 7 2 3 5 7 --100 2 3 5 7 --10 --0.01 --0.1 23 57 23 57 23 57 --1.0 --10 v ce (sat) -- i c collector current, i c -- a ta=75 c 25 c --25 c it02977 2sA2039 i c / i b =50 25 c collector-to-emitter saturation voltage, v ce (sat) -- mv collector-to-emitter saturation voltage, v ce (sat) -- mv free datasheet http:/// free datasheet http://www..net/
2sA2039 / 2sc5706 no.6912-5/10 20 060 40 80 100 140 120 160 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 a s o collector current, i c -- a collector-to-emitter voltage, v ce -- v 0.01 0.1 1.0 7 5 3 2 7 5 3 2 10 7 5 3 2 2 1.0 0.1 10 100 25 37 25 37 25 37 i cp =7.5a 100ms 10ms 1ms i c =5a it02980 2sA2039 / 2sc5706 tc=25 c single pulse for pnp, the minus sign(--)is omitted collector dissipation, p c -- w ambient temperature, ta -- c 0 2 4 6 8 10 12 14 15 16 18 20 060 40 80 100 140 120 160 p c -- ta it02981 2sA2039 / 2sc5706 collector dissipation, p c -- w case temperature, tc -- c p c -- tc it02982 dc operation (tc=25 c) dc operation (ta=25 c) 500 s 100 s no heat sink 2sA2039 / 2sc5706 free datasheet http:/// free datasheet http://www..net/
2sA2039 / 2sc5706 no.6912-6/10 taping speci cation 2sA2039-tl-e, 2sc5706-tl-e, 2sc5706-tl-h free datasheet http:/// free datasheet http://www..net/
2sA2039 / 2sc5706 no.6912-7/10 outline drawing land pattern example 2sA2039-tl-e, 2sc5706-tl-e, 2sc5706-tl-h mass (g) unit 0.282 * for reference mm unit: mm 7.0 1.5 2.3 2.0 2.5 2.3 7.0 free datasheet http:/// free datasheet http://www..net/
2sA2039 / 2sc5706 no.6912-8/10 bag packing speci cation 2sA2039-e, 2sc5706-e, 2sc5706-h free datasheet http:/// free datasheet http://www..net/
2sA2039 / 2sc5706 no.6912-9/10 outline drawing 2sA2039-e, 2sc5706-e, 2sc5706-h mass (g) unit 0.315 * for reference mm free datasheet http:/// free datasheet http://www..net/
2sA2039 / 2sc5706 ps no.6912-10/10 on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc). scillc owns th e rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent covera ge may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc ass ume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation sp ecial, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different ap plications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life , or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchas e or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiarie s, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the d esign or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws a nd is not for resale in any manner. free datasheet http:/// free datasheet http://www..net/


▲Up To Search▲   

 
Price & Availability of A2039

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X