Part Number Hot Search : 
TDA893 SKIIP2 KF426BV MURA160 DG3001 F9NK90 PC810 20N06F
Product Description
Full Text Search
 

To Download 1T368A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  variable capacitance diode description the 1T368A is a variable capacitance diode designed for electronic tuning of wide-band catv tuners using a super miniature package. features super miniature package low series resistance: 0.75 max. (f = 470mhz) large capacitance ratio: 11.5 typ. (c 2 /c 25 ) small leakage current: 10na max. (v r = 28v) capacitance deviation in a matching group: within 2% applications electronic tuning of wide-band catv tuners structure silicon epitaxial planar type diode absolute maximum ratings (ta = 25?) reverse voltage v r 34 v operating temperature topr ?0 to +75 ? storage temperature tstg ?5 to +150 ? ?1 e99804-ps sony reserves the right to change products and specifications without prior notice. this information does not convey any licens e by any implication or otherwise under any patents or other right. application circuits shown, if any, are typical examples illustr ating the operation of the devices. sony cannot assume responsibility for any problems arising out of the use of these circuits. 1T368A m-235 electrical characteristics (ta = 25?) reverse voltage reverse current diode capacitance capacitance ratio series resistance capacitance deviation in a matching group v r i r c 2 c 25 c 2 /c 25 c 25 /c 28 rs ? c i r = 1a v r = 28v v r = 2v, f = 1mhz v r = 25v, f = 1mhz c d = 14pf, f = 470mhz v r = 2 to 25v, f = 1mhz 34.0 29.54 2.64 11.0 1.03 11.5 10.0 33.54 2.94 0.75 2.0 v na pf pf % unit max. typ. min. conditions symbol item
? 2 1T368A 1 2 5 1 0 2 0 5 0 1 2 5 1 0 2 0 5 0 1 0 0 d i o d e c a p a c i t a n c e v s . r e v e r s e v o l t a g e v r r e v e r s e v o l t a g e [ v ] c d i o d e c a p a c i t a n c e [ p f ] t a = 2 5 c 1 0 0 1 1 0 1 0 0 r e v e r s e c u r r e n t v s . a m b i e n t t e m p e r a t u r e 2 0 0 2 0 4 0 6 0 8 0 t a a m b i e n t t e m p e r a t u r e [ c ] i r r e v e r s e c u r r e n t [ p a ] v r = 2 8 v 0 . 6 0 0 . 8 0 f o r w a r d v o l t a g e v s . a m b i e n t t e m p e r a t u r e 2 0 0 2 0 4 0 6 0 8 0 t a a m b i e n t t e m p e r a t u r e [ c ] v f f o r w a r d v o l t a g e [ v ] i f = 1 m a 0 . 7 0 0 . 5 0 t a a m b i e n t t e m p e r a t u r e [ c ] 4 0 5 0 r e v e r s e v o l t a g e v s . a m b i e n t t e m p e r a t u r e 2 0 0 2 0 4 0 6 0 8 0 v r r e v e r s e v o l t a g e [ v ] 4 5 3 5 i r = 1 0 a
? 3 1T368A 1 . 0 1 1 . 0 3 d i o d e c a p a c i t a n c e v s . a m b i e n t t e m p e r a t u r e 2 0 0 2 0 4 0 6 0 8 0 t a a m b i e n t t e m p e r a t u r e [ c ] c ( t a ) / c ( 2 5 c ) d i o d e c a p a c i t a n c e v r = 1 v 1 . 0 2 1 . 0 0 0 . 9 9 0 . 9 8 v r = 2 v v r = 7 v v r = 2 5 v v r = 1 5 v 1 1 0 0 r e v e r s e c u r r e n t v s . r e v e r s e v o l t a g e 1 3 1 0 3 0 v r r e v e r s e v o l t a g e [ v ] i r r e v e r s e c u r r e n t [ p a ] 1 0 0 . 1 t a = 8 0 c t a = 6 0 c t a = 2 5 c 1 0 0 0 t e m p e r a t u r e c o e f f i c i e n t o f d i o d e c a p a c i t a n c e 1 2 5 1 0 v r r e v e r s e v o l t a g e [ v ] t e m p e r a t u r e c o e f f i c i e n t [ p p m / c ] 5 0 2 0 5 0 5 0 0 2 0 0 1 0 0
? 4 1T368A s o n y c o d e e i a j c o d e j e d e c c o d e p a c k a g e w e i g h t a a a a a a m - 2 3 5 * 1 . 2 5 + 0 . 2 0 . 1 0 . 3 + 0 . 1 0 . 0 5 * 1 . 7 0 . 1 2 . 5 0 . 2 1 2 0 . 3 + 0 . 1 0 . 0 5 * 0 . 9 0 . 1 0 . 2 0 0 . 0 5 0 t o 1 0 0 . 1 1 + 0 . 1 0 . 0 6 m - 2 3 5 0 . 1 g n o t e : d i m e n s i o n * d o e s n o t i n c l u d e m o l d p r o t r u s i o n . package outline unit: mm marking 2 6 8 b 1 c a t h o d e m a r k n o t e s 1 ) b : l o t n o . ( y e a r a n d m o n t h o f m a n u f a c t u r e ) y e a r ; l a s t o n e d i g i t m o n t h ; a , b , c ( f o r o c t . t o d e c . ) 1 t o 9 ( f o r j a n . t o s e p t . )


▲Up To Search▲   

 
Price & Availability of 1T368A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X