approved date description rev. revision qualtek electronics corp. wci division part number: description: tolerance +/- (mm) dim range (mm) 0-1 1-6 6-18 18-50 50-120 120-250 250-500 0.15 0.20 0.30 0.50 0.70 0.90 1.20 drawn / date checked / date approved / date r.nuti 09-16-10 09-16-10 ly / 09-16-10 1225001-01 cat. 5e utp 8p8c - 8p8c these drawings are the property of qualtek electronics and not to be reproduced for or communicated to a third party without the express written permission of an officer of qualtek electronics. controlled unit: mm notes: 1. cable: cat. 5e utp 26awg copper stranded wire. 4 twisted pairs, 30v, 60c outer jacket: color: gray, o.d.: 5.5 0.2mm jacket material: pvc 2. plug type: modular u.s. short type 8p8c gold plating 50u? material: pc ul 94v-2 s.r.: pvc 75p mold, color: gray 3. packing: 1pc/polybag 4. rohs compliant p 2 p1 color wh ite /oran ge blue whit e/bro wn whi te/bl ue g reen wh ite/ green or ange 5 8 7 3 6 4 1 2 5 brow n 8 7 4 6 3 1 2 w iring:568b 304.8mm 10mm a a p1 plug 8p8c 50u? short type p2 plug 8p8c 50u? short type 8 1 sec: a-a 5.5 0.20mm pvc jacket conductors 0.88 0.05mm pair twist note: twisted pair label s.r. s.r. 8 1
|