Part Number Hot Search : 
AT24C16 16S2AV 24M10A K100M 18110 N5534 18NK60 EL2142CN
Product Description
Full Text Search
 

To Download 105650 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  276 800-774-3539 ? www.lappusa.com ? www.lappcanada.com ? www.lappmexico.com ha 3 ha 4 all dimensions are in mm. ha 3/4 inserts ha 10 inserts coding pin: 10451200 epic ? rectangular connectors ha plugs & receptacles: screw terminated inserts view from cable side all dimensions are in mm. ha 3 ha 4 description 10420000 10431000 10421000 10432000 plug receptacle ha 10 with wire protection ha 10 without wire protection description 10440100 10440000 10441100 10441000 plug receptacle these inserts fit in the ha 3/4 series housings. ha 3/4 pg 379 ha10 pg 381
277 800-774-3539 ? www.lappusa.com ? www.lappcanada.com ? www.lappmexico.com view from cable side all dimensions are in mm. ha 16 inserts view from cable side 2 sets of ha 16 inserts epic ? rectangular connectors ha plugs & receptacles: screw terminated inserts ha 32 inserts ha 16 with wire protection ha 16 without wire protection description 10530000 10532000 10531000 10533000 plug receptacle #1-16 with wire protection #17-32 with wire protection #1-16 without wire protection #17-32 without wire protection description 10530000 10540000 10532000 10542000 10531000 10541000 10533000 10543000 plug receptacle ha 16 pg 383 ha 32 pg 385
283 800-774-3539 ? www.lappusa.com ? www.lappcanada.com ? www.lappmexico.com view from cable side all dimensions are in mm. sta 6 screw terminated inserts solder terminated inserts view from cable side epic ? rectangular connectors sta series screw termination description 10488100 10486100 plug receptacle solder termination description 10487200 10485200 plug receptacle ha 3/4 pg 379 ha 3/4 pg 379
309 800-774-3539 ? www.lappusa.co m ? www.lappca n ada.co m ? www.lapp m exico.co m co n tacts sold sepa r ately all di m e n sio n s a r e i n mm . hd 25 crimp terminated: stamped & formed contact inserts epic ? recta n gula r co nn ecto r s hd se r ies removal tool: 11161000 c r imp dies 0.14-0.5: 11147170 0.5-1.5: 11147180 1.5-2.5: 11147190 locato r 11147300 c r imp tool 11147000 c r imp tool fo r reel: 11153500 c r imp dies fo r reel: 0.14-0.5: 11153600 0.5-1.5: 11153700 1.5-2.5: 11153800 stamped & formed contacts: diameter 1.6 mm mm 2 0.14 - 0.5 0.5 - 1.5 1.5 - 2.5 st r ippi n gle n gth (mm) 2.5 - 0.5 3.5 - 0.5 3.5 - 0.5 11260000 11261000 plug receptacle ha 16 pg 383 view f r om cable side pa r t n u m be r = 1 co n tact (bags) o r 1 r eel. 0.14 - 0.5 0.5 - 1.5 1.5 - 2.5 mm 2 awg 26 - 20 20 - 16 16 - 14 pi n 11241100 11221000 11223500 socket pi n socket 11231100 11236100 11228500 bags of 100: silve r bags of 100: gold 11243100 11221300 - 11233100 11238100 - 0.14 - 0.5 0.5 - 1.5 1.5 - 2.5 mm 2 awg 26 - 20 20 - 16 16 - 14 pi n - - 11223000 socket pi n socket pi n socket pi n socket - - 11228000 11240700 11220700 - 11230700 11235700 - reel of 2000: right ha n d feed- silve r - 1 1220100 - - 1 1235200 - 1 1240000 1 1220000 - 1 1230000 1 1235000 - reel of 2000: right ha n d feed- gold pi n socket 1 1240400 1 1226000 1 1222700 1 1230400 1 1226500 1 1227700 reel of 2000: left ha n d feed- silve r pi n socket 1 1230500 - - 1 1240500 - - reel of 2000: left ha n d feed- silve r reel of 100: silve r left ha n d feed reel of 200: silve r left ha n d feed
381 800-774-3539 ? www.lappusa.com ? www.lappcanada.com ? www.lappmexico.com top entry side entry high profile high profile metric hoods do not come with a neck. all dimensions are in mm. standard profile epic ? rectangular connectors ha 10 housings: single lever on base top & side entry hoods all dimensions are in mm. top entry side entry position of cable entry 1/2 1/2 1/2 3/4 pg npt size of entry 13 16 16 21 metric 20 25 20 25 104460np 104461np 104450np 104455np pg npt part numbers 10446000 10446100 10445000 10445500 metric 19446000 19446100 19445000 19445500 52015730 52015740 52015740 52015750 pg- nylon pg- metal complete your installation with a skintop ? , pg 352 53015130 53015140 53015140 53015150 metric- nylon 53111020 53111030 53111020 53111030 without dust cover with dust cover 104420c0 704440c0 description ha 10 panel mt or surface mt base/ cable coupler hoods (includes gasket) dust cover for ha 10 hoods part # with string 10457500 10457600 part # without string 10457700 10457800 material: thermoplastic resin temperature: -40c to +125c dust covers with or without attachment string panel mount bases specifications: temperature range: din 43652 -40c to +125c protection class: material: nema 4, nema 12, ip65 aluminum alloy, powder coated top entry metric hoods do not come with a neck. metric-metal 53112020 53112030 53112020 53112030 top entry side entry position of cable entry 1/2 3/4 1/2 3/4 pg npt size of entry 16 21 16 21 metric 20 25 20 25 704602np 704604np 704622np 704624np pg npt part numbers 70460200 70460400 70462200 70462400 metric 79460200 79460400 79462200 79462400 52015740 52015750 52015740 52015750 pg- nylon pg- metal complete your installation with a skintop ? , pg 352 53015140 53015150 53015140 53015150 metric- nylon 53111020 53111030 53111020 53111030 metric-metal 53112020 53112030 53112020 53112030
383 800-774-3539 ? www.lappusa.com ? www.lappcanada.com ? www.lappmexico.com epic ? rectangular connectors ha 16 housings: single lever on base top entry side entry high profile high profile metric hoods do not come with a neck. hoods panel mount base without dust cover with dust cover 104620c0 704740c0 dust covers with or without attachment string description ha 16 panel mt or surface mt base/ cable coupler hoods (includes gasket) dust cover for ha 16 hoods part # with string 10469500 10469600 part # without string 10469700 10469800 material: thermoplastic resin temperature: -40c to +125c standard profile top entry metric hoods do not come with a neck. top entry side entry position of cable entry 1/2 3/4 1/2 3/4 pg npt size of entry 16 21 16 21 metric 20 25 20 25 105650np 105652np 105640np 105645np pg npt part numbers 10565000 10565200 10564000 10564500 metric 19565000 19565300 19564000 19564500 52015740 52015750 52015740 52015750 pg- nylon pg- metal complete your installation with a skintop ? , pg 352 53015140 53015150 53015140 53015150 metric- nylon 53111020 53111030 53111020 53111030 metric-metal 53112020 53112030 53112020 53112030 top entry side entry position of cable entry 1/2 3/4 1/2 3/4 pg npt size of entry 16 21 16 21 metric 20 25 20 25 704902np 704904np 704922np 704924np pg npt part numbers 70490200 70490400 70492200 70492400 metric 79490200 79490400 79492200 79492400 52015740 52015750 52015740 52015750 pg- nylon pg- metal complete your installation with a skintop ? , pg 352 53015140 53015150 53015140 53015150 metric- nylon 53111020 53111030 53111020 53111030 metric-metal 53112020 53112030 53112020 53112030
379 800-774-3539 ? www.lappusa.com ? www.lappcanada.com ? www.lappmexico.com top entry hoods all dimensions are in mm. epic ? rectangular connectors ha 3/4 housings: single lever on base all dimensions are in mm. side entry hoods angled panel mount bases zinc die cast black plastic grey plastic material 1/2 1/2 1/2 pg npt size of entry 11 11 11 metric 20 20 20 npt without cable gland 105121np 104255np 104260np metric - 19425500 19426000 pg 10426500 10426700 10426400 metric 19426500 - - with cable gland zinc die cast black plastic grey plastic material 1/2 1/2 1/2 pg npt size of entry 11 11 11 metric 20 20 20 npt without cable gland 105123np 104273np 104270np metric - 19427300 19427000 pg 10427500 10620600 10427100 metric 19427500 - - with cable gland gray metal black plastic gray plastic 10422500 10422200 10422000 panel mount bases gray metal black plastic gray plastic 10423500 10423100 10423000 top & side entry hoods top entry side entry specifications: temperature range: din 43652 -40c to +125c protection class: material: nema 4, nema 12, ip65 aluminum alloy, powder coated


▲Up To Search▲   

 
Price & Availability of 105650

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X