Part Number Hot Search : 
MAX170 2R300 5SMC47 BTC3906 E6022 SC452 F7220 SMA592
Product Description
Full Text Search
 

To Download 100600760003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0,8 0,1 0,8 0,1 4,8 0,2 s = standard e s l steckl?nge / mating length e = early mate, late break / voreilend l = late mate, early break / nacheilend 2,54 2 x 2,54 = 5,08 5,08 15 x = 76,2 5,08 2,54 5,3 0,1 2 x 2,54 =5,08 76,2 c2 a32 c32 a2 1 max. 85,2 11,1 8,7 5,08 2,5 6 0,1 3 -0,4 3 +0,1 0,6 steckseite ac / anschlussseite ac / contact side ac / terminal side ac l?tanschluss 0,6 x 0,6 / solder terminal 0,6 x 0,6 isolierwerkstoff / housing material : pbt gf 30 bauart 4 / type 4 anforderungsstufe 2 = 400 steckzyklen / performance class 2 = 400 mating cycles fehlende ma?e und angaben gem?ss iec 60603-2 / din en 60603-2 missing information and dimensions according to iec 60 603-2 a c alle l?cher/ leiterplatten-lochbild / all holes 32 30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 pcb drillhole pattern 0,05 0,05 0,1 1 88,9 2,8 +0,1 s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s male con. d32 solder messerleiste d32 l?t copyright by erni gmbh contact one of the erni companies proprietary notice pursuant to iso 16016 to be observed. a3 class stvd 100600760003 2:1 information: tolerances k index www.erni.com before using. version of this drawing, please drawing will not be updated. designation in mm all dimensions scale all rights reserved. only for information. to ensure that this is the latest subject to modification without prior notice. date rc 2 mating length steckl?nge xxxxxxx datum date erni anforderungsstufe class max. 1 2,5 88,9 94 12,5 -0,1 +0,1 6,4 87,5 10,2 -0,2 32 30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 c a bestckungsplan / contact layout


▲Up To Search▲   

 
Price & Availability of 100600760003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X