Part Number Hot Search : 
DMBTA64 1N4002 TDA8010 IL78L05 GBJ6B TDA8010 MPF102RL TX1N5
Product Description
Full Text Search
 

To Download Z0103DN5AA4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  z01xxxn ? may 1998 ed: 1a sensitive gate triacs symbol parameter value unit i t(rms) rms on-state current (360 conductionangle) ttab= 90 c1 a i tsm non repetitive surge peak on-state current (t j initial = 25 c) tp = 8.3 ms 8.5 a tp = 10 ms 8 i 2 ti 2 t value for fusing tp = 10 ms 0.35 a 2 s di/dt critical rate of rise of on-state current i g =50ma di g /dt = 0.1 a/ m s. repetitive f = 50 hz 10 a/ m s non repetitive 50 t stg t j storage and operating junction temperature range - 40, + 150 - 40, + 125 c tl maximum lead temperature for soldering during 10s 260 c absolute ratings (limiting values) i t(rms) =1a v drm = 400v to 800v i gt 3ma to 25ma features symbol parameter voltage unit dmsn v drm v rrm repetitive peak off-state voltage t j = 125 c 400 600 700 800 v the z01xxxn series of triacs uses a high performance top glass pnpn technology. these parts are intended for general purpose high volume applications using surface mount technology. description sot223 (plastic) a1 a2 g a2 1/6
p g (av) = 0.1 w p gm = 2 w (tp = 20 m s) i gm = 1 a (tp = 20 m s) gate characteristics (maximum values) symbol parameter value unit rth(j-a) junction to ambient 60 c/w rth(j-t) junction to leads for d.c 30 c/w rth(j-t) junction to leads for a.c 360 conduction angle (f=50hz) 25 c/w thermal resistances symbol test conditions quadrant sensitivity unit 03 07 09 10 i gt v d =12v (dc) r l =140 w tj= 25 c i-ii-iii max 3 5 10 25 ma iv max 5 7 10 25 v gt v d =12v (dc) r l =140 w tj= 25 c i-ii-iii-iv max 1.5 v v gd v d =v drm r l =3.3k w tj= 125 c i-ii-iii-iv min 0.2 v tgt v d =v drm i g = 40ma i t = 1.4a di g /dt = 0.5a/ m s tj= 25 c i-ii-iii-iv typ 2 m s i h *i t = 50 ma gate open tj= 25 c max 7 101025 ma i l i g = 1.2 i gt tj= 25 c i-iii-iv typ 7 10 10 25 ma ii typ 14 20 20 50 v tm *i tm = 1.4a tp= 380 m s tj= 25 c max 1.8 v i drm i rrm v d =v drm v r =v rrm tj= 25 c max 10 m a tj= 110 c max 200 dv/dt * vd=67%v drm gate open tj= 110 c min 10 20 50 100 v/ m s (dv/dt)c * (di/dt)c = 0.44 a/ms tj= 110 c min 2 5 v/ m s typ 1 1 * for either polarity of electrode a 2 voltage with reference to electrode a 1 electrical characteristics ordering information z0107mn triac top glass current package : n = sot223 voltage sensitivity z01xxxn 2/6
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 180 o = 180 o =120 o =90 o =60 o =30 o t(rms) i(a) p(w) fig.1 : maximum power dissipation versus rms on-state current. 0 102030405060708090100110120130 0 0.2 0.4 0.6 0.8 1.2 1.0 =180 o ttab( c) o i (a) t(rms) fig.3 : rms on-state current versus tab tempera- ture. 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 igt tj( c) o ih -40 -20 0 20 40 60 80 100 120 140 igt[tj] igt[tj=25 c] o ih[tj] ih[tj=25 c] o fig.5 : relativevariation of gate trigger current and holding current versus junction temperature. 0 20406080100120140 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 -90 -95 -100 -105 -110 -115 -120 -125 p(w) rth(j-a) c/w o rth(j-t) c/w o tamb ( c) o ttab ( c) o fig.2 : correlation between maximum power dissi- pation and maximum allowable temperature (tamb and ttab). 1e-3 1e-2 1e-1 1 e+0 1 e+1 1 e+2 5 e +2 0.01 0.10 1.00 zth(j-a)/rth(j-a) tp(s) stan dar d foo t print , e(cu) =35 m fig.4 : relative variation of thermal impedance junction to ambient versus pulse duration. 110100 1000 0 2 4 6 8 tj initial = 25 c o number of cycles i (a) tsm fig.6 : non repetitive surge peak on-state current versus number of cycles. z01xxxn 3/6
110 0.1 1 10 100 i (a). i 2 t(a 2 s) tsm tj initial = 25 c o i tsm i 2 t tp(ms) fig.7 : non repetitive surge peak on-state current for a sinusoidal pulse with width : tp 10ms, and corresponding value of i 2 t. 00.511.522.533.544.55 0.1 1 10 i (a) tm tj initial 25 c o tj max v (v) tm tj max vto =1.10v rt =0.420 fig.8 : on-statecharacteristics(maximum values). z01xxxn 4/6
package mechanical data sot223 (plastic) a a1 t b1 e1 d b h e e s c a1 v v1 v2 o ref. dimensions millimeters inches min. typ. max. min. typ. max. a 1.50 1.70 0.059 0.067 a1 0.02 0.10 0.001 0.004 b 2.95 3.15 0.090 0.124 b1 0.65 0.85 0.026 0.033 c 0.25 0.35 0.010 0.014 d 6.30 6.70 0.248 0.264 e 2.3 0.091 e1 4.6 0.181 e 3.30 3.70 0.130 0.146 h 6.70 7.30 0.264 0.287 o 0.63 0.65 0.67 0.025 0.026 0.026 s 0.85 1.05 0.033 0.041 t 1.10 1.30 0.043 0.051 v10 max v1 10 min 16 max v2 10 min 16 max weight : 0.11 g foot print z01xxxn 5/6
information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringementof patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap- proval of stmicroelectronics. ? 1998 stmicroelectronics - printed in italy - all rights reserved. stmicroelectronics group of companies australia - brazil - canada - china - france - germany - italy - japan - korea - malaysia - malta - mexico - morocco - the netherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. type marking z0103dn z3d z0103mn z3m z0103sn z3s z0103nn z3n z0107dn z7d z0107mn z7m z0107sn z7s z0107nn z7n z0109dn z9d z0109mn z9m z0109sn z9s z0109nn z9n z0110dn z0d z0110mn z0m z0110sn z0s z0110nn z0n marking z01xxxn 6/6


▲Up To Search▲   

 
Price & Availability of Z0103DN5AA4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X