Part Number Hot Search : 
STC403F 000MT AD8554 TX0146A 400000 HB3201 N8T96 LTC3458L
Product Description
Full Text Search
 

To Download VG95234N210SL-3PN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  u.s. cage code 06324 www.glenair.com e-mail: sales@glenair.com 42 glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2008 glenair, inc. printed in u.s.a. vg95234 connectors vg95234 n1 and vg95234 n2 wall mount receptacle with emi/rfi backshell and heat shrink boot lip, sealing grommet and grounding fingers vg95234 n2 k ?a d5 d4 d6 l1 d3 d7 1 l7 3.5 0.2 l5 l6 d2 l2 d2 l3 l4 e alternate insert positions n - x - y basic part number contact arrangement p - pin contacts s - socket contacts rear mount receptacle with emi backshell/shrink boot adapter and... n1 - threaded holes n2 - thru-holes 1 - standard awg contacts (omit for metric) vg95234 n1 32-6 s 1 n application notes 1. rear wall mount receptacle with emi backshell and shrink boot adapter. 2. standard crimp contact material consists of copper alloy with silver plating. please see pages 16-17 for additional contact information. 3. insert arrangements iaw vg95234. please see pages 10-15. 4. standard insert is synthetic rubber, oil and low temperature resistant (-55c to +125c) iaw mil-r-3065. 5. stainless steel and marine bronze shells are available in series its products. please consult factory. 6. all dimensions are metric unless otherwise noted.
u.s. cage code 06324 www.glenair.com e-mail: sales@glenair.com 43 glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2008 glenair, inc. printed in u.s.a. vg95234 connectors vg95234 n1 and vg95234 n2 wall mount receptacle with emi/rfi backshell and heat shrink boot lip, sealing grommet and grounding fingers dimensions shell size ?a +0 -0.15 d2 e 0.1 l1 max l2 +0.4 -0 l3 0.2 l4 0.3 weight gr. max n1 n2 h13 10 sl 18.2 m4 3.2 18.2 55 18.2 2.8 25.4 45 14 s 24.6 m4 3.2 23.0 58 18.2 3.2 30.0 55 16 s 27.4 m4 3.2 24.6 70 18.2 3.2 32.5 65 16 27.4 m4 3.2 24.6 70 21.5 3.2 32.5 75 18 30.8 m4 3.2 27.0 70 23.05 4.0 35.0 85 20 34.2 m4 3.2 29.4 70 23.05 4.0 38.0 95 22 37.4 m4 3.2 31.8 70 23.05 4.0 41.0 105 24 40.9 m4 3.7 35.9 70 23.05 4.0 44.5 120 28 46.7 m5 3.7 39.7 70 24.05 4.0 50.8 150 32 53.4 m5 4.3 44.5 75 24.05 4.0 57.0 190 36 59.6 m5 4.3 49.2 85 24.05 4.0 63.5 220 please refer to vg95234m for dimensions d3, d4, d5, d6, d7, k, l5, l6 and l7. materials shells inserts (temperature range) aluminum alloy iaw qq-a-591 shells high insulation synthetic rubber -55c/+125c crimp contacts copper alloy with silver plating over nickel standard finish (for qq-a-591 aluminum shells) requirements cadmium with olive drab passivation iaw qq-p-416 thermal shock -55c + 125c salt spray after thermal shock 500 hour electrical conductivity very good abrasion resistance very good


▲Up To Search▲   

 
Price & Availability of VG95234N210SL-3PN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X