Part Number Hot Search : 
IRFB4 B120N 1N6154 XC2VP2 MUR16 N03LA XTL1011 1608B
Product Description
Full Text Search
 

To Download UT12005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  universal microelectronics co.,ltd. 3,27th rd.,taichung industrial park, tel:886 - 4 - 23590096 fax:886 - 4 - 2 3590129 taichung,taiwan,r.o.c http://www.umec - web.com e - mail:business@umec.com.tw data sheet specifications rev. um mo de l no.: UT12005 10/100base - t single port surface mount magnetics a2 03/15 features: 1. meets ieee 802.3 and ansi x.3.263 standards including 350uh ocl with 8ma bias 2. designed for reflow soldering at temp erature 230 5 o c 3. compact footprint for use in the most space restrictive applications 4. turns ratio tolerance: 5% 5. operating temperature: - 40 o c to +85 o c electrical specification @25 o c: 1. ocl: 350uh min. 100khz ,0.1vrms,8ma pin(1 - 3), pin(6 - 8 ) 2. turns ratio tolerance: 3%, pin(1 - 3):(16 - 14), pin(6 - 8):(11 - 9) 3. pri. dcr: 0.9 w max. pin(9 - 11), pin(14 - 16) 4. ll: 0.4uh max. pin(1 - 3), pin(6 - 8) 1mhz , 1vrms 5. cw/w: 35pf max. pri. to sec. 1mhz, 1vrms 6. insertion loss: - 1.1db max. @ 0.10 -- 10 0mhz 7. return loss: - 18db min. @ 0.5 -- 30mhz - 15.5db min. @ 40mhz - 13.6db min. @ 50mhz - 12db min. @ 60 -- 80mhz 8. com. to com. mode rejection: - 40db typ. @ 0.10 -- 100mhz 9. crosstalk: - 40db min. @ 0.10 -- 100mhz 10. hi - pot: 1500vrms/2sec. leakage current 0.5ma max./input to output dimensions & schematic : note: 1. packaging information - tape and reel according to item no. ?so16a? of data sheet 01 - 00 2. specifications are sub ject to change without prior notice. unit: mm tolerances: 0.25mm e10 - 007 - c free datasheet http:///


▲Up To Search▲   

 
Price & Availability of UT12005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X