Part Number Hot Search : 
SL9352 100FC UCA6408N 4LC21 BD5358 LBN70A16 SBR5100 4N20L
Product Description
Full Text Search
 

To Download U1600A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  agilent U1600A series handheld digital oscilloscopes features ?three-in-one solution : dual channel oscilloscope, true rms dmm and real-time data logger ?large 4.5? color lcd display ?up to 40 mhz bandwidth with advanced triggering ?up to 200 msa/s sampling rate ?125 kilobytes/channel of waveform memory depth ?6000 count dmm resolution with 22 automatic measurement functions ?125 kilobytes/channel of waveform memory depth ?11 built-in measurement functions including v oltmeter, ohmmeter and auxiliary meter ?dual waveform math functions (additional fft function with four windo wing t echniques available in u1604a) ?full remote control and data transfer via pc link application software ?usb 1.1 full speed interface connectivity ?multi-language quick help support introduction the U1600A series handheld digital oscilloscope has a 4.5-inch lcd color display that is capable of clearly distinguishing waveforms betw een two channels. this U1600A series off ers a high performance tr oubleshooting and quality assurance t ool for t echnical professionals in the inst allation, maintenan ce, service and automotive i ndustries. the U1600A series consists of two models: u1602a ? 20 mhz oscilloscope and u1604a ? 40 mhz oscilloscope. each model has real time sam pling rate of up to 200 msa/s. users can use the dual waveform math (dwm) and fast fourier t ransform (fft) functions (in u1604a) to perform quick waveform anal ysis in both time and frequency domains. the built-in 6000 resolution count true rms digital multimeter ( dmm) comes with auto-range feature that gives users the flexibility to perform quick and accurate meter m easurement functions inclusive of volt age, resist ance and auxiliary measurements. in addition to t his, the U1600A series also comes standard with data logging functionality t hat allows u sers to consolidate a sequence of data points for data recording purposes. a scope, true rms dmm and real- time data logger in one instrument the U1600A series is a r obust, high performance and reliable handheld waveform and meter measurement t ool for today?s challenging industrial envir onment. this instr ument not only provides full f eatured oscilloscope functions, but a 6000 count true rms dmm with real-time data logger. the dmm consists of 11 measurement functions including voltmeter (for dc volt age, ac voltage, true rms ac + dc voltage measurements), ohmmeter (for 2- wire resistance, capacitance, diode and continuity test) and auxiliary meter (for temperature, am pere, humidity and pressure measurements). data sheet delivering the most functionality and performance in their class of handheld oscilloscope free datasheet http://www.datasheet-pdf.com/
2 clearly distinguish your waveform the U1600A series models comes with a color display to allow you to quickly and clearly identify y our signal betw een two channels. the large size lcd display ? 4.5? with 320 x 240 resolution extends the sim plicity and makes it easier for you to see more information. capture signal deviations, glitches and dropouts effectively the U1600A series off ers the best pr oduct specif ication for users. this instrument provides real-time sampling rate of up to 200 msa/s ? 8 times the sampling rate of com petitive handheld digit al oscilloscope in its class. use U1600A series to capture both instant aneous and repetitive signal anomalies effectively. high precision zoom-in capability in deep memory up to 250 times the memory depth of competitive handheld digital oscilloscope in this class. with 125 kilobytes of memory depth per channel, now you can capture long time spans and non-repeating signals while m aintaining a maximum sampling rate of 200 msa/s. deep memory allows you to quickly zoom in the segment of interest and uncover even the most subtle details of the signal at a given time base setting. isolate and analyze the signal you want to see the U1600A series comes with flexible triggering capabilities that allows you to isolate and capture the condition you want to charact erize. the advanced triggering includes edge, pulse width, pattern and video signal triggering that are essential f or quick isolation of critical ev ents . figure 1 high-definition of color resolution in large 4.5? lcd display allows you to quickly distinguish and identify your signals and observe signal activity. figure 2 with deep memory of 125 kilobytes per channel, use the zoom-in function to magnify signal to the segment of your interest and scrutinize subtle details of your signal. before zoom after zoom free datasheet http://www.datasheet-pdf.com/
3 fft (u1604a only) and dual waveform math functions for waveform analysis besides the st andard dual waveform math (dwm) function in U1600A series, the u1604a model is equipped with an fft (fast f ourier transform) function. this function allows you to view the waveform in frequency domain using four windo wing techniques (rect angular, hanning, hamming, blackman- harris). use the dwm function to perform math functions for signal addition and subtraction from multiple channels. easy, straightforward connectivity the U1600A series expands the oscilloscope?s capability with the pc link application software that caters for data gathering, storage and document ation needs from instrument via usb 1.1 full speed. you can control the intstrument remotely from pc, retrieve y our waveform and print it using a connected printer. this pc link application softw are is bundled with the purchase of any U1600A series. as an option, you can connect a usb flash drive via the usb host port to store your waveform and conf iguration setup from the instrument. built-in multi-lingual quick help menu provides instant assistance need assist ance while operating the instrument? the built-in multi-lingual quick help menu helps to m inimize downtime in t he event that you need help to set up scope and dmm functions. the supported languages include english, german, it alian, spanish, portuguese, f rench, korean, t raditional chinese, simplif ied chinese and japanese. figure 3 the U1600A series comes equipped with dwm features, allowing you to perform spectrum analysis and evaluate signal addition and subtraction from multiple channels. figure 4 the U1600A series comes with a pc link application software that caters for data gathering, storage and documentation needs via usb full speed remote control from pc. free datasheet http://www.datasheet-pdf.com/
4 oscilloscope mode the U1600A series handheld digital oscilloscopes off ers the following st andard and advanced features to make your analysis and troubleshooting tasks easier and faster. deep memory the U1600A series comes standard with 125 kilobytes of memory depth, nearly 250 times the memory depth of competitive handheld digital oscilloscope in t his class. autoscale autoscale enables the instrument to quickly display any active signals, and automatically adjust the vertical and horizontal settings with trigger control for the best signal display. dual waveform math (dwm) and fast fourier transform (fft) the U1600A series offers analysis functions including addition and subtraction for dwm, as well as fft with four window ing techniques (rectangular, h anning, hamming and blackman- harris). fft functions is only available for the u1604a model. cursor measurement use cursor function to manually or automatically place readout of the waveform?s voltage at any desired vertical or horizontal point. 22 automatic measurements up to 22 automatic a vailable measurements. you can make and display f our diff erent measurements simult aneously. advanced triggering advanced triggering includes edge, pulse width, pattern and video to help you isolate the signal you want to see. easy connectivity the pc link application software is bundled with the purchase of any U1600A series handheld digital oscilloscope. this software provides flexibility for data gathering, storage and document ation needs via usb connectivity. usb f lash drive is also available to you as an option to save and retrieve conf iguration setups or waveforms to and from the usb f lash drive. save and recall waveform and setup memories up to 10 waveforms and conf iguration setups can be stored and recalled at anytime for future use and reference. logger mode the U1600A series allows you to customize your data logging for any dmm measurement. this sophiscated function allows you to record and consolidate a sequence of data points for data plotting purposes. digital multimeter (dmm) mode auto-range all meter m easurements come in auto-range mode ? instrument will aut o-select the most appr opriate range for measurement. voltmeter voltmeter m easurement includes dc voltage, ac voltage and ac+dc volt age with auto - measurement of minimum, maximum and av erage value. ohmmeter ohmmeter m easurement consists of resist ance, capacitance , di ode test and continuity t est. the auto - measurement of minimum, maximum and av erage value applies only to resistance and continuity t est. auxiliary meter auxiliary meter involves temperature, ampere, humidity and pressure measurements. similary, the auto - measurement of minimum, maximum and average value is also available in t his mode. the U1600A series features free datasheet http://www.datasheet-pdf.com/
5 vertical system : scope channels bandwidth (?3 db) u1602a : dc to 20 mhz u1604a : dc to 40 mhz dc vertical gain accuracy 5 mv/div: 4% full scale 10 mv/div to 100 v/div: 3% full scale scope channel triggering trigger sensitivity dc to 50 mhz: 0.5 divisions u1602a: 5 mhz to 20 mhz ? 1 division u1604a: 5 mhz to 40 mhz ? 1 division [1] all specifications are warranted. specifications are valid after a 30 minutes warm-up period and within 10 o c from firmware calibration temperature. [2] all characteristics are typical performance values and are not warranted. characteristics are valid after a 30 minutes warm -up period and within 10 o c from firmware calibration temperature. scope specifications [1] scope characteristics [2] acquisition : scope channels maximum sampe rate u1602a : 200 msa/s interleaved, 100 msa/s each channel (50 s/div to 125 ns/div) u1604a : 200 msa/s interleaved, 100 msa/s each channel (50 s/div to 250 ns/div) equivalent sample rate u1604a : 2.5 gsa/s (125 ns/div to 10 ns/div) vertical resolution 8 bits maximum memory depth 125 kilobytes/channel peak detection 5 ns average selectable in average number of 2, 4, 8, 16, 32, 64, 128, 256 vertical system : scope channels analog channels channel 1 and channel 2 simultaneous acquisition bandwidth (?3 db) u1602a : dc to 20 mhz u1604a : dc to 40 mhz ac coupled < 10 hz without probe rise time u1602a : < 17 ns u1604a : < 8 ns single shot bandwidth u1602a : 20 mhz u1604a : 40 mhz range 5 mv/div to 100 v/div maximum input cat iii 300 vrms offset/dynamic range 5 div input impedance 1 m w || < 20 pf coupling ac, dc, gnd probes u1560-60001 : 500 mhz 1:1 passive probe u1561-60001 : 500 mhz 10:1 passive probe probe attenuation factors 1x, 10x, 100x coupling 3 vp-p, ~ 1 khz maximum probe input 1x cat iii 300 vac 10x, 100x cat iii 600 vac noise peak-to-peak 3% of full scale or 5 mv, whichever is greater dc vertical offset accuracy 0.1 div 2 mv 0.5% offset value single cursor accuracy 4% full scale dual cursor accuracy 4% full scale free datasheet http://www.datasheet-pdf.com/
6 horizontal system range u1602a : 50 ns to 50 s/div u1604a : 10 ns to 50 s/div resolution u1602a : 2 ns u1604a : 400 ps reference position left, center, right delay range (pre-trigger) 15 divisions delay range (post-trigger) 1000 divisions analog delta-t accuracy 3% modes main, xy rms jitter 2% of horizontal scale or 5 ns whichever is higher trigger system source channel 1 and channel 2 modes auto, normal, single, roll selections edge, pulse width, pattern, video edge trigger on a rising or falling edge of any source. pattern trigger at the beginning of a pattern of high, low levels and rising or falling edge established conditions of and, or, nor and nand between the channels. pulse width 200 ns to 10 s. trigger when a positive or negative pulse width of any source larger than, less than, equal to or not equal to duration. video video trigger sensitivity : 0.7 division trigger level. available to both channel 1 and channel 2. analog progressive and interlaced video standards including ntsc, pal and secam. positive or negative sync pulse polarity. modes ? all fields, even fields, odd fields or any line within a field. range 4 divisions from center screen level accuracy 0.4 divisions trigger sensitivity dc to 5 mhz : 0.5 divisions u1602a : 5 mhz to 20 mhz ? 1 division u1604a : 5 mhz to 40 mhz ? 1 division coupling dc, ac (< 1 hz), hf reject (> 50 khz), lf reject (<30 khz), noise reject measurement system autoscale finds and displays all active scope channels, sets edge trigger mode on highest numbered channel, sets vertical sensitivity on scope channel. requires voltage > 20 mvp-p, 0.5% duty cycle and frequency > 100 hz. automatic measurement measurements continuously updated. voltage peak-to-peak, maximum, minimum, amplitude, top, base, +overshoot, ?overshoot, preshoot, rms, mean and one cycle mean. time frequency, period, +width, ?width and +duty cycle and ?duty cycle on any channel. rise time, fall time, delay and phase shift. cursors manually place readout of horizontal (x , d x) and vertical (y , d y) . waveform math ch1 + ch2, ch1 ? ch2, ch2 ? ch1 fft [1] window rectangular, hamming, hanning, blackman-harris amplitude display selectable in amplitude display of 1 db, 2 db, 5 db, 10 db [1] fft function is only available for u1604a model. free datasheet http://www.datasheet-pdf.com/
7 function range frequency, test current or 1 year tcal 5 o c burden voltage dc voltage 600.0 mv 0.3 + 0.08 6.000 v 0.3 + 0.08 60.00 v 0.3 + 0.08 600.0 v 0.3 + 0.08 ac voltage 600.0 mv ? 600.0 v 50 hz ? 1 khz 0.75 + 0.2 1 khz ? 30 khz 3.0 + 0.2 ac + dc voltage 6.0000 v ? 600.0 v 50 hz ? 1 khz 0.75 + 0.2 1 khz ? 30 khz 3.0 + 0.2 resistance 600.0 w 0.5 + 0.2 6.000 k w 0.5 + 0.2 60.00 k w 0.5 + 0.2 600.0 k w 0.5 + 0.2 6.000 m w 0.5 + 0.2 60.00 m w 1.0 + 0.2 capacitance 60.00 nf 2.0 + 0.2 600.0 nf 2.0 + 0.2 6000 nf 2.0 + 0.2 60.00 f 2.0 + 0.2 300.0 f 2.0 + 0.2 diode 1.000 v 0.5 ma 2.0 + 0.08 digital multimeter specifications [1] (% of reading + % of range) measurement characteristics full scale reading 6000 count dc voltage, true rms ac voltage maximum input voltage, 600 vrms cat ii, 300 vrms cat iii dc coupled input coupling continuity beeper < 60 w in 600 w range source digital multimeter measurements range 10 divisions record size 250 points time span auto range 150 seconds to 20 days time reference time from start record method selectable minimum, maximum and average data logger display system display 4.5-inch diagonal color cstn lcd resolution 320 x 240 pixels control contrast control, infinite persistence on/off build-in help system functional help displayed by pressing help button real time clock time and date (user adjustable) [1] for temperature between 0 o c to 18 o c and 28 o c to 50 o c , add 0.1x of reading + 0.02% of range for every degree celsius . storage save/recall (non-volatile) up to 10 setups and traces free datasheet http://www.datasheet-pdf.com/
8 power adapter line voltage range 50/60 hz, 100 ? 240 vac output voltage 12 vdc battery ni-mh rechargeable battery pack 7.2 v / 4500 mah operating time : 4 hours charging time : 6 hours, measurement unit off allow ambient temperature during charging : 10 o c to 40 o c operating environment temperature operating full accuracy 0 o c to 50 o c non-operating ?20 o c to 70 o c humidity operating full accuracy 80% rh at 40 o c altitude operating up to 2000 m non-operating 15000 m (50000 ft) esd tolerance 4 kv safety compliance iec 61010-1 second edition pollution degree 2 this instrument is rated for indoor use only. dimension (hxwxd) 13.8 cm width x 24.1 cm x 6.6 cm depth weight 1.5 kg i/o usb 1.1 host and client. firmware upgrade through usb. warranty 1 year + 2 years extended (optional) general characteristics accessories included: ? scope probe (1:1) cat iii 300 v ? scope probe (10:1) cat iii 600 v ? ground alligator clip ? dmm test lead ? hook clip ? medium jaw alligator clip ? usb cable ? power cord and ac adapter ? ni-mh battery pack 4500 ma ? quick start guide ? product reference cd-rom containing user?s and ? service guide, quick start guide and pc link application software ? certificate of calibration (coc) ? test report optional accessories: ? soft casing ? scope probe (100:1) cat iii 600 v with ground alligator clip dimensions agilent optional accessories soft casing scope probe (100:1) cat iii 600 v with ground alligator clip free datasheet http://www.datasheet-pdf.com/
agilent technologies? test and measurement support, services, and assistance agilent technologies aims to maximize the value you receive, while minimizing your risk and problems. we strive to ensure that you get the test and measurement capabilities you paid for and obtain the support you need. our extensive support resources and services can help you choose the right agilent products for your applications and apply them successfully. every instrument and system we sell has a global warranty. two concepts underlie agilent?s overall support policy: ?our promise? and ?your advantage.? our promise our promise means your agilent test and measurement equipment will meet its advertised performance and functionality. when you are choosing new equipment, we will help you with product information, including realistic performance specifications and practical recommendations from experienced test engineers. when you receive your new agilent equipment, we can help verify that it works properly and help with initial product operation. your advantage your advantage means that agilent offers a wide range of additional expert test and measurement services, which you can purchase according to your unique technical and business needs. solve problems efficiently and gain a competitive edge by contracting with us for calibration, extra-cost upgrades, out-of-warranty repairs, and onsite education and training, as well as design, system integration, project management, and other professional engineering services. experienced agilent engineers and technicians worldwide can help you maximize your productivity, optimize the return on investment of your agilent instruments and systems, and obtain dependable measurement accuracy for the life of those products. www.agilent.com for more information on agilent technologies? products, applications or services, please contact your local agilent office. the complete list is available at: www.agilent.com/find/contactus phone or fax united states: (tel) 800 829 4444 (fax) 800 829 4433 canada: (tel) 877 894 4414 (fax) 800 746 4866 china: (tel) 800 810 0189 (fax) 800 820 2816 europe: (tel) 31 20 547 2111 japan: (tel) (81) 426 56 7832 (fax) (81) 426 56 7840 korea: (tel) (080) 769 0800 (fax) (080) 769 0900 latin america: (tel) (305) 269 7500 taiwan : (tel) 0800 047 866 (fax) 0800 286 331 other asia pacific countries: (tel) (65) 6375 8100 (fax) (65) 6755 0042 email: tm_ap@agilent.com contacts revised: 09/26/05 product specifications and descriptions in this document subject to change without notice. ? agilent technologies, inc. 2006 printed in malaysia, august, 2006 5989-5576en www.agilent.com/find/emailupdates get the latest information on the products and applications you select. agilent email updates agilent direct www.agilent.com/find/agilentdirect quickly choose and use your test equipment solutions with confidence. free datasheet http://www.datasheet-pdf.com/


▲Up To Search▲   

 
Price & Availability of U1600A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X