Part Number Hot Search : 
MBT2222A EKA8564A SA5777A TW0161A WL30NC 25V10 BAS21 24S12
Product Description
Full Text Search
 

To Download TLCL226M002A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  % % % % % % % 12 tlc series tantalum solid electrolytic chip capacitors consumer series the consumer tlc series of tacmicrochip ? tantalum capacitors offers high capacitance vs. voltage ratio based on stable mno 2 electrode capacitors. the tlc series complies with rohs requirements and it is an environ- mentally friendly component ready for lead-free assembly systems. the tlc series is suitable for wide range of consumer electronic applications such as the latest portable handheld electronics, cellular phones, pdas or other digital equipment and cameras. ? super high volumetric efficiency ? environmentally friendly component ? small & low profile case sizes ? leadfree assembly systems ? consumer applications lead-free compatible component case dimensions: millimeters (inches) l slt w h polarity band not to exceed center line minimum code eia eia length (l) width (w) height (h) termination termination average code metric spacing(s) length (lt) mass a 1206 3216-18 3.20 1.60 1.60 1.80 min 0.15 44.6mg (0.126 ) (0.063 ) (0.063 ) (0.071 min) (0.006) c 1206 3216-10 3.20 1.60 1.00 max 1.80 min 0.15 tba (0.126 ) (0.063 ) (0.039 max) (0.071 min) (0.006) h 0805 2012-10 2.00 1.35 1.00 max 0.70 min 0.15 17.1mg (0.079 ) (0.053 ) (0.039 max) (0.028 min) (0.006) j 0603 1608-08 1.60 0.85 0.75 max 0.55 min 0.15 5.8mg (0.063 ) (0.033 ) (0.030 max) (0.022 min) (0.006) k 0402 1005-07 1.00 0.50 0.50 0.40 min 0.10 2.0mg (0.039 ) (0.020 ) (0.020 ) (0.016 min) (0.004) l 0603 1608-10 1.60 0.85 0.85 0.55 min 0.15 8.6mg (0.063 ) (0.033 ) (0.033 ) (0.022 min) (0.006) m 0803 2008-10 2.00 0.85 0.85 0.70 min 0.15 9.9mg (0.079 ) (0.033 ) (0.033 ) (0.028 min) (0.006) q 0805 2012-12 2.00 1.35 1.20 max 0.70 min 0.15 21.0mg (0.079 ) (0.053 ) (0.047 max) (0.028 min) (0.006) r 0805 2012-15 2.00 1.35 1.35 0.70 min 0.15 29.9mg (0.079 ) (0.053 ) (0.053 ) (0.028 min) (0.006) s 1206 3216-12 3.20 1.60 1.20 max 1.80 min 0.15 33.0mg (0.126 ) (0.063 ) (0.047 max) (0.071 min) (0.006) t 1411 3528-12 3.50 2.80 1.20 max 2.00 min 0.15 65.0mg (0.138 ) (0.110 ) (0.047 max) (0.079 min) (0.006) u 0805 2012-06 2.00 1.35 0.60 max 0.70 min 0.15 8.9mg (0.079 ) (0.053 ) (0.039 max) (0.028 min) (0.006) v 1206 3216-08 3.20 1.60 0.75 max 1.80 min 0.15 19.1mg (0.126 ) (0.063 ) (0.030 max) (0.071 min) (0.006) z 0602 1605-07 160 0.50 0.50 0.55 min 0.15 4.5mg (0.063 ) (0.020 ) (0.020 ) (0.022 min) (0.006) +0.20 -0.20 +0.008 -0.008 +0.20 -0.20 +0.008 -0.008 +0.20 -0.20 +0.008 -0.008 +0.20 -0.20 +0.008 -0.008 +0.20 -0.00 +0.008 -0.000 +0.15 -0.00 +0.006 -0.000 +0.20 -0.00 +0.008 -0.000 +0.15 -0.00 +0.006 -0.000 +0.20 -0.20 +0.008 -0.008 +0.20 -0.00 +0.008 -0.000 +0.20 -0.00 +0.008 -0.000 +0.20 -0.00 +0.008 -0.000 +0.20 -0.00 +0.008 -0.000 +0.20 -0.00 +0.008 -0.000 +0.20 -0.00 +0.008 -0.000 +0.20 -0.00 +0.008 -0.000 +0.15 -0.00 +0.006 -0.000 +0.15 -0.00 +0.006 -0.000 +0.20 -0.00 +0.008 -0.000 +0.15 -0.00 +0.006 -0.000 +0.20 -0.00 +0.008 -0.000 +0.15 -0.00 +0.006 -0.000 +0.15 -0.00 +0.006 -0.000 +0.20 -0.00 +0.008 -0.000 +0.15 -0.00 +0.006 -0.000 +0.20 -0.20 +0.008 -0.008 +0.20 -0.10 +0.008 -0.004 +0.20 -0.00 +0.008 -0.000 +0.15 -0.00 +0.006 -0.000 +0.20 -0.20 +0.008 -0.008 +0.20 -0.20 +0.008 -0.008 +0.20 -0.20 +0.008 -0.008 +0.20 -0.20 +0.008 -0.008 +0.15 -0.00 +0.006 -0.000
tlc series tantalum solid electrolytic chip capacitors consumer series 13 tlc type l case size see table above 226 capacitance code pf code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow) m tolerance m=20% 006 rated dc voltage 003=3vdc 004=4vdc 002=2vdc 006=6.3vdc 010=10vdc 016=16vdc 020=20vdc 025=25vdc 035=35vdc how to order rta packaging see table above packaging suffix/quantity technical data: all technical data relate to an ambient temperature of +25c capacitance range: 0.47 f to 220 f capacitance tolerance: 20% rated voltage (v r ) -55c +40c: 2 3 4 6.3 10 16 20 25 35 category voltage (v c ) at 85c: 1 1.5 2 3.2 5.0 8.0 10.0 12.5 17.5 category voltage (v c ) at 125c: 0.4 0.6 0.8 1.3 2.0 3.2 4.0 5.0 7.0 temperature range: -55c to +125c with category voltage reliability: 0.2% per 1000 hours at 85c, 0.5xv r with 0.1 /v series impedance with 60% confidence level technical specifications case size standard tin termination gold termination tape type/width 4 1 ? 4 inch reel 7 inch reel 4 1 ? 4 inch reel 7 inch reel a xta / 500 rta / 2,000 fta / 500 ata / 2,000 plastic / 8mm h xta / 500 rta / 3,500 fta / 500 ata / 3,500 plastic / 8mm j xta / 500 rta / 3,500 fta / 500 ata / 3,500 plastic / 8mm k qta / 1,000 pta / 10,000 C C plastic / 8mm l xta / 500 rta / 3,500 fta / 500 ata / 3,500 plastic / 8mm m xta / 500 rta / 2,500 fta / 500 ata / 2,500 plastic / 8mm r xta / 500 rta / 2,500 fta / 500 ata / 2,500 plastic / 8mm t xta / 500 rta / 2,500 fta / 500 ata / 2,500 plastic / 8mm u xta / 500 rta / 3,500 fta / 500 ata / 3,500 plastic / 8mm v xta / 500 rta / 2,500 fta / 500 ata / 2,500 plastic / 8mm all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5 rms with dc bias of 1.5v. dcl is measured at rated voltage after 5 minutes. esr allowed to move up to 1.25 times catalog limit post mounting. dcl allowed to move up to 2.00 times catalog limit post mounting. note: avx reserves the right to supply a higher voltage rating in the same case size, to the same reliability standards. voltage vs temperature rating 100% 100% 33% 67% 50% 20% 80% 80% 0% 20% 40% 60% 80% 100% 120% -55c 40c 0c 60c 85c 125c 105c rated range recommended derating
14 tlc series tantalum solid electrolytic chip capacitors consumer series ratings & part number reference # refer to packaging suffix table for options. developmental ratings - subject to change. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. capacitance voltage rating dc (v r ) to 40c f code 2.0v 3.0v 4.0v 6.3v 10v 16v 20v 25v 35v 0.33 334 jl 0.47 474 k 0.68 684 1.0 105 jj lr 1.5 155 2.2 225 j /k jl /h h/r 3.3 335 l 4.7 475 k u/k j 6.8 685 k k u 10 106 k j/k/z j/k / z j/ uv r 15 156 l/h 22 226 j j l l /m 33 336 l l/h h 47 476 l l h/l h r/ q/c 68 686 r r r/a 100 107 h c/h/q rt 150 157 220 227 rsa /t 330 337 470 477 a 680 687 developmental ratings - subject to change capacitance and rated voltage, v r (voltage code) range (letter denotes case size) note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. rated dcl esr avx eia eia case cap voltage (a) max. ( ) part no. code metric size (f) (v) max. @100khz tlcl476m002# 0603 1608-10 l 47 2.0 0.9 7.5 tlcr227m002# 0805 2012-15 r 220 2.0 4.4 5.0 tlca477m002# 1206 3216-18 a 470 2.0 9.4 1.0 tlck685m003# 0402 1005-07 k 6.8 3.0 0.5 15 tlck106m003# 0402 1005-07 k 10 3.0 0.5 15 tlcj226m003# 0603 1608-08 j 22 3.0 0.7 7.5 tlcl476m003# 0603 1608-10 l 47 3.0 1.4 7.5 tlch107m003# 0805 2012-10 h 100 3.0 3.0 5 tlcs227m003# 1206 3216-12 s 220 3.0 6.6 2 tlck475m004# 0402 1005-07 k 4.7 4.0 0.5 15 tlck685m004# 0402 1005-07 k 6.8 4.0 0.5 15 tlcj106m004# 0603 1608-08 j 10 4.0 0.5 7.5 tlck106m004# 0402 1005-07 k 10 4.0 0.5 15 tlcz106m004# 0602 1605-07 z 10 4.0 0.5 15 tlcj226m004# 0603 1608-08 j 22 4.0 0.9 7.5 tlcl336m004# 0603 1608-10 l 33 4.0 1.3 7.5 tlch476m004# 0805 2012-10 h 47 4.0 1.9 5 tlcl476m004# 0603 1608-10 l 47 4.0 1.9 7.5 tlcr686m004# 0805 2012-15 r 68 4.0 2.7 5 tlch107m004# 0805 2012-10 h 100 4.0 4.0 5 tlcc107m004# 1205 3216-10 c 100 4.0 4.0 2.0 tlcq107m004# 0805 2012-12 q 100 4.0 4.0 5 tlca227m004# 1206 3216-18 a 220 4.0 8.8 1.0 tlct227m004# 1210 3528-12 t 220 4.0 8.8 1 tlck475m006# 0402 1005-07 k 4.7 6.3 0.5 15 tlcu475m006# 0805 2012-06 u 4.7 6.3 0.5 5 tlcj106m006# 0603 1608-08 j 10 6.3 0.6 7.5 tlck106m006 0402 1005-07 k 10 6.3 0.6 15 tlcz106m006# 0602 1605-07 z 10 6.3 0.6 15 tlcl226m006# 0603 1608-10 l 22 6.3 1.4 7.5 tlch336m006# 0805 2012-10 h 33 6.3 2.0 5 tlcl336m006# 0603 1608-10 l 33 6.3 2.1 7.5 tlch476m006# 0805 2012-10 h 47 6.3 3.0 5 tlcr686m006# 0805 2012-15 r 68 6.3 4.3 5 tlcr107m006# 0805 2012-15 r 100 6.3 6.0 5 tlcj225m010# 0603 1608-08 j 2.2 10 0.5 7.5 rated dcl esr avx eia eia case cap voltage (a) max. ( ) part no. code metric size (f) (v) max. @100khz tlck225m010# 0402 1005-07 k 2.2 10 0.5 15 tlcj475m010# 0603 1608-08 j 4.7 10 0.5 7.5 tlcu685m010# 0805 2012-06 u 6.8 10 0.7 5 tlcj106m010# 0603 1608-08 j 10 10 1.0 7.5 tlcu106m010# 0805 2012-06 u 10 10 1.0 5 tlcl156m010# 0603 1608-08 l 15 10 1.5 7.5 tlch156m010# 0805 2012-10 h 15 10 1.5 5 tlcl226m010# 0603 1608-10 l 22 10 2.2 7.5 tlcm226m010# 0803 2008-10 m 22 10 2.2 7.5 tlch336m010# 0805 2012-10 h 33 10 3.3 5 tlcc476m010# 1205 3216-10 c 47 10 4.7 2 tlcq476m010# 0805 2012-12 q 47 10 4.7 5 tlcr476m010# 0805 2012-15 r 47 10 4.7 5 tlca686m010# 1206 3216-18 a 68 10 6.8 1 tlcr686m010# 0805 2012-15 r 68 10 6.8 5 tlct107m010# 1210 3528-12 t 100 10 10 1 tlcj334*016# 0603 1608-08 j 0.33 16 0.5 7.5 tlck474m016# 0402 1005-07 k 0.47 16 0.5 15 tlcj105m016# 0603 1608-08 j 1.0 16 0.5 7.5 tlcj225m016# 0603 1608-08 j 2.2 16 0.5 7.5 tlcl335m016# 0603 1608-10 l 3.3 16 0.5 7.5 tlcv106m016# 1206 1206-08 v 10 16 1.6 2 tlcj105m020# 0603 1608-08 j 1.0 20 0.5 7.5 tlch225m020# 0805 2012-10 h 2.2 20 0.5 5 tlcl225m020# 0603 1608-10 l 2.2 20 0.5 7.5 tlcr106m020# 0805 2012-15 r 10 20 2.0 5 tlcl334*025# 0603 1608-10 l 0.33 25 0.5 7.5 tlcl105m025# 0603 1608-10 l 1.0 25 0.5 7.5 tlcr225m025# 0805 2012-15 r 2.2 25 0.6 5 tlch225m025# 0805 2012-10 h 2.2 25 0.6 5 tlcr105m035# 0805 2012-15 r 1.0 35 0.5 5


▲Up To Search▲   

 
Price & Availability of TLCL226M002A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X