Part Number Hot Search : 
TL594 LTC1703 BPC250 P4KE10 AC2626L6 EUM6804 035PT MP100
Product Description
Full Text Search
 

To Download THMR1395 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t h r o u g h h o l e p o w e r i n d u c t o r s THMR1395 t ype mechanical dimension: high current ( lsat up to 66a ) though hole type. magnetically shielded, suitable for hight density mounting. high energy storage and low dcr. ideal for power source circuits, dc-dc converter, dc-ac inverters inductor application. in addition to the standard versions shown here, customized inductors are available to meet your exact requirements. features electrical characteristics: delt a electronics, inc. (taoyuan plant cpbg) at 25 : 100khz, 1.0v o c 252, san ying road, kueisan industrial zone, taoyuan shien, 333, taiwan, r .o.c. tel: 886-3-3591968; fax: 886-3-3591991http://www.deltaww .com 153 unit : mm/inch a = 12.50 / 0.492 max. b = 14.50 / 0.571 max. c = 3.20 0.5 / 0.126 0.020 d = 9.50 / 0.374 e = 1.30 0.1/0.051 0.004 b a 7.5/0.295 9.0/0.354 1.6/0.063 d c e 1.tolerance of inductance : 0.28 ~1.20uh 15% 2.isat is the dc current which cause the inductance drop less than 20% of its nominal inductance without current o 3.irms is the dc current which cause the surface temperature of the part increase less than 45 c oo 4.operating temperature: -40 c to 125 c ( including self-temperature rise ) 1 3 2 part no. l dcr isat irms (uh) (m ) 8% (adc) (adc) THMR1395-r28 0.28 0.47 66 47 th -r35 0.35 0.47 58 47 th -r45 0.45 0.96 47 35 th -0r6 0.60 0.96 40 35 th -0r8 0.80 1.25 37 30 th -1r2 1.20 1.55 30 27 mr1395 mr1395mr1395 mr1395 mr1395 recommended pad pa tterns


▲Up To Search▲   

 
Price & Availability of THMR1395

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X