Part Number Hot Search : 
HCF40 P20N60 84134041 12TRPBF MC54H 6KE18CA 3002E 5KP24A
Product Description
Full Text Search
 

To Download T1300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 info@euroquartz.co.uk www.euroquartz.co.uk euro quartz description T1300 series tcxos are standard-packaged parts providing ultra-low acceleration sensitivity performance with close tolerance temperature stability. the part provides stability of 2x10 -6 ppm over -40 to +85c. low phase noise performance ultra-low acceleration sensitivity frequency range: 10 - 50 mhz output signal: cmos industry-standard dual-in-line package general specification outlines and dimensions ultra-low acceleration sensitivity T1300 series tcxo 10.0mhz to 50.0mhz frequency range: 10.0mhz to 50.0mhz output: cmos square wave symmetry: 50%10% load: 15pf/10k temperature stability: 2x10 -6 over -40 to +85c frequency vs. supply v: 1x10 -7 for a 5% change frequency vs. load: 1x10 -7 for a 10% change short term variation: 2x10 -10 typical for 1 sec. tau (10mhz) ageing: 0.5ppm /year after 14 days operation input voltage: +5.0vdc or +3.3vdc 5% input current: 15ma max. warm-up time: to within 1ppm in 10ms. g-sensitivity: <5x10 -11 /g, total gamma frequency adjust: 6.0ppm typical, positive slope 0 to vcc efc, 50k input z. phase noise (at 10mhz +5v, typical) offset dbc/hz 10hz -95 100hz -125 1khz -155 10khz -162 100khz -162 part numbering example: T1300-3.3v-10.0mhz T1300 - 3.3v - 10.0mhz model number - input voltage - frequency


▲Up To Search▲   

 
Price & Availability of T1300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X