Part Number Hot Search : 
SMCJ15CA 1N6157US AC120 BZM55C62 A0270164 03597 LTC10 1N6157US
Product Description
Full Text Search
 

To Download SXM56LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 august 1,2013-rev.00 SXM56LF ultra low vf schottky rectifier voltage 60 volts 5 amperes features ? ideal for automated placement ? ultra low forward voltage drop, low power losses ? high efficiency operation ? low thermal resistance ? ultra thin profile package for space constrained utilization ? package suitable for automated handling ? lead free in comply with eu rohs 2011/65/eu directives. ? green molding compound as per iec61249 std. . (halogen free) mechanical data case : smaf molded plastic terminals : solderable per mil-std-750, method 2026 polarity : color band denotes cathode end standard packaging : 12mm tape (eia-481) weight : 0.0011 ounces, 0.0328 grams marking : SXM56LF current maximum ratings(t a =25 o c unless otherwise noted) notes:1.mounted on an fr4 pcb, single-sided copper, with 100cm 2 copper pad area 2.mounted on an fr4 pcb, single-sided copper, mini pad. 1 2 cathode anode parameter symbol value unit maximum recurrent peak reverse voltage v rrm 60 v maximum rms voltage v rms 42 v maximum dc blocking voltage v r 60 v maximum average rectified output current i f(av) 5a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load i fsm 80 a typical junction capacitance (v r =4v, f=1mhz) c j 200 pf typical thermal resistance (note 1) (note 2) r ? jl r ? ja 20 150 o c/w operating junction temperature range and storage temperature range t j ,t stg -55 to + 150 o c
page . 2 august 1,2013-rev.00 SXM56LF 0 1 2 3 4 5 6 0 25 50 75 100 125 150 t c , case temperature ( c) i f , forward current (a) 0.01 0.1 1 10 100 20 40 60 80 100 i r , reverse current (ma) percent of rated peak reverse voltage (%) t j = 25 c t j = 75 c t j = 125 c t j = 150 c fig.3 typical reverse characteristics fig.4 typical forward characteristics fig.1 forward current derating curve fig.2 typical junction capacitance 1 10 100 1000 10000 11 01 0 0 c j , junction capacitance (pf) v r , reverse bias voltage (v) 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 i f , forward current (a) v f , forward voltage (v) t j = 150 c t j = 125 c t j = 25 c t j = 75 c electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol test conditions min. typ. max. unit breakdown voltage v br i r =0.5ma 60 - - v instantaneous forward voltage v f i f =1a i f =3a i f =5a t j =25 o c - - - 0.34 0.45 - - - 0.6 v i f =1a i f =3a i f =5a t j =125 o c - - - 0.27 0.44 0.54 - - - v reverse current i r v r =48v - 35 - ? a v r =60v t j =25 o c t j =125 o c - - - 10 220 - ? a ma
page . 3 august 1,2013-rev.00 SXM56LF mounting pad layout order information ? packing information t/r - 10k per 13" plastic reel t/r - 3k per 7" plastic reel 0.232 (5.9) 0.106 (2.7) 0.063 (1.6) 0.075 (1.9)
page . 4 august 1,2013-rev.00 SXM56LF part no_packing code_version SXM56LF_r2_00001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial n umber tape and reel (t /r) r 7" 1 rohs 1 serial n umber bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 5 august 1,2013-rev.00 SXM56LF disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of SXM56LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X