Part Number Hot Search : 
RB050 000MT 50117K NAL25 MSK640B 170M6458 30F201 1N5235B
Product Description
Full Text Search
 

To Download STP75NF68 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  august 2008 rev 2 1/12 12 STP75NF68 n-channel 68 v, 0.010 ? , 80 a, to-220 stripfet? ii power mosfet features exceptional dv /dt capability 100% avalanche tested application switching applications description this power mosfet series realized with stmicroelectronics unique stripfet? process has specifically been designed to minimize input capacitance and gate charge. it is therefore suitable in advanced hi gh-efficiency switching applications. figure 1. internal schematic diagram type v dss r ds(on) max i d STP75NF68 68 v < 0.014 ? 80 a 1 2 3 to-220 3# $4!"or ' 3 table 1. device summary order code marking package packaging STP75NF68 75nf68 to-220 tube www.st.com free datasheet http:///
contents STP75NF68 2/12 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 5 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 free datasheet http:///
STP75NF68 electrical ratings 3/12 1 electrical ratings table 2. absolute maximum ratings symbol parameter value unit v ds drain-source voltage (v gs = 0) 68 v v gs gate-source voltage 20 v i d drain current (continuous) at t c = 25 c 80 a i d drain current (continuous) at t c =100 c 56 a i dm (1) 1. pulse width limited by safe operating area drain current (pulsed) 320 a p tot total dissipation at t c = 25 c 190 w derating factor 1.27 w/c dv/dt (2) 2. i sd 80 a, di/dt 300 a/s, v dd v (br)dss , t j t jmax peak diode recovery voltage slope 13 v/ns e as (3) 3. starting t j = 25 o c, i d = 40 a, v dd = 34 v single pulse avalanche energy 700 mj t stg storage temperature -55 to 175 c t j operating junction temperature 175 c table 3. thermal data symbol parameter value unit r thj-case thermal resistance junction-case max 0.79 c/w r thj-amb thermal resistance juncti on-ambient max 62.5 c/w t l maximum lead temperature for soldering purpose (1) 1. 1.6mm from case for 10 sec 300 c free datasheet http:///
electrical characteristics STP75NF68 4/12 2 electrical characteristics (t case =25c unless otherwise specified) table 4. on/off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 68 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating, v ds = max rating @125 c 1 10 a a i gss gate body leakage current (v ds = 0) v gs = 20 v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 23 4v r ds(on) static drain-source on resistance v gs = 10 v, i d = 40 a 0.010 0.014 ? table 5. dynamic symbol parameter test conditions min. typ. max. unit g fs (1) 1. pulsed: pulse duration=300s, duty cycle 1.5% forward transconductance v ds = 15 v, i d = 40 a 60 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds =25 v, f = 1 mhz, v gs = 0 2550 550 175 pf pf pf q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 34 v, i d = 80 a v gs =10 v 75 17 30 nc nc nc free datasheet http:///
STP75NF68 electrical characteristics 5/12 table 6. switching times symbol parameter test conditions min. typ. max. unit t d(on) t r t d(off) t f turn-on delay time rise time turn-off delay time fall time v dd = 34 v, i d = 40 a, r g =4.7 ?, v gs =10 v figure 13 on page 8 17 60 90 75 ns ns ns ns table 7. source drain diode symbol parameter test conditions min typ. max unit i sd source-drain current 80 a i sdm (1) 1. pulse width limited by safe operating area source-drain current (pulsed) 320 a v sd (2) 2. pulsed: pulse duration=300s, duty cycle 1.5% forward on voltage i sd = 80 a, v gs = 0 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 80 a, di/dt = 100 a/s, v dd = 25 v, t j = 150 c figure 15 on page 8 70 160 4.7 ns c a free datasheet http:///
electrical characteristics STP75NF68 6/12 2.1 electrical characteri stics (curves) figure 2. safe operating area figure 3. thermal impedance figure 4. output characteristics figure 5. transfer characteristics figure 6. normalized bv dss vs temperature figure 7. static drain-source on resistance i d 0.1 10 v d s (v) (a) 1 0.1 1 10 100 oper a tion in thi s a re a i s limited b y m a x r d s (on) 100 s 1m s 10m s am009 3 5v1 i d 0 10 v d s (v) (a) 5 0 50 100 200 150 250 15 5v 6v 7v 8 v v g s =10v am009 3 6v1 i d 0 5 v g s (v) (a) 1 0 50 100 200 150 250 v d s =15v 2 3 4 6 7 am009 3 7v1 v br(d ss ) -50 50 t j (c) (norm) 0 100 0. 8 0.9 1.0 1.1 1.2 v g s =0 i d =250 a am00957v1 r d s (on) 0 i d (a) ( ? ) 20 8 8 .5 9 10 9.5 10.5 40 60 8 0 am00951v1 free datasheet http:///
STP75NF68 electrical characteristics 7/12 figure 8. gate charge vs gate-source voltage figure 9. capacitance variations figure 10. normalized gate threshold voltage vs temperature figure 11. normalized on resistance vs temperature figure 12. source-drain diode forward characteristics v g s 0 q g (nc) (v) 20 0 2 4 8 6 10 40 60 8 0 12 v dd = 3 4v i d = 8 0a am00952v1 c(pf) 0 q g (nc) 10 0 1000 2000 4000 3 000 5000 20 3 0 40 50 60 ci ss co ss cr ss t j =25c f=1mhz am0095 3 v1 v g s (th) -50 50 t j (c) (norm) 0 100 0.6 0.7 0. 8 0.9 1.0 v d s =v g s i d =250 a am00954v1 r d s (on) -50 50 t j (c) (norm) 0 100 0.2 0.6 1.0 1.4 1. 8 v g s =10v i d =40a am00955v1 v s d 0 40 i s d (a) (v) 20 60 0. 3 0.5 0.7 0.9 1.1 t j =-55c 25c 8 0 175c am00956v1 free datasheet http:///
test circuits STP75NF68 8/12 3 test circuits figure 13. switching times test circuit for resistive load figure 14. gate charge test circuit figure 15. test circuit for inductive load switching and diode recovery times figure 16. unclamped inductive load test circuit figure 17. unclamped inductive waveform free datasheet http:///
STP75NF68 package mechanical data 9/12 4 package mechanical data in order to meet environmental requirements, st offers these devices in ecopack? packages. these packages have a lead-free second level interconnect . the category of second level interconnect is marked on the package and on the inner box label, in compliance with jedec standard jesd97. the maximum ratings related to soldering conditions are also marked on the inner box label. ecopack is an st trademark. ecopack specifications are available at: www.st.com free datasheet http:///
package mechanical data STP75NF68 10/12 to-220 mechanical data dim mm inch min typ max min typ max a 4.40 4.60 0.17 3 0.1 8 1 b 0.61 0. 88 0.024 0.0 3 4 b 1 1.14 1.70 0.044 0.066 c0.4 9 0.70 0.01 9 0.027 d 15.25 15.75 0.6 0.62 d1 1.27 0.050 e 10 10.40 0. 393 0.40 9 e 2.40 2.70 0.0 9 4 0.106 e1 4. 9 5 5.15 0.1 9 4 0.202 f1.2 3 1. 3 2 0.04 8 0.051 h1 6.20 6.60 0.244 0.256 j1 2.40 2.72 0.0 9 4 0.107 l1 3 14 0.511 0.551 l1 3 .50 3 . 93 0.1 3 7 0.154 l20 16.40 0.645 l 3 02 8 . 9 0 1.1 3 7 ? p 3 .75 3 . 8 5 0.147 0.151 q2.65 2. 9 5 0.104 0.116 free datasheet http:///
STP75NF68 revision history 11/12 5 revision history table 8. document revision history date revision changes 24-jul-2008 1 first release 06-aug-2008 2 document status promoted from preliminary data to datasheet free datasheet http:///
STP75NF68 12/12 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in military , air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2008 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com free datasheet http:///


▲Up To Search▲   

 
Price & Availability of STP75NF68

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X