Part Number Hot Search : 
CY7C4 IN4756A P6KE220 ILQ32 DA733 FH2164 ILA1519 29LV160
Product Description
Full Text Search
 

To Download STM8-DRAIS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data brief for further information contact your local stmicroelectronics sales office. april 2013 doc id 11271 rev 6 1/6 6 stm8-sk/rais stm8-d/rais st7-sk/rais st7-d/rais raisonance?s complete, low-cost starter kits for stm8 and st7 features embedded rlink usb interface to host pc in-circuit debugging and programming application board connection via st swim, icc or jtag reva motherboard 1 standard so-dimm connector to plug in daughterboards digital and analog i/o evaluation features, including on-board leds, buttons, switches, external analog connector, temperature sensor and potentiometer i2c eeprom and bus rs-232 driver and 2 db9 connectors prototype area vdd settings for 1.8 v, 3.3 v and 5 v microcontrollers usb powered, no external power required interchangeable reva daughterboard features different stm8 and st7 mcus to permit application development for a wide range of devices and may include additional device specific features raisonance software ride7: editor, simice simulator, rbuilder, c compiler, debugger, project manager, and codecompressor rflasher7 device programming interface description the reva starter kits are raisonance?s complete, cost-effective solutions for starting application development and evaluating stm8x, st7litex, st7fox, st7232x, st7234x, st7236x and st7263b microcontrollers. kits contain all the hardware and software required to develop applications for microcontrollers, including the reva evaluation board, target stm8 and st7 microcontrollers, embedded rlink for in-circuit debugging and in- circuit programming and the raisonance integrated development environment (ride7) with application builder. www.st.com
architecture stm8-sk/rais stm8 -d/rais st7-sk/rais st7-d/rais 2/6 doc id 11271 rev 6 architecture embedded rlink : in-circuit debugging and programming tool that uses swim for the stm8, in-circuit communication (icc) for the st7 and supports the jtag protocol. it interfaces with the host pc via a usb connection. reva mother board : universal evaluation board designed for quick and easy evaluation of a complete range of features (i/os, adc, spi, can, i 2 c...) for a variety of stm8 and st7s. it is powered from the rlink?s usb connection to the host pc. reva daughterboards : interchangeable boards featuring different stm8 and st7 microcontrollers, make it easy to evaluate and develop applications for a complete range of mcus from a single evaluation platform. all boards have a clock source selection jumper, and an oscillator footprint. see ta b l e 1 and ta bl e 2 for details. raisonance?s software : rlink can be driven by raisonance?s ride7 or rflasher7. ride7 : drives the rlink and offers seamless control of software development tools (project manager, editor, compiler, assembler, linker, debugger, etc.) from an intuitive graphical interface. it offers full integration of the relevant c/c++ toolsets, project management, code editor and simice instruction set simulator. ride7 includes: ? rbuilder allows users to rapidly configure device peripherals in a gui and generate the c source code for peripherals at the click of a button without writing a single line of code ? simice simulator ? raisonance stm8 and st7 c compiler, fr ee download version allows compiling up to 2 kbytes code (effective date: april 1st, 2013). ? high-level language debugging ? project manager ? color syntax highlighting editor ? free downloads of evaluation versions with unlimited debugging from www.raisonance.com ? the optional codecompressor allows post-link optimization of the entire applications code using optimizations like in-lining, factorizing and peepholing, which can reduce application code by 5 to 15%. rflasher7 : raisonance?s easy-to-use device programming interface drives rlink and allows users to erase, program, view and verify microcontroller memory. rflasher7 also includes automated mode for automatic execution of programming sequences for mass programming and project mode that allows users to save their programming configurations. in this operating mode, tasks become intuitive and can be achieved with only a few clicks such as: ? flash memory erasing and programming, ? flash or ram memory dumping, ? blank check, programming verifications, ? mass programming process.
stm8-sk/rais stm8-d/rais st7-sk /rais st7-d/rais reva starter kits doc id 11271 rev 6 3/6 reva starter kits reva boards can be purchased in the starter kit format, as shown in ta bl e 1 . reva standalone daughterboards are also available independently from stmicroelectronics, as shown in ta bl e 2 . table 1. raisonance starter kits for the stm8 and st7 starter kit (order code) daughterboard id marking additional features (1) mcu family supported mcu device mcu package stm8/128-sk/rais stm8s105 stm8s103/5 stm8s105c6 lqfp48 stm8s208rb stm8s207/8 stm8s208rb lqfp64 stm8s903 stm8s903 stm8s903k3 lqfp32 st7flite-sk/rais st7liteu0 st7ultralit e0 st7fliteu0 dip16 st7lite0 st7flite0 st7flite09y0 so16 st7lite1b st7flit1xb st7flit19bf1 so20 st7lite3 st7flite3 st7flite39f2 so20 st7232x-sk/rais st72321b st72321 st72f321bar9 lqfp64 st72325 st72324/5 st72f325ar9 lqfp64 st72f34x-sk/rais st72345 st7234x st72f345c4 lqfp48 st72264 st7226x st72f264g2 s028 st2f36x-sk/rais st72361 st72361 st7256x st72f361ar9 lqfp64 st2f63b-sk/rais st7263b clock source selection jumper usb mini-b connector 24 mhz oscillator st7260 st7263b st72f63bh6 lqfp48 1. all kits have a clock source selection jumper, and an oscillator footprint unless stated otherwise.
ordering information stm8-sk/rais stm8-d/rais st7-sk /rais st7-d/rais 4/6 doc id 11271 rev 6 ordering information reva starter kits and raisonance development tools can be ordered from raisonance or from your nearest st distributor or sales office. the reva starter kits are available for a full range of 32-bit and 8-bit microcontrollers. for more information refer to www.st.com/mcu . for more information, documentation and downloads, please refer to www.raisonance.com . for more information about which microcontrollers are supported, refer to www.raisonance.com or the stmicroelectronics microcontroller support site, www.st.com . table 2. raisonance standalone daughterboards for the stm8 and st7 standalone daughterboard (order code) daughterboard id marking additional features (1) mcu family supported mcu device mcu package stm8s/32-d/rais stm8s105 st m8s103/5 stm8s105c6 lqfp48 stm8/128-d/rais stm8s208rb stm8s207/8 stm8s208rb lqfp64 stm8s/8-d/rais stm8s903 st m8s903 stm8s903k3 lqfp32 st7flit1b-d/rais st7lite1b st7flit1xb st7flit19bf1 so20 st7flitu0-d/rais st7liteu0 s t7ultralite0 st7fliteu0 dip16 st7flitus-d/rais st7liteus5 st 7ultralites st7fliteus dip16 st7fli49-d/rais st7fli49 st7 flite4 st7flite49k2 lqfp32 st7fli49m-d/rais st7lite4m s t7flite4m st7fli49mk1 lqfp32 st72321b-d/rais st72321b st72321 st72f321bar9 lqfp64 st72325-d/rais st72325 st7232 4/25 st72f325ar9 lqfp64 st72345-d/rais st72345 st7234x st72f345c4 lqfp48 st7foxa0-d/rais st7foxa0 st7foxa0 st7foxa0 dip16 st7foxk2-d/rais st7foxk2 st7foxk2 st7foxk2 lqfp32 1. all kits have a clock source selection jumper, and an oscillator footprint unless stated otherwise.
stm8-sk/rais stm8-d/rais st7-sk /rais st7-d/rais revision history doc id 11271 rev 6 5/6 revision history table 3. document revision history date revision changes 01-mar-2005 1 initial release. 24-aug-2005 2 added part number st7232x- sk/rais and st7lite1b daughterboard. 21-june-2006 3 added part number st72f34x-sk/rais , st72f36x-sk/rais and st72f63b- sk/rais. added daughterboard features to table 1. 21-jul-2008 4 added stm8 microcontroller family to supported devices. updated the raisonance?s software paragr aph, replaced table 1 with tables 1 and 2, and reformatted the document. 09-apr-2010 5 added stm8s105 and stm8s903 daughterboards to ta b l e 1 and ta bl e 2 . 22-apr-2013 6 updated information on raisonance stm8 and st7 c compiler in architecture . modified ordering information .
stm8-sk/rais stm8-d/rai s st7-sk/rais st7-d/rais 6/6 doc id 11271 rev 6 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. st products are not authorized for use in weapons. nor are st products designed or authorized for use in: (a) safety critical applications such as life supporting, active implanted devices or systems with product functional safety requirements; (b) aeronautic applications; (c) automotive applications or environments, and/or (d) aerospace applications or environments. where st products are not designed for such use, the purchaser shall use products at purchaser?s sole risk, even if st has been informed in writing of such usage, unless a product is expressly designated by st as being intended for ?automotive, automotive safety or medical? industry domains according to st product design specifications. products formally escc, qml or jan qualified are deemed suitable for use in aerospace by the corresponding governmental agency. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2013 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STM8-DRAIS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X