Part Number Hot Search : 
AP4511GH KTA12 CTZ84C36 BH7673 SCK130LP KS006 CEEVBF15 GC1720
Product Description
Full Text Search
 

To Download SSM3J304T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ty semiconductor reliability handbook (?handling SSM3J304T ? 1.8 v drive ? low on-resistance: r on = 297 m ? (max) (@v gs = -1.8 v) r on = 168 m ? (max) (@v gs = -2.5 v) r on = 127 m ? (max) (@v gs = -4.0 v) absolute maximum ratings (ta = 25 ? c) characteristic symbol rating unit drain-source voltage v ds -20 v gate-source voltage v gss 8 v dc i d -2.3 drain current pulse i dp -4.6 a drain power dissipation p d (note 1) 700 mw channel temperature t ch 150 c storage temperature t stg ? 55~150 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/vol tage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). note 1: mounted on an fr4 board (25.4 mm 25.4 mm 1.6 t, cu pad: 645 mm 2 ) electrical characteristics (ta = 25c) characteristic symbol test condition min typ. max unit v (br) dss i d = -1 ma, v gs = 0 -20 ? ? drain-source breakdown voltage v (br) dsx i d = -1 ma, v gs = + 8 v -12 ? ? v drain cutoff current i dss v ds = -20 v, v gs = 0 ? ? -10 a gate leakage current i gss v gs = 8 v, v ds = 0 ? ? 1 a gate threshold voltage v th v ds = -3 v, i d = -1 ma -0.3 ? -1.0 v forward transfer admittance ? y fs ? v ds = -3 v, i d = -1 a (note 2) 2.4 4 ? s i d = -1.0 a, v gs = -4 v (note 2) ? 88 127 i d = -0.5 a, v gs = -2.5 v (note 2) ? 120 168 drain-source on-resistance r ds (on) i d = -0.2 a, v gs = -1.8 v (note 2) ? 172 297 m input capacitance c iss ? 335 ? output capacitance c oss ? 70 ? reverse transfer capacitance c rss v ds = -10 v, v gs = 0, f = 1 mhz ? 56 ? pf turn-on time t on ? 20 ? switching time turn-off time t off v dd = -10 v, i d = -1a, v gs = 0 ~ -2.5 v, r g = 4.7 ? 20 ? ns drain-source forward voltage v dsf i d = 2.3 a, v gs = 0 (note 2) ? 0.85 1.2 v note 2: pulse test unit: mm weight: 10 mg (typ.) smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
switching time test circuit (a) test circuit (b) v in marking equivalent circuit (top view) notice on usage v th can be expressed as the voltage between gate and sour ce when the low operating current value is i d = -1 ma for this product. for normal switching operation, v gs (on) requires a higher voltage than v th and v gs (off) requires a lower voltage than v th . (the relationship can be established as follows: v gs (off) < v th < v gs (on). ) take this into consideration when using the device. ) handling precaution when handling individual devices that are not yet mounted on a circuit board, make sure that the environment is protected against electrostatic discharge. operators should wear antistatic clothing , and containers and other objects that come into direct contact with devices should be made of antistatic materials. (c) v out 1 2 3 1 2 3 jj2 t on 90% 10% 0 v 90% 10% t o t r t f v ds ( on ) v dd -2.5 v v dd = ? 10 v r g = 4.7 duty Q 1% v in : t r , t f < 5 ns common source ta = 25c in 0 v dd out r g r l ? 2.5 v 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com SSM3J304T smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification


▲Up To Search▲   

 
Price & Availability of SSM3J304T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X