Part Number Hot Search : 
MC14012B CMBTH10 2SD25 LD1206 MAX1115 SW12400E GBJ20G 15010
Product Description
Full Text Search
 

To Download SSM3J13T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSM3J13T power management switch high speed switching applications  small package  low on resistance : r on = 70 m ? (max) (@v gs = ? 4 v) : r on = 95 m ? (max) (@v gs = ? 2.5 v)  low gate threshold voltage maximum ratings (ta     25c) characteristics symbol rating unit drain-source voltage v ds  12 v gate-source voltage v gss  8 v dc i d  3.0 drain current pulse i dp (note 2)  6.0 a drain power dissipation p d (note 1) 1.25 w channel temperature t ch 150  c storage temperature range t stg  55~150  c note 1: mounted on fr4 board (25.4 mm  25.4 mm  1.6 t, cu pad: 645 mm 2 , t  10 s) note 2: the pulse width limited by max channel temperature. marking equivalent circuit handling precaution when handling individual devices (which are not yet mounted on a circuit board), be sure that the environment is protected against electrostatic electricity. operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. the channel-to-ambient thermal resistance r th (ch-a) and the drain power dissipation p d vary according to the board material, board area, board thickness and pad area, and are also affected by the environment in which the product is used. when using this device, please take heat dissipation fully into account unit: mm weight: 10 mg (typ.) 3 1 2 kdh 3 12 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification
electrical characteristics (ta     25c) characteristic symbol test condition min typ. max unit gate leakage current i gss v gs   8 v, v ds  0    1  a v (br) dss i d   1 ma, v gs  0  12   v drain-source breakdown voltage v (br) dsx i d   1 ma, v gs  8 v  4  v  drain cut-off current i dss v ds   12 v, v gs  0    1  a gate threshold voltage v th v ds   3 v, i d   0.1 ma  0.45   1.1 v forward transfer admittance |y fs | v ds   3 v, i d   1.5 a (note 3) 3.8   s i d   1.5 a, v gs   4 v (note 3)  50 70 i d   1.5 a, v gs   2.5 v (note 3)  70 95 drain-source on resistance r ds (on) i d   1.5 a, v gs   2.0 v (note 3)  90 180 m  input capacitance c iss v ds   10 v, v gs  0, f  1 mhz  890  pf reverse transfer capacitance c rss v ds   10 v, v gs  0, f  1 mhz  203  pf output capacitance c oss v ds   10 v, v gs  0, f  1 mhz  288  pf turn-on time t on  48  switching time turn-off time t off v dd   10 v, i d   1 a v gs  0~  2.5 v, r g  4.7   120  ns note 3: pulse test switching time test circuit precaution v th can be expressed as voltage between gate and source when low operating current value is i d   1 00  a for this product. for normal switching operation, v gs (on) requires higher voltage than v th and v gs (off) requires lower voltage than v th . (relationship can be established as follows: v gs (off)  v th  v gs (on) ) please take this into consideration for using the device. v gs recommended voltage of  2.5 v or higher to turn on this product. t on t off (b) v in (c) v out 0 v  2.5 v v dd v ds (on) t r t f 10% 90% 90% 10% (a) test circuit v dd   10 v r g  4.7  d.u.  1% v in : t r , t f 5 ns common source ta  25c 0  2.5 v in out v dd 10  s r g 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com SSM3J13T smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification


▲Up To Search▲   

 
Price & Availability of SSM3J13T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X