Part Number Hot Search : 
OP265AD 8062M 89C5130A B100NH SHA395C CS4334 MC74VHC1 CFRB205
Product Description
Full Text Search
 

To Download SS8050LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  8050lt1 1.9 0.95 0.95 2.9 0.4 1.3 2.4 1.0 features power dissipation p cm : 0. 3 w ? t amb=25 ??? collector current i cm : 1.5 a c ollector - base voltage v (br) cbo : 40 v oper ating and storage junction temperature range t j ? t stg : - 55 ?? to +150 ?? electrical characteristics ? t amb =25 ?? unless otherwise specified ? p arameter symbol test conditions min typ max unit collector - base breakdown voltage v (br) cbo i c = 100 | a ? i e =0 40 v collector - e mitter breakdown voltage v (br) c e o i c = 0.1m a ? i b =0 25 v emitter - base breakdown voltage v (br)eb o i e = 100 | a ? i c =0 5 v collector cut - off current i cbo v cb = 40 v , i e =0 0.1 | a collector cut - off current i ceo v cb = 20 v , i e =0 0.1 | a emitter cut - off current i ebo v eb = 5 v , i c =0 0.1 | a h fe (1) v ce = 1 v, i c = 100m a 120 350 dc current gain h fe (2) v ce = 1 v, i c = 800 m a 40 collector - emitter saturation voltage v ce (sat) i c = 800 ma , i b = 80m a 0.5 v base - emitter saturation voltage v be (sa t) i c = 800 ma , i b = 80m a 1.2 v transition frequency f t v ce =10v, i c = 50ma f= 30mhz 100 mhz classification of h fe (1) rank l h range 120 - 200 200 - 350 device marking: 8050lt1=y1 un it : mm sot ?a 23 1. base 2. emitter 3 . collector ss product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
s o t - 2 3 p a c k a g e o u t l i n e d i m e n s i o n s s y m b o l a a 1 a 2 b c d e e 1 e e 1 l l 1 | m i n 0 . 9 0 0 0 . 0 0 0 0 . 9 0 0 0 . 3 0 0 0 . 0 8 0 2 . 8 0 0 1 . 2 0 0 2 . 2 5 0 1 . 8 0 0 0 . 3 0 0 0 m a x 1 . 1 0 0 0 . 1 0 0 1 . 0 0 0 0 . 5 0 0 0 . 1 5 0 3 . 0 0 0 1 . 4 0 0 2 . 5 5 0 2 . 0 0 0 0 . 5 0 0 8 m i n 0 . 0 3 5 0 . 0 0 0 0 . 0 3 5 0 . 0 1 2 0 . 0 0 3 0 . 1 1 0 0 . 0 4 7 0 . 0 8 9 0 . 0 7 1 0 . 0 1 2 0 m a x 0 . 0 4 3 0 . 0 0 4 0 . 0 3 9 0 . 0 2 0 0 . 0 0 6 0 . 1 1 8 0 . 0 5 5 0 . 1 0 0 0 . 0 7 9 0 . 0 2 0 8 d i m e n s i o n s i n m i l l i m e t e r s d i m e n s i o n s i n i n c h e s 0 . 0 3 7 t p y 0 . 0 2 2 r e f 0 . 9 5 0 t p y 0 . 5 5 0 r e f d e 1 a 1 a 2 a e l 1 l b e 1 c 0 . 2 e | 8050lt1 ss product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of SS8050LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X