Part Number Hot Search : 
PIC12F 0565R CYWB012X 2SJ517 MMBT9018 C100LVE RL154 SI7898DP
Product Description
Full Text Search
 

To Download SRU6025-100Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. *rohs compliant 6.50 0.30 (.256 .012) 6.20 0.30 (.244 .012) 2.50 0.30 (.098 .012) 4.90 (.193) typ. 100 typ. 2.15 (.085) typ. 2.20 (.087) typ. 2.15 (.085) sru6025 series - shielded smd power inductors features maximum height of 2.80 mm current up to 4.0 a lead free rohs compliant* applications input/output of dc/dc converters power supplies for: portable communication equipment camcorders lcd tvs car radios electrical specifications product dimensions recommended layout electrical schematic general specifications test voltage.....................................0.1 v reflow soldering ...230 ?, 50 sec. max. operating temperature ..-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ................................260 ? for 10 sec. materials core.....................ferrite dr and ri core wire .............................enameled copper terminal ....................................ag/ni/sn rated current ....................ind. drop 35 % typ. at isat temperature rise ......................30 ? max. at rated irms packaging.....................600 pcs. per reel 100 inductance 100 khz q test srf rdc i rms i sat bourns part no. ( h) tol. % ref. frequency typ. max. max. typ. (mhz) (mhz) (m ? ) (a) (a) sru6025-1r2y 1.2 30 8 7.96 120 19 4.00 3.20 sru6025-2r2y 2.2 30 8 7.96 65 24 3.40 2.35 sru6025-3r3y 3.3 30 8 7.96 50 27 3.20 2.00 sru6025-4r7y 4.7 30 8 7.96 42 35 2.70 1.55 sru6025-6r8y 6.8 30 8 7.96 36 42 2.40 1.30 sru6025-8r2y 8.2 30 8 7.96 30 52 2.20 1.25 SRU6025-100Y 10 30 8 7.96 25 57 2.00 1.05 sru6025-150y 15 30 12 2.52 22 86 1.80 0.92 sru6025-220y 22 30 12 2.52 18 130 1.60 0.70 sru6025-330y 33 30 12 2.52 12 180 1.20 0.64 sru6025-470y 47 30 12 2.52 10 250 1.00 0.48 sru6025-680y 68 30 10 2.52 8 365 0.80 0.40 sru6025-101y 100 30 24 2.52 7 500 0.70 0.35 sru6025-151y 150 30 30 2.52 5 770 0.54 0.28 sru6025-221y 220 30 20 2.52 4 1250 0.42 0.24 dimensions: mm (inches) ref. ref. ref. ref. ref. 4.90 (.193) 2.40 (.094) ref. 2.40 (.094) 1.10 (.043) 1.10 (.043) ref. 1.10 (.043) ref. 1.10 (.043) 4.90 (.193) *rohs compliant
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. sru6025 series - shielded smd power inductors 03/07 packaging specifications 14.0 (.551) 16.5 (.650) 2.0 0.5 (.079 .020) 50.0 (1.969) 178.0 (7.008) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 12.0 (.472) cover tape user direction of feed 200 (7.874) no component no component components 400 (15.748) start 4 (.157) 8 (.315) end 100 100 100 10 qty: 600 pcs. per reel dimensions: mm (inches)


▲Up To Search▲   

 
Price & Availability of SRU6025-100Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X