Part Number Hot Search : 
PL001 UM110 SP6829TR HT809 D8284A AD9734 90635 PE8706
Product Description
Full Text Search
 

To Download SMART700 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartpro tower ups system - intelligent, line-interactive battery backup and network power management model number: SMART700 description tripp lite's smart 700 intelligent, line interactive ups system protects servers, networking accessories and telecommunications equipment from blackouts, voltage fluctuations and transient surges. large internal batteries offer 20 minutes half load runtime and 6 minutes at full load during power failures. 700va/450 watt power handling capability supports a variety of networking, telecom and various other application types, including the support of multiple network workstations. includes a total of 6 ups supported outlets. supports remote monitoring of ups and site power conditions via built-in usb monitoring port. includes poweralert ups monitoring and unattended shutdown software with complete cabling. built-in audible alarm and 5 front panel leds indicate status of line power, battery power, battery low/replace, voltage regulation and load level. wall mountable with upswm wallmount bracket. network-grade ac surge suppression protects equipment from damage and performance problems resulting from transient surges. attractive, small-footprint tower housing uses less than 53 square inches of floor or desktop space. two year warranty with $250,000 connected equipment insurance . features 700va/450 watt power handling capability supports a variety of networking, telecom and various other application types built-in voltage regulation and battery support, plus complete ac line surge suppression prevents equipment damage, data loss and downtime large internal batteries offer 20 minutes half load runtime and 6 minutes at full load during power failures automatic voltage regulation (avr) circuits with two boost and one voltage reduction level maintains usable 120v nominal output over an input voltage range of 75-147v includes a total of 6 nema5-15r outlets includes usb communications port for remote monitoring of ups status and site power conditions communications port enables safe unattended shutdown without data loss during extended power failures communications port supports messaging of ups and line power status, including on-battery, low-battery, power-restored, ac line voltage, dc battery voltage and battery capacity communications ports support timed inverter shutoff after unattended shutdown, activate self-test and 10 second reboot of connected equipment poweralert ups monitoring and unattended shutdown software with complete cabling included battery replacement door highlights 700va line interactive tower ups maintains 120v nominal output over an input range of 75 to 147v network communications supported via usb port current monitoring input: nema 5-15p (120v 15a) / output: 6 nema 5-15r (120v) 2 year product warranty / $250,000 ultimate lifetime insurance (usa, puerto rico & canada only) package includes smart 700 ups system monitoring cable poweralert unattended shutdown and ups/power monitoring software instruction manual with warranty information 1 / 5
supports tripp lite's watchdog software application to restore unresponsive programs by automatically restarting them and rebooting completely locked computers by automatically switching ups power off and back on again notification of system status via 5 leds and multi-function audible alarms wall mountable with upswm wallmount bracket attractive small footprint black tower housing uses less than 53 square inches hot-swappable batteries allow on-site battery replacement cold start capability enables ups turn-on in battery mode during blackout conditions ul (usa), cul (canada), nom (mexico), class a (emissions) listed $250,000 ultimate lifetime insurance . 2 year manufacturers product warranty specifications output output volt amp capacity (va) 700 output watt capacity (watts) 450 output power factor 0.6 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (line mode) -18%, +8% output voltage regulation (battery mode) 115v (+/- 5%) built-in ups output receptacles 6 5-15r outlet(s) basic pdu options pdu1215 (1u / 13 5-15r outlets); pdunv (1u / 2 c19, 12 c13 outlets); pdu1415 (0u / 14 5-15r outlets); pduv15 (0u / 12 5-15r outlets) metered pdu options pdumh15 (1u / 13 5-15r outlets); pdumh15 at (1u / 8 5-15r outlets)*; pdumv15 (0u / 16 5-15r outlets) switched pdu options pdumh15atnet (1u / 8 5-15r outlets)*; pdumv15net (0u / 16 5-15r outlets) external pdu redundancy options *auto transfer switch features utilizing the secondary pdu input cord are compatible with smart online ups models only output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (at maximum load) 4.4a nominal input voltage(s) supported 120v ac ups input connection type 5-15p ups input cord length (ft.) 6 ups input cord length (m) 1.8 2 / 5
recommended electrical service 15a 120v input cord length (ft.) 6 input cord length (m) 1.8 battery full load runtime (minutes) 6 min. (450w) half load runtime (minutes) 20 min. (225w) dc system voltage (vdc) 12 battery recharge rate (included batteries) less than 6 hours from 10% to 90% replacement battery cartridge (internal ups battery replacement) rbc52 (x2) battery access battery access door battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 75v to 147v overvoltage correction input voltages between 128 and 147 are reduced by 12% undervoltage correction input voltages between 93 and 107 are boosted by 14% severe undervoltage correction input voltages between 75 and 92 are boosted by 30% leds alarms & switches led indicators 5 leds indicate line power, battery power, overload, voltage regulation and battery low/replace status alarms audible alarm indicates power-failure and low-battery conditions alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status switches 2 switches control off/on power status and alarm-cancel/self-test operation surge / noise suppression ups ac suppression joule rating 450 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes ac suppression joule rating 1800 ac suppression response time instantaneous physical installation form factors supported with included accessories tower 3 / 5
installation form factors supported with optional accessories wallmount (upswm - tower mounting kit) primary form factor tower ups / power module dimensions in primary form factor (height x width x depth / inches) 11.8 x 7.2 x 7.5 ups / power module dimensions in primary form factor (height x width x depth / cm) 29.8 x 18.4 x 19 ups / power module weight (lbs) 22 ups / power module weight (kg) 10 ups shipping dimensions (height x width x depth / inches) 15.5 x 11 x 11.2 ups shipping dimensions (height x width x depth / cm) 39.4 x 27.9 x 28.6 shipping weight (lbs) 24 shipping weight (kg) 10.9 ups housing material pvc environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 133 battery mode btu / hr. (full load) 565.9 ac mode efficiency rating (100% load) 92% communications communications interface usb network monitoring port description supports detailed monitoring of ups and site power conditions poweralert software included communications cable usb cable included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 75 high voltage transfer to battery power (setpoint) 147 4 / 5
special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries green & high efficiency features greater than 95% efficiency - green ups certifications ups certifications tested to ul1778 (usa); tested to csa (canada); meets fcc part 15 category a (emi); rohs (restriction of hazardous substances) warranty product warranty period (worldwide) 2-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance related items optional products model number description qty. dcatv network surge suppressor - essential protection for tv/vcr coaxial lines 1 dnet1 network surge suppressor - essential protection for data and communication lines 1 dtel2 network surge suppressor - essential protection for data and communication lines 1 pdu1215 basic pdu / power distribution unit - safe, reliable power distribution for critical networking equipment 1 upswm wallmount bracket and installation accessories (4 washers, 4 screws, 1 velcro safety strap) 1 u022-010 10-ft. usb2.0 a/b gold device cable (a male to b male) 1 wext3-500-1500 3-year extended warranty - for smart line-interactive and online tower or rack models, 1500va or less 1 wext5-500-1500 5-year extended warranty - for smart line-interactive and online tower or rack models, 1500va or less 1 more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/SMART700 . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5


▲Up To Search▲   

 
Price & Availability of SMART700

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X