Part Number Hot Search : 
N5519 00104 06010 NTE4069 06010 22142 0443065 MA3J143
Product Description
Full Text Search
 

To Download RA0085B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: all specifications are subjec t to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: RA0085B doc solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com designer?s data sheet part number/ordering information 1 / sdad10 1 _ _ _ _ _ _ _ _ screening 2 / __ = not screened tx = tx level txv = txv level s = s level reverse recovery time uf = ultra fast recovery time voltage 2.5 = 2.5kv, 5 = 5kv, 7.5 = 7.5kv, 10 = 10kv, and 15 = 15kv power rating (see below) package size = 1 inch diameter sdad101 uf series 2,500 to 15,000 volts ultra fast recovery stackable high voltage rectifier features: ? stackable to 600 kv+ ? piv 2.5 kv to 15 kv ? ultra fast reverse recovery time ? only hermetically sealed rectifiers used ? controlled avalanche rated ? modular design for easy stacking ? storage and operating temps -65 c to +150 c ? available in standard, fast and hyper fast versions ? tx, txv, and s-level screening available 2 / electrical characteristics 3 / part number peak inverse voltage reverse recovery time 5 / average dc output current tc = case temperature 4 / surge non- repetitive maximum forward voltage drop maximum leakage current @piv piv (kv) max (ns) if(avg) ifsm vf (v) if (a) ir (ua) 25 ? c 25 ? c 75 ? c 50 ? c 100 ? c 25 ? c 25 ? c sdad101 h 2.5 uf 2.5 70 1.62 3.60 125 3.96 1.62 20 sdad101 h 5.0 uf 5.0 70 0.95 2.34 125 6.71 0.95 20 sdad101 h 7.5 uf 7.5 70 0.81 1.80 125 9.90 0.81 20 sdad101 h 10 uf 10 70 0.68 1.35 125 13.0 0.68 20 sdad101 h 15 uf 15 70 0.54 0.95 25 18.9 0.54 20 sdad101 package: notes: 1 / for ordering information, pric e, curves, and availability- contact factory. 2 / screening based on mil-prf-19500. screening flows available on request. 3 / unless otherwise specified, all electrical characteristics @25oc. 4 / tc = 50 oc typical operation in oil. tc = 75 oc is typical ambient ta = 25 oc unheatsunk. 5 / recovery conditions: i f = 0.5 amp, i r = 1.0 amp rec. to .25 amp.


▲Up To Search▲   

 
Price & Availability of RA0085B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X