Part Number Hot Search : 
90CLI AX6603 4CBTLV3 TLOH16TP 4CBTLV3 SB803G MC33067P MC14530
Product Description
Full Text Search
 

To Download R694251114 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data sheet 1 / 4 male coaxipack 6 ways 4 right angle coa r694.251.114 solder type 2.5 series : mcc2 issue : 0627 b in the effort to improve our products, we reserve t he right to make changes judged to be necessary. all dimensions are in mm. . . po ao components body center contact outer contact insulator gasket others parts - - materials brass beryllium copper bronze peek , ultem - liquid cristal polymer - - plating ( m m ) nickel 2 npgr npgr - - -
technical data sheet 2 / 4 male coaxipack 6 ways 4 right angle coa r694.251.114 solder type 2.5 series : mcc2 issue : 0627 b in the effort to improve our products, we reserve t he right to make changes judged to be necessary. packaging specification standard unit other 25 w option contact us electrical characteristics environmental impedance 50 w operating temperature -25/+125 c frequency 0-6 ghz hermetic seal na atm.cm3/s vswr 1.20* + 0,0000 x f(ghz) maxi panel leakage na insertion loss 0.2 ? f(ghz) db maxi rf leakage - ( - - f(ghz)) db maxi voltage rating 500 veff maxi dielectric withstanding voltage 750 veff mini insulation resistance 5000 m w mini other characteristics assembly instruction others : vswr optimized between dc to 3ghz mechanical characteristics center contact retention axial force C mating end 6 n mini axial force C opposite end 6 n mini torque na n.cm mini recommended torque mating na n.cm panel nut na n.cm mating life 500 cycles mini weight 81,5600 g
technical data sheet 3 / 4 male coaxipack 6 ways 4 right angle coa r694.251.114 solder type 2.5 series : mcc2 issue : 0627 b in the effort to improve our products, we reserve t he right to make changes judged to be necessary.
technical data sheet 4 / 4 male coaxipack 6 ways 4 right angle coa r694.251.114 solder type 2.5 series : mcc2 issue : 0627 b in the effort to improve our products, we reserve t he right to make changes judged to be necessary.  place the coax connector on the pcb  place correctly the pcb between the punch and the n est of the press.  in case of multiple housing configuration , use a p unch and a nest large enough to cover all the housi ngs.  press on the plastic housing(s) with the punch unti l the complete insertion of the fixing stud into th e pcb.  solder the legs on board radiall do not recommend to use more than 3 modules on the same motherboard and cant be held liable o f any connection defect when more than 3 modules are impl emented on the board punch pcb connector punch or nest nest press 100n fixing stud nest punch solder legs


▲Up To Search▲   

 
Price & Availability of R694251114

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X