Part Number Hot Search : 
6K010 2N2484 BA3899 P87C5 0HSR3 C1472 HR2000 81BPN
Product Description
Full Text Search
 

To Download PIC601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ^zmi-l-onauctoi !/ loaucti, ljnc. 20 stern ave. springfield, new jersey 07081 u.s.a. power integrated circuit switching regulator 5 amp positive and negative power output stages features ? designed and characterized for switching regulator applications ? cost saving design reduces size, improves efficiency, reduces noise and rfi ? high operating frequency (to > 100khz) results in smaller inductor-capacitor filter and improved power supply response time ? high operating efficiency: typical 2a circuit performance ? rise and fall time <75ns efficiency >85% ? no reverse recovery spike generated by commutating diode (see note ? electrically isolated, 4-pin, to-66 hermetic case description esp switching regulator is a unique hybrid transistor circuit, specifically designed, constructed and spe- cified for use in high current switching regulator applications. the designer is thus relieved of one of the most time con- suming, tedious and critical aspects of switching regulator design: choosing the appropriate switching transistors and commutating diode, and empirically determining the optimum drive and bias conditions: telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 pic600 PIC601 pic602 pic610 pic611 pic612 the pic600 series switching regulators are designed and char- acterized to be driven with standard integrated circuit voltage regulators. they are completely characterized over their entire operating range of ? 55c to -f 125c. the devices are enclosed in a special 4-pin to-66 package, hermetically sealed for high reliability. the hybrid circuit construction utilizes thick film resistors on a beryllia substrate for maximum thermal con- ductivity and resultant low thermal impedance. all of the active elements in the hybrid are fully passivated. application notes u-68 and u-76 provide a detailed descrip- tion of the hybrid circuit and design guidance for specific circuit applications. schematic 3 o2 drive common mechanical specifications pic600 .075 .210 050 .190 ^fj~ -h iy? dbiveo) [] .034 ,-jjj l4oaa~ input '" -m? -j 2* : .190 / 17 x max ?? i [d^^w ^? ? / w 1 m, v^\d ^iyp^ *" 'r\ti :|" '11 1 *? ^vqf/ -^ 1 u ( common (2) / ? ^^--.152 .3*) u-4*? ? |^ output(l) '142 PIC601 pic602 pic610 picg11 pic612 notes: 1. case is electrically isolated. 2- loads may be soldered to within >/ib" of base provided temperature- time exposure is less than 260"c for 10 seconds. 4-pin to-66 nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to.be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
pic600 PIC601 pic602 pic610 pic611 pic612 absolute maximum ratings input voltage, v4.2 output voltage, v,.2 drive-input rever output current, i drive current, i, thermal resistance junction to case, e power switch commutating case to ambient, /. , rse voltage, v3 1 ' ce se, 6j c tch ing diode ent, ec_a rature range, tc in temperature, t ure range pictm 60v 60v 5v 15a -0.2a PIC601 80v 80v 5v 5a -0.2a. . . picg02 100v 100v 5v 5a 0.2a pici10 ?60v 60v 5v ? 5a 0.2a 4.0-c/w. 4.0c/w 60.0c/w ? 55cto+125"c + 150c ? 65c to +150c picii1 -80v 80v ?5v ? 5a 0.2a. . pic?12 -100v -100v -5v -5a 0.2a electrical specifications (at 25c unless noted) test current delay time current rise time voltage rise time voltage storage time voltage fall time current fall time efficiency (notes 2. & 4.) on-state voltage (note 3.) on-state voltage (note 3.) dioda forward voltage (note 3.) diode forward voltage (note 3.) off-state current off-state current diode reverse current diode reverse current symbol tdi trl *,, tly t(v tfi ? v4.,m v<-l|on| v2.i(


▲Up To Search▲   

 
Price & Availability of PIC601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X