Part Number Hot Search : 
127141 127141 PMBS3906 075783 CX9VHT 1209D 4000A 23226405
Product Description
Full Text Search
 

To Download PECO3-X-0509Z21LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  peco-series ? peco3-x-xxxxe/z2:1(h35)(m)lf ? single /dual output ? dip24 ? plastic/metal case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 1/4 peco3-x-xxxxe/z2:1(h35)(m)lf all specifications typical at ta=25c, nominal inpu t voltage and full load unless otherwise specified input specifications voltage range 2:1 wide input input filter pi type input reflected ripple current1 35 ma pk-pk output specifications voltage accuracy 1% short circuit protection continuous (automatic recovery) line regulation 0.5% load regulation 0.5% ripple and noise (20mhz bandwidth) 60 mv pk-pk temperature coefficient 0.02% / c general specifications efficiency see table i/o isolation voltage (3 sec.) 1500 vdc 3500 vdc (optional - please add ?h35?) i/o isolation capacity 60 pf, typ. i/o isolation resistance 1000 m ohm switching frequency (typical) 100 - 400 khz humidity 95% rel h reliability calculated mtbf (mil-hdbk-217f) > 2.199 mhrs physical specifications case material non conductive black plastic (ul94v-0 rated) nickel coated copper (optional ? please add ?m?) potting material epoxy (ul94v-0 rated) weight ~12.5g, typ. (plastic case - standard) ~15g, typ. (metal case - optional) environment specifications operating temperature -40 to +85c (ambient) maximum case temperature 100c storage temperature -40 to +125c cooling free air convection (10mm distance required) rohs conform soldering 260c, max. (1.5mm from case 10s.) mainzer stra?e 151?153 d-55299 nackenheim tel. +49 6135 7026-0 fax: +49 6135 931070 www.peak-electronics.de peak@peak-electronics.de the peco-line combine 1.5w up to 6w output power w ith 2:1 or 4:1 wide input and regulated output. the converters are avai lable in plastic or optional metal dip24 case with standard 1.5kv isola tion or optional 3.5kv isolation. you can choose between 3 pinnings. peco-series  3 watt  2:1 wide input  reg. single and dual output  1.5 ? 3.5 kv dc i/o isolation  dip24 plastic or metal case  continuous short circuit prot.  full smd technology rev.02-2010
peco-series ? peco3-x-xxxxe/z2:1(h35)(m)lf ? single /dual output ? dip24 ? plastic/metal case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 2/4 selection guide single output order # i n p u t v o l t a g e ( v d c ) i n p u t c u r r e n t n o l o a d ( m a ) i n p u t c u r r e n t f u l l l o a d ( m a ) o u t p u t v o l t a g e ( v d c ) o u t p u t c u r r e n t m i n . l o a d ( m a ) o u t p u t c u r r e n t f u l l l o a d ( m a ) e f f i c i e n c y ( % ) c a p a c i t o r l o a d ( u f ) 2 single output - standard (1.5kv, plastic case) peco3-x-0505e2:1lf 4.5-9 40 857 5 150 600 70 2200 peco3-x-0509e2:1lf 4.5-9 40 833 9 83.3 333 72 470 peco3-x-0512e2:1lf 4.5-9 40 810 12 62.5 250 74 470 peco3-x-0515e2:1lf 4.5-9 40 810 15 50 200 74 470 peco3-x-0524e2:1lf 4.5-9 40 857 24 31.3 125 70 220 peco3-x-1205e2:1lf 9-18 20 328 5 150 600 76 2200 peco3-x-1209e2:1lf 9-18 20 324 9 83.3 333 77 470 peco3-x-1212e2:1lf 9-18 20 316 12 62.5 250 79 470 peco3-x-1215e2:1lf 9-18 20 316 15 50 200 79 470 peco3-x-1224e2:1lf 9-18 20 316 24 31.3 125 79 220 peco3-x-2405e2:1lf 18-36 12 156 5 150 600 80 2200 peco3-x-2409e2:1lf 18-36 12 156 9 83.3 333 80 470 peco3-x-2412e2:1lf 18-36 12 152 12 62.5 250 82 470 peco3-x-2415e2:1lf 18-36 12 152 15 50 200 82 470 peco3-x-2424e2:1lf 18-36 12 156 24 31.3 125 80 220 peco3-x-4805e2:1lf 36-72 8 81 5 150 600 77 2200 peco3-x-4809e2:1lf 36-72 8 80 9 83.3 333 78 470 peco3-x-4812e2:1lf 36-72 8 78 12 62.5 250 80 470 peco3-x-4815e2:1lf 36-72 8 78 15 50 200 80 470 peco3-x-4824e2:1lf 36-72 8 78 24 31.3 125 80 220 if you need other specifications, please enquire. *options: pinning ?a? / ?b? / ?c? please see table on page 3 and choose your pinning. (peco3- a -2412e2:1lf for pinning ?a?) 3.5 kv i/o isolation for optional 3.5kv dc i/o isolation, please add ?h35? before (m)lf! (peco3-a-2412e2:1 h35 lf) metal case for optional metal case, please add ?m? before lf! (peco3-a-2412e2:1h35 m lf)
peco-series ? peco3-x-xxxxe/z2:1(h35)(m)lf ? single /dual output ? dip24 ? plastic/metal case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 3/4 selection guide dual output order # i n p u t v o l t a g e ( v d c ) i n p u t c u r r e n t n o l o a d ( m a ) i n p u t c u r r e n t f u l l l o a d ( m a ) o u t p u t v o l t a g e ( v d c ) o u t p u t c u r r e n t m i n . l o a d ( m a ) o u t p u t c u r r e n t f u l l l o a d ( m a ) e f f i c i e n c y ( % ) c a p a c i t o r l o a d ( u f ) 2 dual output - standard (1.5kv, plastic case) peco3-x-0505z2:1lf 4.5-9 40 869 5 75 300 69 1000 peco3-x-0509z2:1lf 4.5-9 40 857 9 41.8 167 70 220 peco3-x-0512z2:1lf 4.5-9 40 833 12 31.3 125 72 220 peco3-x-0515z2:1lf 4.5-9 40 810 15 25 100 74 220 peco3-x-0524z2:1lf 4.5-9 40 857 24 15.8 63 70 100 peco3-x-1205z2:1lf 9-18 20 324 5 75 300 77 1000 peco3-x-1209z2:1lf 9-18 20 320 9 41.8 167 78 220 peco3-x-1212z2:1lf 9-18 20 320 12 31.3 125 78 220 peco3-x-1215z2:1lf 9-18 20 320 15 25 100 78 220 peco3-x-1224z2:1lf 9-18 20 320 24 15.8 63 78 100 peco3-x-2405z2:1lf 18-36 12 160 5 75 300 78 1000 peco3-x-2409z2:1lf 18-36 12 158 9 41.8 167 79 220 peco3-x-2412z2:1lf 18-36 12 156 12 31.3 125 80 220 peco3-x-2415z2:1lf 18-36 12 156 15 25 100 80 220 peco3-x-2424z2:1lf 18-36 12 156 24 15.8 63 80 100 peco3-x-4805z2:1lf 36-72 8 80 5 75 300 78 1000 peco3-x-4809z2:1lf 36-72 8 79 9 41.8 167 79 220 peco3-x-4812z2:1lf 36-72 8 78 12 31.3 125 80 220 peco3-x-4815z2:1lf 36-72 8 78 15 25 100 80 220 peco3-x-4824z2:1lf 36-72 8 78 24 15.8 63 80 100 if you need other specifications, please enquire. *options: pinning ?a? / ?b? / ?c? please see table on page 3 and choose your pinning. (peco3- a -2412z2:1lf for pinning ?a?) 3.5 kv i/o isolation for optional 3.5kv dc i/o isolation, please add ?h35? before (m)lf! (peco3-a-2412z2:1 h35 lf) metal case for optional metal case, please add ?m? before lf! (peco3-a-2412z2:1h35 m lf)
peco-series ? peco3-x-xxxxe/z2:1(h35)(m)lf ? single /dual output ? dip24 ? plastic/metal case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 4/4 package / pinning / derating standard optional: please add ?m? before lf # single dual # single 1.5kv dual 1.5kv # single dual 2 - vin - vin 1 +vin +vin 1 +vin +vin 3 - vin - vin 2 n.c. - vout 2 +vin +vin 9 omitted common 3 n.c. common 10 n.c. common 11 n.c. - vout 9 omitted omitted 11 n.c. common 14 + vout +vout 10 - vout common 12 - vout n.c. 16 - vout common 11 +vout +vout 13 +vout - vout 22 +vin +vin 12 - vin - vin 15 n.c. +vout 23 +vin +vin 13 - vin - vin 23 - vin - vin same pinning for 3.5kv models! 14 +vout +vout 24 - vin - vin 15 - vout common same pinning for 3.5kv models! 16 omitted omitted 22 n.c. common 23 n.c. - vout 24 +vin +vin only 1.5 kv isolation for pinning"b" available! pinning ?a? pinning ?b? pinning ?c? app notes: 1 = measured input reflected ripple current with a simu lated source inductance of 12uh. 2 = tested by nominal vin and constant resistor load. - operation under no-load conditions will not damag e these devices, but they will not observe the list ed specifications. example: pinning ?c?, single output, metal case peco 3 - c - 12 05 e 2:1 m lf series 3 watt pinning ?c? input voltage output voltage single output 2:1 wide input metal case rohs example: pinning ?a?, dual output, plastic case, 3. 5kv isolation peco 3 - a - 24 12 z 2:1 h35 lf series 3 watt pinning ?a? input voltage output voltage dual output 2:1 wide input 3.5kv isolation rohs 85 100% 75% 50% 25% -40 0 20 40 60 80 100 output power ambient temperature (c) temperature derating graph


▲Up To Search▲   

 
Price & Availability of PECO3-X-0509Z21LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X