Part Number Hot Search : 
HWS443 0AXCX 70009 82801 AS4420MU TLR2BDTE GLC556 2SB822R
Product Description
Full Text Search
 

To Download PE4655 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 technical data sheet n female bulkhead precision connector solder attachment for pe-sr405al, pe-sr405fl, rg405, .640 inch dd hole n female bulkhead precision connector solder attachment for pe-sr405al, pe-sr405fl, rg405, .640 inch dd hole confguration connector n female connector specifcation mil-std-348a connector interface type pe-sr405al,pe-sr405fl,rg405 cable attachment method (shield/contact) solder/solder connector design precision body style straight mount method bulkhead electrical specifcations impedance, ohms 50 mechanical specifcations size length, in [mm] 1.26 [32] width/dia., in [mm] 0.825 [21] . weight, lbs [g] 0.096 [43.54] connector type n female contact material and plating brass, gold contact plating specifcation 3 in. minimum body material and plating brass, nickel body plating specifcation 100 in. minimum dielectric type t efon compliance certifcations (visit www.pasternack.com for current document) rohs compliant y es click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: n female bulkhead precision connector solder attachment for pe-sr405al, pe-sr405fl, rg405, .640 inch dd hole PE4655 PE4655 PE4655 rev
2 technical data sheet plotted and other data notes: v alues at 25 c, sea level n female bulkhead precision connector solder attachment for pe-sr405al, pe-sr405fl, rg405, .640 inch dd hole from pasternack enterprises has same day shipment for domestic and international orders. our rf , microwave and fber optic products maintain a 99% availability and are part of the broadest selection in the industry . click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: n female bulkhead precision connector solder attachment for pe-sr405al, pe-sr405fl, rg405, .640 inch dd hole PE4655 url: http://www.pasternack.com/n-female-standard-pe-sr405al-pe-sr405f-rg405-connector-PE4655-p.aspx n female bulkhead precision connector solder attachment for pe-sr405al, pe-sr405fl, rg405, .640 inch dd hole PE4655 PE4655 rev
? 2013 pasternack enterprises all rights reserved 3 PE4655 rev dwg title PE4655 notes: 1. unless otherwise specified all dimensions are nominal. 2. all specifications are subject to change without notice at any time. 3. dimensions are in inches [mm]. 4. fits mil-c-17 and equivalent cables. 1. strip cable as shown in (a). do not cut dielectric. 2. insert cable thru clamp nut(1) until it bottoms out. solder outer conductor to clamp nut & trim dielectric as shown in (b). 3. slide ptfe bushing(2) on to center conductor, solder contact(3) to center conductor then screw assembly into body & tighten. assembly procedures fscm no. 53919 cad file 052902 scale n/a size a 127 n female bulkhead precision connector solder attachment for pe-sr405al, pe-sr405fl, rg405, .640 inch dd hole PE4655 cad drawing


▲Up To Search▲   

 
Price & Availability of PE4655

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X