Part Number Hot Search : 
TLWR9 MC14081B Q0270R MBRB20 3454VT 16M86VBB TEA684 221MB
Product Description
Full Text Search
 

To Download PE4654 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 technical data sheet n female bulkhead precision connector solder attachment for pe-sr402al, pe-sr402fl, rg402, .640 inch dd hole n female bulkhead precision connector solder attachment for pe-sr402al, pe-sr402fl, rg402, .640 inch dd hole confguration connector n female connector specifcation mil-std-348a connector interface type pe-sr402al,pe-sr402fl,rg402 cable attachment method (shield/contact) solder/solder connector design precision body style straight mount method bulkhead electrical specifcations frequency range, ghz dc to 1 1 impedance, ohms 50 maximum operating voltage, volts 1,000 dielectric withstanding voltage, vrms 1,500 mechanical specifcations temperature operating range, deg c -65 to +165 size length, in [mm] 1.34 [34.04] width/dia., in [mm] 0.81 [21] . weight, lbs [g] 0.089 [40.37] connector type n female contact material and plating beryllium copper , gold contact plating specifcation 30 in. minimum body material and plating passivated stainless steel dielectric type t efon compliance certifcations (visit www.pasternack.com for current document) rohs compliant y es plotted and other data notes: v alues at 25 c, sea level click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: n female bulkhead precision connector solder attachment for pe-sr402al, pe-sr402fl, rg402, .640 inch dd hole PE4654 PE4654 PE4654 rev
2 technical data sheet n female bulkhead precision connector solder attachment for pe-sr402al, pe-sr402fl, rg402, .640 inch dd hole from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and fber optic products maintain a 99% availability and are part of the broadest selection in the industry . click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: n female bulkhead precision connector solder attachment for pe-sr402al, pe-sr402fl, rg402, .640 inch dd hole PE4654 url: http://www.pasternack.com/n-female-standard-pe-sr402al-pe-sr402f-rg402-connector-PE4654-p.aspx n female bulkhead precision connector solder attachment for pe-sr402al, pe-sr402fl, rg402, .640 inch dd hole PE4654 PE4654 rev
? 2013 pasternack enterprises all rights reserved 3 PE4654 rev n female bulkhead precision connector solder attachment for pe-sr402al, pe-sr402fl, rg402, .640 inch dd hole PE4654 cad drawing


▲Up To Search▲   

 
Price & Availability of PE4654

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X