Part Number Hot Search : 
20VV6 NTE3302 XL8004E1 GM965 ICS85 T25C256 30252 D54ACT
Product Description
Full Text Search
 

To Download PD720201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  usb3.0 host controller PD720201/ pd720202 the PD720201 and pd720202 are the third generation universal serial bus 3.0 host co ntrollers, which comply with the universal serial bus 3. 0 specification, and intel?s extensible host controller interface (xhci). the PD720201 supports up to four usb3.0 superspeed ports and pd720202 supports up to two usb3.0 superspeed ports. the PD720201 and pd720202 use a pci express? gen 2 system interface bus allowing system designers to easily add up to four ( PD720201) or two ( pd720202) usb3.0 superspeed ports to systems containing the pci express bus interface. when connected to usb 3.0-compliant peripherals, the PD720201 and pd720202 can transfer information at clock speeds of up to 5 gbps. the PD720201 and pd720202 and usb 3.0 standard are fully compliant and backward compatible with the previous usb2.0 standard. the new usb 3.0 standard supports data transfer speeds up to ten times faster than those of the previous generation usb2.0 standard, enabling quick and efficient transfers of large amount of information. block diagram usb 3.0 host controller PD720201/ pd720202 specification ? differences with the second generation pd720200a ? improved effective throughput ? improved power consumption ? adopted small size package ? pd720202k8-701-bac-a (ta : 0 ~ 85 c) & pd720202k8-711-bac-a (ta : -40 ~ 85 c) features ? 4 usb downstream ports ? 68-pin qfn, 8mm x 8mm ? pd720202k8-701-baa-a (ta : 0 ~ 85 c) & pd720202k8-711-baa-a (ta : -40 ~ 85 c) features ? 2 usb downstream ports ? 48-pin qfn, 7mm x 7mm ? common features ? universal serial bus 3.0 specification revision 1.0 ? pci express base specification revision 2.0 ? intel?s extensible host co ntroller interface (xhci) specification revision 1.0 ? pci express card electromechanical specification revision 2.0 ? pci bus power management interface specification revision 1.2 ? usb battery charging specification revision 1.2 ? supports usb legacy function ? supports serial peripheral interface (spi) type rom for firmware ? supports firmware download interface from system bios ? system clock : 24mhz crystal ? 3.3v and 1.05v power supply 2012.9 renesas electronics corporation www.renesas.com document no. r19pf0043ej0200 (rev. 2.00) target system desktop and laptop computers, tablet, server pci express card / express card digital tv, set-top-box, bd player/recorder media player, digital audio systems projector, multi function printer storage, router, nas, etc pci express gen2 interface (x 1) ss phy osc/pll spi interface external serial rom 24mhz xtal pci express port usb connector 1 3.3v 1.05v xhci controller root hub hs/fs/ls phy power sw i/f ss phy hs/fs/ls phy power sw i/f usb connector 2 option pd720202k8-701-baa-a pd720202k8-711-baa-a pci express gen2 interface (x 1) ss phy osc/pll spi interface external serial rom 24mhz xtal pci express port usb connector 1 3.3v 1.05v xhci controller root hub hs/fs/ls phy power sw i/f ss phy hs/fs/ls phy power sw i/f ss phy hs/fs/ls phy power sw i/f ss phy hs/fs/ls phy power sw i/f usb connector 2 usb connector 3 usb connector 4 option PD720201k8-701-bac-a PD720201k8-711-bac-a
space space - - saving qfn package and easy pcb layout saving qfn package and easy pcb layout pd720200/200a pd720202 50% reduction PD720201 external serial rom pd720200/200a + PD720201/202 higher performance data transfer higher performance data transfer [%] [%] pd720200a PD720201/202 pd720200a PD720201/202 supports firmware download from system bios supports firmware download from system bios reduces bom cost & pcb space external rom optional 176pin bga (10x10) world world ? ? s lowest power usb3.0 host controller s lowest power usb3.0 host controller pd720200a saves laptop battery power PD720201/202 20% read performance increase 40% write performance increase 9 sleep mode (< 10mw) 9 power reduction with no peripheral connection 68pin qfn (8x8) 48pin qfn (7x7)
notes: 1. descr iptions of circuits , softw are and other related inf or mation in this documen t are pro vided only to illustr ate the oper ation of semiconductor products and ap plication e xamples . y ou are fully responsib le f or the incor por ation of these circuits , softw are , and inf or mation in the design of y our equipment. renesas electronics assumes no responsibility f or an y losses in curred b y y ou or third par ties ar ising from the use of these circuits , softw are , or inf or mation. 2. renesas electronics has used reasonab le care in prepar ing the inf or mation includ ed in this document, b ut renesas electronics does not w arr ant that such inf or mat ion is error free . renesas electronics assumes no liability whatsoe v er f or an y damages incurred b y y ou resulting from e rrors in or omissions from the inf or mation included herein. 3. renesas electronics does not assume an y liability f or infr ingement of patents , c op yr ights , or other intellectual proper ty r ights of third par ties b y or ar ising from the use of renesas electronics products or technical inf or mation descr ibed in this document. no license , e xpress , implied or otherwise , is g r anted hereb y under an y patents , cop yr ights or other intellect ual proper ty r ights of renesas electronics or others . 4. y ou should not alter , modify , cop y , or otherwise misappropr iate an y renesas elec tronics product, whether in whole or in par t. renesas electronics assumes no re sponsibility f or an y losses incurred b y y ou or third par ties ar ising from such alter ation, modification, cop y or otherwise m isappropr iation of renesas electronics product. 5. renesas electronics products are classified according to the f ollo wing tw o quali ty g r ades: "standard" and "high quality". the recommended applications f or each renesas electronics product depends on the product's quality g r ade , as indicated belo w . "standard": computers; office equipment; comm unications equipment; test and measurement equi pment; audio and visual equipment; home electronic appliances; machine tools; pe rsonal electronic equipment; and industr ial robots etc. "high quality": t r anspor tation equipment (automobiles , tr ains , ships , etc.); tr a ffic control systems; anti-disaster systems; anti-cr ime systems; and saf ety equi pment etc. renesas electronics products are neither intended nor author iz ed f or use in prod ucts or systems that ma y pose a direct threat to human lif e or bodily injur y (ar tificial lif e suppor t de vices or systems , surgical implantations etc.), or ma y cause ser ious proper ty damages (n uclear reactor cont rol systems , militar y equipment etc.). y ou m ust chec k the quality g r ade of each renesas electronics product bef ore using it in a par ticular application. y ou ma y not use an y renesas electronics product f o r an y application f or which it is not intended. renesas electronics shall not b e in an y w a y liab le f or an y damages or losses incurred b y y ou or third par ties ar ising from the use of an y renesas electronics product f or which the product is not intended b y renesas electronics . 6. y ou should use the renesas electronics products descr ibed in this document withi n the r ange specified b y renesas electronics , especially with respect to the max im um r ating, oper ating supply v oltage r ange , mo v ement po w er v oltage r ange , heat r adiation char acter istics , installatio n and other product char acter istics . renesas electronics shall ha v e no liabilit y f or malfunctions or damages ar ising out of the use of renesas electronics products be y ond such specified r anges . 7. although renesas electronics endea v ors to impro v e the quality and reliability of its products , semiconductor products ha v e specific char acter istics such as the occurrence of f ailure at a cer tain r ate and malfunctions under cer tain use conditions . fur ther , renesas electronics product s are not subject to r adiation resistance design. please be sure to implement s af ety measures to guard them against the possibility of ph ysical injur y , and injur y or damage caused b y fire in the e v ent of the f ailure of a renesa s electronics product, such as saf ety design f or hardw are and softw are including b ut not limited to redundancy , fire control and malfunction pre v ention, appropr iate treatment f or a ging deg r adation or an y other appropr iate measures . because the e v aluation of m icrocomputer softw are alone is v er y difficult, please e v aluate the saf ety of the final products or systems man uf actured b y y ou. 8. please contact a renesas electronics sales office f or details as to en vironmenta l matters such as the en vironmental compatibility of each renesas electronics pr oduct. please use renesas electronics products in compliance with all applicab le la ws and regulations that regulate th e inclusion or use of controlled substances , including without limitation, the e u rohs directiv e . renesas electronics assumes no liability f or damages or losses occurr ing as a result of y our noncompliance w ith applicab le la ws and regulations . 9. renesas electronics products and technology ma y not be used f or or incor por ated into an y products or systems whose man uf acture , use , or sale is prohibited under an y applicab le domestic or f oreign la ws or regulations . y ou should not use renesas electronics products or technology d escr ibed in this document f or an y pur pose relating to militar y applications or u se b y the militar y , including b ut not limited to the de v elopment of w eapons of mass destr uction. when e xpor ting the renesas elec tronics products or te chnology descr ibed in this document, y ou should comply with the applicab le e xpor t control la ws and regulations and f ollo w the procedures required b y such la ws and regulations . 10. it is the responsibility of the b uy er or distr ib utor of renesas electronics prod ucts , who distr ib utes , disposes of , or otherwise places the product with a third par ty , to notify such third par ty in adv ance of the contents and conditions set f or th in this document, renesas electronics assumes no responsibility f or an y losses incurred b y y ou or third par ties as a result of unauthor iz ed use of renesas electronics products . 11. this document ma y not be reproduced or duplicated in an y f or m, in whole or in pa r t, without pr ior wr itten consent of renesas electronics . 12. please contact a renesas electronics sales office if y ou ha v e an y questions rega rding the inf or mation contained in this document or renesas electronics products , or if y ou ha v e an y other inquir ies . (note 1) "renesas electronics" as used in this document means renesas electronics cor por a tion and also includes its major ity-o wned subsidiar ies . (note 2) "renesas electronics product(s)" means an y product de v eloped or man uf actured b y or f or renesas electronics . renesas usb3.0 host controller m PD720201/ m pd720202 http://www .renesas .com ref er to "http://www .renesas .com/" f or the latest and detailed inf or mation. renesas electr onics america inc. 2880 scott boule v ard santa clar a, ca 95050-2554, u .s .a. t el: +1-408-588-6000, f ax: +1-408-588-6130 renesas electr onics canada limited 1101 nicholson road, ne wmar k et, ontar io l3y 9c3, canada t el: +1-905-898-5441, f ax: +1-905-898-3220 renesas electr onics eur ope limited duk es meado w , millboard road, bour ne end, buc kinghamshire , sl8 5fh, u .k t el: +44-1628-651-700, f ax: +44-1628-651-804 renesas electr onics eur ope gmbh arcadiastr asse 10, 40472 d sseldorf , ger man y t el: +49-211-65030, f ax: +49-211-6503-1327 renesas electr onics (china) co., ltd. 7th floor , quantum plaza, no .27 zhichunlu haidian distr ict, beijing 100083, p .r. china t el: +86-10-8235-1155, f ax: +86-10-8235-7679 renesas electr onics (shanghai) co., ltd. unit 204, 205, azia center , no .1233 lujiazui ring rd., pudong distr ict, shanghai 200120, china t el: +86-21-5877-1818, f ax: +86-21-6887-7858 / -7898 renesas electr onics hong k ong limited unit 1601-1613, 16/f ., t o w er 2, gr and centur y place , 193 pr ince edw ard road w est , mongk ok, k o wloon, hong k ong t el: +852-2886-9318, f ax: +852 2886-9022/9044 renesas electr onics t aiwan co., ltd. 13f , no . 363, fu shing nor th road, t aipei, t aiw an t el: +886-2-8175-9600, f ax: +886 2-8175-9670 renesas electr onics singapore pte . ltd. 80 bendemeer road, unit #06-02 hyflux inno v ation centre singapore 339949 t el: +65-6213-0200, f ax: +65-6213-0300 renesas electr onics mala ysia sdn.bhd. unit 906, bloc k b , menar a amcor p , amcor p t r ade centre , no . 18, jln p ersiar an bar at, 46050 p etaling j a y a, selangor dar ul ehsan, mala ysia t el: +60-3-7955-9390, f ax: +60-3-7955-9510 renesas electr onics k orea co., ltd. 11f ., samik la vied' or bldg., 720-2 y eoksam-dong, kangnam-k u, seoul 135-080, k or ea t el: +82-2-558-3737, f ax: +82-2-558-5141 sales offices ? 2012 renesas electronics cor por ation, all r ights reser v ed. colophon 2.2 r19pf0043ej0200


▲Up To Search▲   

 
Price & Availability of PD720201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X