Part Number Hot Search : 
74AVC CLAMP ASF140 UPL34PT V804ME04 M4953 50PI17 UFM203L
Product Description
Full Text Search
 

To Download NX8571SC683Q-BA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet the information in this document is subject to change without notice. before using this document, please confirm that this is the latest version. not all devices/types available in every country. please check with local nec compound semiconductor devices representative for availability and additional information. laser diode nx8571scxxxq-ba 1 550 nm cw light source ingaasp mqw-dfb laser diode module with wavelength monitor document no. pl10277ej02v0ds (2nd edition) date published september 2005 cp(k) printed in japan ? nec compound semiconductor devices, ltd. 2003, 2005 the mark ? shows major revised points. description the nx8571scxxxq-ba is a 1 550 nm multiple quantum well (mqw) structured distributed feed-back (dfb ) laser diode module with wavelength monitor function. this device is temperature tunable over 8 50 ghz channels. available at both c- band (1 530.334 to 1 565.087 nm) and l-band (1 565.496 to 1 608.760 nm) itu-t grid wavelengths. this device is designed as cw light source and ideal for transmission systems in which external modulators are used. features ? wavelength monitor function (etal on filter, wavelength monitor pd)  optical output power p f = 10 mw min.  available for dwdm wavelengths based on itu-t recommendations (50 ghz grid, please refer to the ordering information )  8 channel wavelength tunable capability for 50 ghz-spacing  internal thermo-electric cooler and isolator  hermetically sealed 14-pin butterfly package  polarization maintain fiber pigtail
data sheet pl10277ej02v0ds 2 nx8571scxxxq-ba package dimensions (unit : mm) top view pd ( p ) + ? ld #8 #14 #7 #1 pd (p f ) cooler thermistor pin connections pin no. pin no. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 function function thermistor thermistor ld cathode pd (p f ) anode pd cathode cooler anode cooler cathode gnd gnd pd ( p ) anode ld anode ld cathode ld anode nc 29.970.25 7.80.2 5.4 5.15 0.3 1.0 optical fiber (pmf) length: 1 000 min. 20.830.25 26.040.25 7 8 1 14 8.890.13 10 min. 15.24 21.80.3 1.0 0.8 12.70.2 1.25 2.54 0.5 4? 2.67 5.0 0.9 6.00.2 optical fiber characteristics parameter specification unit outer diameter 0.9 0.1 mm minimum fiber bending radius 25 mm fiber length 1 000 min. mm fiber length: 1 000 mm min. fc-pc connector pmf
data sheet pl10277ej02v0ds 3 nx8571scxxxq-ba absolute maximum ratings parameter symbol ratings unit forward current of ld i f 300 ma reverse voltage of ld v r 2.0 v forward current of pd i f 10 ma reverse voltage of pd v r 20 v operating case temperature t c ? 20 to +70 c storage temperature t stg ? 40 to +85 c lead soldering temperature t sld 260 (10 sec.) c electro-optical characteristics (t ld = t set , t c = ? 5 to +70 c, unless otherwise specified) parameter symbol conditions min. typ. max. unit laser set temperature t set 8 channel tunable 5 55 c forward voltage v f p f = 10 mw 0.9 1.2 2.5 v threshold current i th 20 40 ma operation current i op p f = 10 mw 70 125 ma optical output power from fiber p f i f = 125 ma, t ld = t set 10 mw peak emission wavelength p p f = 10 mw, cw, t ld = t set 1 530 itu-t *1 1 609 nm wevelength stability ? t ld = t set , applicable to wavelength monitor, e.o.l ? 20 +20 pm spectral line width ? p f = 10 mw, cw, 3 db down 1 2 mhz side mode suppression ratio smsr p f = 10 mw, cw 35 45 db relative intensity noise rin p f = 10 mw, 20 mhz to 3 ghz ? 150 db/hz isolation i s 30 db polarization extinction ratio *2 ext p f = 10 mw, cw 20 db *1 available for dwdm wavelengths based on itu-t recommendations (50 ghz grid, please refer to the ordering information ) *2 polarization state of ld is aligned parallel to the slow axis.
data sheet pl10277ej02v0ds 4 nx8571scxxxq-ba electro-optical characteristics (applicable to monitor pd: t ld = t set , t c = ? 5 to +70 c) parameter symbol conditions min. typ. max. unit monitor current (p f monitor) i m (p f ) p f = 10 mw, v r = 5 v 20 200 a monitor current ( p monitor) i m ( p ) p f = 10 mw, v r = 5 v, locking point 10 100 a operation region *1 i m ( ) 25 75 % ? 1 ? 2 ? 90 pm discrimination slope *1 0.05 a/pm dark current i d v r = 5 v 2 10 na tracking error *2 i m = const. 0.5 db *1 operation region, discrimi nation slope, slope assignment 0 i m ( ) i m @100% i m ( p ) i m @0% i 1 : i m @75% i 2 : i m @25% 1 2 p locking point negative slope (odd channel) operation region 0 i m ( ) i m @100% i m ( p ) i m @0% i 2 : i m @75% i 1 : i m @25% 1 2 p locking point positive slope (even channel) operation region 1 ? 2 i 1 ? i 2 = [ a/pm] *2 tracking error: p f (mw) 0 i m i m t ld = t set t ld = t set , t c = ?5 to +70?c 10 p f = 10 log [db] p f 10 electro-optical characteristics (applicable to thermistor and tec: t ld = t set , t c = ? 5 to +70 c) parameter symbol conditions min. typ. max. unit thermistor resistance r t ld = 25 c 9.5 10.0 10.5 k ? b constant b t ld = 25 c 3 350 3 450 3 550 k cooler current i c ? t = 70 ? t set , p f = 10 mw 1.5 a cooler voltage v c ? t = 70 ? t set , p f = 10 mw 3.0 v
data sheet pl10277ej02v0ds 5 nx8571scxxxq-ba ordering information nx8571sc q-ba with fc-pc connector 8 channel tunable anode froating wavelength code : refer to table a table a: dwdm wavelength base on itu-t recommendations (@ t ld = t set ) (1/7) wavelength code itu-t wavelength *1 frequency monitor slope 8 channel tunable (nm) (thz) 330q 1 530.33 195.90 negative 1 530.72 195.85 positive 1 531.11 195.80 negative 1 531.50 195.75 positive 1 531.89 195.70 negative 1 532.29 195.65 positive 1 532.68 195.60 negative 1 533.07 195.55 positive 362q 1 533.46 195.50 negative 1 533.85 195.45 positive 1 534.25 195.40 negative 1 534.64 195.35 positive 1 535.03 195.30 negative 1 535.42 195.25 positive 1 535.82 195.20 negative 1 536.21 195.15 positive 393q 1 536.60 195.10 negative 1 537.00 195.05 positive 1 537.39 195.00 negative 1 537.79 194.95 positive 1 538.18 194.90 negative 1 538.58 194.85 positive 1 538.97 194.80 negative 1 539.37 194.75 positive *1 the value which omitted and computed t he 3rd place below the decimal point
data sheet pl10277ej02v0ds 6 nx8571scxxxq-ba table a: dwdm wavelength base on itu-t recommendations (@ t ld = t set ) (2/7) wavelength code itu-t wavelength *1 frequency monitor slope 8 channel tunable (nm) (thz) 425q 1 539.76 194.70 negative 1 540.16 194.65 positive 1 540.55 194.60 negative 1 540.95 194.55 positive 1 541.34 194.50 negative 1 541.74 194.45 positive 1 542.14 194.40 negative 1 542.53 194.35 positive 457q 1 542.93 194.30 negative 1 543.33 194.25 positive 1 543.73 194.20 negative 1 544.12 194.15 positive 1 544.52 194.10 negative 1 544.92 194.05 positive 1 545.32 194.00 negative 1 545.72 193.95 positive 489q 1 546.11 193.90 negative 1 546.51 193.85 positive 1 546.91 193.80 negative 1 547.31 193.75 positive 1 547.71 193.70 negative 1 548.11 193.65 positive 1 548.51 193.60 negative 1 548.91 193.55 positive 521q 1 549.31 193.50 negative 1 549.71 193.45 positive 1 550.11 193.40 negative 1 550.51 193.35 positive 1 550.91 193.30 negative 1 551.31 193.25 positive 1 551.72 193.20 negative 1 552.12 193.15 positive *1 the value which omitted and computed t he 3rd place below the decimal point
data sheet pl10277ej02v0ds 7 nx8571scxxxq-ba table a: dwdm wavelength base on itu-t recommendations (@ t ld = t set ) (3/7) wavelength code itu-t wavelength *1 frequency monitor slope 8 channel tunable (nm) (thz) 553q 1 552.52 193.10 negative 1 552.92 193.05 positive 1 553.32 193.00 negative 1 553.73 192.95 positive 1 554.13 192.90 negative 1 554.53 192.85 positive 1 554.94 192.80 negative 1 555.34 192.75 positive 585q 1 555.74 192.70 negative 1 556.15 192.65 positive 1 556.55 192.60 negative 1 556.95 192.55 positive 1 557.36 192.50 negative 1 557.76 192.45 positive 1 558.17 192.40 negative 1 558.57 192.35 positive 618q 1 558.98 192.30 negative 1 559.38 192.25 positive 1 559.79 192.20 negative 1 560.20 192.15 positive 1 560.60 192.10 negative 1 561.01 192.05 positive 1 561.41 192.00 negative 1 561.82 191.95 positive 650q 1 562.23 191.90 negative 1 562.64 191.85 positive 1 563.04 191.80 negative 1 563.45 191.75 positive 1 563.86 191.70 negative 1 564.27 191.65 positive 1 564.67 191.60 negative 1 565.08 191.55 positive *1 the value which omitted and computed t he 3rd place below the decimal point
data sheet pl10277ej02v0ds 8 nx8571scxxxq-ba table a: dwdm wavelength base on itu-t recommendations (@ t ld = t set ) (4/7) wavelength code itu-t wavelength *1 frequency monitor slope 8 channel tunable (nm) (thz) 683q 1 565.49 191.50 negative 1 565.90 191.45 positive 1 566.31 191.40 negative 1 566.72 191.35 positive 1 567.13 191.30 negative 1 567.54 191.25 positive 1 567.95 191.20 negative 1 568.36 191.15 positive 716q 1 568.77 191.10 negative 1 569.18 191.05 positive 1 569.59 191.00 negative 1 570.00 190.95 positive 1 570.41 190.90 negative 1 570.82 190.85 positive 1 571.23 190.80 negative 1 571.65 190.75 positive 749q 1 572.06 190.70 negative 1 572.47 190.65 positive 1 572.88 190.60 negative 1 573.30 190.55 positive 1 573.71 190.50 negative 1 574.12 190.45 positive 1 574.54 190.40 negative 1 574.95 190.35 positive 782q 1 575.36 190.30 negative 1 575.78 190.25 positive 1 576.19 190.20 negative 1 576.61 190.15 positive 1 577.02 190.10 negative 1 577.44 190.05 positive 1 577.85 190.00 negative 1 578.27 189.95 positive *1 the value which omitted and computed t he 3rd place below the decimal point
data sheet pl10277ej02v0ds 9 nx8571scxxxq-ba table a: dwdm wavelength base on itu-t recommendations (@ t ld = t set ) (5/7) wavelength code itu-t wavelength *1 frequency monitor slope 8 channel tunable (nm) (thz) 816q 1 578.68 189.90 negative 1 579.10 189.85 positive 1 579.51 189.80 negative 1 579.93 189.75 positive 1 580.35 189.70 negative 1 580.76 189.65 positive 1 581.18 189.60 negative 1 581.60 189.55 positive 849q 1 582.01 189.50 negative 1 582.43 189.45 positive 1 582.85 189.40 negative 1 583.27 189.35 positive 1 583.69 189.30 negative 1 584.10 189.25 positive 1 584.52 189.20 negative 1 584.94 189.15 positive 883q 1 585.36 189.10 negative 1 585.78 189.05 positive 1 586.20 189.00 negative 1 586.62 188.95 positive 1 587.04 188.90 negative 1 587.46 188.85 positive 1 587.88 188.80 negative 1 588.30 188.75 positive 916q 1 588.72 188.70 negative 1 589.14 188.65 positive 1 589.56 188.60 negative 1 589.98 188.55 positive 1 590.41 188.50 negative 1 590.83 188.45 positive 1 591.25 188.40 negative 1 591.67 188.35 positive *1 the value which omitted and computed t he 3rd place below the decimal point
data sheet pl10277ej02v0ds 10 nx8571scxxxq-ba table a: dwdm wavelength base on itu-t recommendations (@ t ld = t set ) (6/7) wavelength code itu-t wavelength *1 frequency monitor slope 8 channel tunable (nm) (thz) 950q 1 592.10 188.30 negative 1 592.52 188.25 positive 1 592.94 188.20 negative 1 593.36 188.15 positive 1 593.79 188.10 negative 1 594.21 188.05 positive 1 594.64 188.00 negative 1 595.06 187.95 positive 984q 1 595.48 187.90 negative 1 595.91 187.85 positive 1 596.33 187.80 negative 1 596.76 187.75 positive 1 597.18 187.70 negative 1 597.61 187.65 positive 1 598.04 187.60 negative 1 598.46 187.55 positive 6018q 1 598.89 187.50 negative 1 599.32 187.45 positive 1 599.74 187.40 negative 1 600.17 187.35 positive 1 600.60 187.30 negative 1 601.02 187.25 positive 1 601.45 187.20 negative 1 601.88 187.15 positive 6053q 1 602.31 187.10 negative 1 602.74 187.05 positive 1 603.16 187.00 negative 1 603.59 186.95 positive 1 604.02 186.90 negative 1 604.45 186.85 positive 1 604.88 186.80 negative 1 605.31 186.75 positive *1 the value which omitted and computed t he 3rd place below the decimal point
data sheet pl10277ej02v0ds 11 nx8571scxxxq-ba table a: dwdm wavelength base on itu-t recommendations (@ t ld = t set ) (7/7) wavelength code itu-t wavelength *1 frequency monitor slope 8 channel tunable (nm) (thz) 6087q 1 605.74 186.70 negative 1 606.17 186.65 positive 1 606.60 186.60 negative 1 607.03 186.55 positive 1 607.46 186.50 negative 1 607.89 186.45 positive 1 608.32 186.40 negative 1 608.76 186.35 positive *1 the value which omitted and computed t he 3rd place below the decimal point
data sheet pl10277ej02v0ds 12 nx8571scxxxq-ba typical characteristics (t ld = t set , unless otherwise specified) forward current i f (ma) t c = 70?c thermistor resistance r (k ? ) cooler electric power consumption (w) 50 30 20 10 1 2 3 5 02550 75 15 10 20 25 30 35 spectrum relative intensity (db) wavelength (nm) optical output power from fiber, monitor current (p f monitor) vs. forward current optical output power from fiber p f (mw) thermistor resistance vs. ambient temperature ambient temperature t a (?c) laser set temperature t set (?c) ?10 ?30 ?50 ?70 0 ?20 ?40 ?60 1 529.1 1 539.1 1 549.1 1 534.1 1 544.1 ?80 30.0 25.0 20.0 15.0 10.0 5.0 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 50 100 150 200 0.30 0.25 0.20 0.15 0.10 0.05 0 p f i m (p f ) monitor current (p f monitor) i m (p f ) (ma) cooler electric power consumption vs. laser set temperature remark the graphs indicate nominal characteristics.
data sheet pl10277ej02v0ds 13 nx8571scxxxq-ba reference document name document no. optical semiconductor devices for fiberoptic communications selection guide pl10161e opto-electronics devices pamphlet px10160e
data sheet pl10277ej02v0ds 14 nx8571scxxxq-ba when the product(s) listed in this document is subject to any applicable import or export control laws and regulation of the au thority having competent jurisdiction, such product(s) shall not be imported or exported without obtaining the import or export license . m8e 00. 4 - 0110 the information in this document is current as of september, 2005. the information is subject to change without notice. for actual design-in, refer to the latest publications of nec's data sheets or data books, etc., for the most up-to-date specifications of nec semiconductor products. not all products and/or types are available in every country. please check with an nec sales representative for availability and additional information. no part of this document may be copied or reproduced in any form or by any means without prior written consent of nec. nec assumes no responsibility for any errors that may appear in this document. nec does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of nec semiconductor products listed in this document or any other liability arising from the use of such products. no license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of nec or others. descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. the incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of customer. nec assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. while nec endeavours to enhance the quality, reliability and safety of nec semiconductor products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. to minimize risks of damage to property or injury (including death) to persons arising from defects in nec semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. nec semiconductor products are classified into the following three quality grades: "standard", "special" and "specific". the "specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. the recommended applications of a semiconductor product depend on its quality grade, as indicated below. customers must check the quality grade of each semiconductor product be fore using it in a particular application. "standard": computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "special": transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "specific": aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. the quality grade of nec semiconductor products is "standard" unless otherwise expressly specified in nec's data sheets or data books, etc. if customers wish to use nec semiconductor products in applications not intended by nec, they must contact an nec sales representative in advance to determine nec's willingness to support a given application. (note) (1) "nec" as used in this statement means nec corporation, nec compound semiconductor devices, ltd. and also includes its majority-owned subsidiaries. (2) "nec semiconductor products" means any semiconductor product developed or manufactured by or for nec (as defined above). ? ? ? ? ? ?
nec compound semiconductor devices hong kong limited e-mail: ncsd-hk@elhk.nec.com.hk (sales, technical and general) hong kong head office taipei branch office korea branch office tel: +852-3107-7303 tel: +886-2-8712-0478 tel: +82-2-558-2120 fax: +852-3107-7309 fax: +886-2-2545-3859 fax: +82-2-558-5209 nec electronics (europe) gmbh http://www.ee.nec.de/ tel: +49-211-6503-0 fax: +49-211-6503-1327 california eastern laboratories, inc. http://www.cel.com/ tel: +1-408-988-3500 fax: +1-408-988-0279 0504 nec compound semiconductor devices, ltd. http://www.ncsd.necel.com/ e-mail: salesinfo@ml.ncsd.necel.com (sales and general) techinfo@ml.ncsd.necel.com (technical) sales division tel: +81-44-435-1573 fax: +81-44-435-1579 for further information, please contact nx8571scxxxq-ba safety information on this product danger invisible laser radiation avoid direct exposure to beam output power mw max wavelength nm class lllb laser product semiconductor laser avoid exposure-invisible laser radiation is emitted from this aperture warning laser beam a laser beam is emitted from this diode during operation. the laser beam, visible or in visible, directly or indi rectly, may cause injury to the eye or loss of eyesight.  do not look directly into the laser beam.  avoid exposure to the laser beam, any reflected or collimated beam. caution gaas products this product uses gallium arsenide (gaas). gaas vapor and powder are hazardous to human health if inhaled or ingested, so please observe the following points.  follow related laws and ordinanc es when disposing of the produc t. if there are no applicable laws and/or ordinances, dispose of the product as recommended below. 1. commission a disposal company able to (wit h a license to) collect, transport and dispose of materials that contain arsenic and other such industrial waste materials. 2. exclude the product from general industria l waste and household garbage, and ensure that the product is controlled (as industria l waste subject to special c ontrol) up until final disposal.  do not burn, destroy, cut, crush, or chemically di ssolve the product.  do not lick the product or in any way allow it to enter the mouth. caution optical fiber a glass-fiber is attached on the product. handle with care.  when the fiber is broken or damaged, handle care fully to avoid injury from the damaged part or fragments.


▲Up To Search▲   

 
Price & Availability of NX8571SC683Q-BA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X