Part Number Hot Search : 
KBU804 561638 EPM70 NQ40W40 16FR100 INTERNA 32200 32200
Product Description
Full Text Search
 

To Download NEMO10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  embedded device server with built-in uart, nemo 10 - single-chip dil type network enabler for on-board installation - compact size, 45mm x 45mm x 18.5mm - built-in uart for device interface, data transfer rate up to 115kbps - supports 10base-t ethernet interface - supports arp, ip/icmp, tcp, telnet, dhcp and pppoe - management by telnet or console port or hellodevice manager - +5v input, 0.3w low power consumption the NEMO10 is a cost-effective and easy-to-use single-chip network enabler module for system integrators and manufacturers who need a way to rapidly make their devices network-ready at a minimal transition cost. the NEMO10 is designed for integration into user devices by on-board installation. on one end, the NEMO10 is connected to the device via built-in uart interface. on the other end, it is connected to the ethernet rj45 connector on the board. within the single-chip dil package, the NEMO10 has its own tcp/ip-ready microprocessor, uart for serial interface and built-in 10base-t ethernet controller that handle the entire communication between devices over ethernet. bundled with serial/ip, com port redirector from tactical software, the NEMO10 supports reliable serial-tcp communication with users devices for existing users serial applications.the windows-based configuration software,hellodevice manager,simplifies initial installation and management. (45mm x 45mm x 18.5mm, 24 pin dil package, 2.54 mm pitch) dimensions and pin assignment information www.sena.com features 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 pin no. vcc console/data switch serial dsr serial cts serial dtr serial rt s serial rx serial tx factory reset switch gnd led (serial tx) led (serial rx) 13 14 15 16 17 18 19 20 21 22 23 24 description pin no. gnd reset led (ethernet tx) led (ethernet rx) led (ethernet link/collision) ethernet tx- ethernet tx+ ethernet rx+ ethernet rx- vcc led (ready ) led (ethernet act) description 1 2 3 4 5 6 7 8 9 10 11 12
embedded device server with built-in uart, nemo 10 hardware - 8-bit microprocessor - 32kb sram, 64kb eeprom external interface pins - 24-pin dual in line interface for uart, ethernet, led and power serial interface - built-in uart - serial speeds 1200bps to 115kbps - flow control : hardware rts/cts - signals : rx, tx, rts, cts, dtr, dsr, gnd - parameters parity : none, even, odd data bits : 7, 8 stop bits : 1, 2 network interfaces - 10 base-t ethernet - supports static and dynamic ip address protocols - arp, ip/icmp, tcp server and client, telnet, dhcp client, pppoe security - user id & password management - telnet or hellodevice tm manager or serial console power - 5v dc10%, 60ma@5vdc environmental - operating temperature : 0 ?c ~ 50 ?c - storage temperature : -20 ?c ~ 66 ?c - humidity : 90% non-condensing physical properties - dimension (l x w x h) 45 x 45 x 18.5 (mm) 1.8 x 1.8 x 0.7 (in.) - weight : 20g warranty - 1-year limited warranty the NEMO10 starter kit includes the evaluation board with the sample circuitry for the NEMO10 interface,power,ethernet, led, switches for user device development. NEMO10 starter kit NEMO10 10base-t serial device server module NEMO10-sk starter kit for the NEMO10 includes - NEMO10 module - demo board - external 110v or 230v power supply - serial console/data cable - cd-rom for more information, please visit us at http://www.sena.com ordering information specifications u.s. / canada / south america tel : +1 (408) 573-7425 fax : +1 (408) 907-3738 toll free (us/canada) : 1-8668-us-sena (1-866-887- 7362) eu / africa tel : +33 (0) 1 53 53 16 29 fax : +33 (0) 1 70 24 70 90 asia / pacific tel : +82-2-571-8283 fax : +82-2-573-7710 contact us via e-mail general information : info@sena.com sales & distribution : sales@sena.com technical support : support@sena.com www.sena.com sw4 : power switch power input 10mbps ethernet sw3: data/console switch leds rs232 sw1: reset sw2: factory reset 1 12 13 24


▲Up To Search▲   

 
Price & Availability of NEMO10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X