Part Number Hot Search : 
74100310 ISO15693 19001 P89LP MB258 0100C 17808 12D05
Product Description
Full Text Search
 

To Download NDS351N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  NDS351N general description features ________________________________________________________________________________ absolute maximum ratings t a = 25c unless otherwise noted symbol parameter NDS351N units v dss drain-source voltage 30 v v gss gate-source voltage - continuous 20 v i d maximum drain current - continuous (note 1a) 1 .1 a - pulsed 10 p d maximum power dissipation (note 1a ) 0.5 w (note 1 b) 0.46 t j ,t stg operating and storage temperature range -55 to 150 c thermal characteristics r q ja thermal resistance, junction-to-ambient (note 1a) 250 c/w r q jc thermal resistance, junction-to-case (note 1) 75 c/w 1.1 a, 30v. ?r ds(on ) = 0.25 w @ v gs = 4.5v. proprietary package design using copper lead frame for superior thermal and electrical capabilities. high density cell design for extremely low r ds(on) . exceptional on-resistance and maximum dc current capability. compact industry standard sot-23 surface mount package. d s g these n -c hannel logic level enhancement mode power field effect transistors are produced using fairchild's proprietary, high cell density, dmos technology. this very high density process is especially tailored to minimize on-state resistance. these devices are particularly suited for low voltage applications in notebook computers, portable phones, pcmcia cards, and other battery powered circuits where fast switching, and low in-line power loss are needed in a very small outline surface mount package. smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification 4008-318-123 sales@twtysemi.com http://www.twtysemi.com 1 of 3
electrical characteristics (t a = 25c unless otherwise noted) symbol parameter conditions min typ max units off characteristics bv dss drain-source breakdown voltage v gs = 0 v, i d = 250 a 30 v i dss zero gate voltage drain current v ds = 24 v, v gs = 0 v 1 a t j =125c 10 a i gssf gate - body leakage, forward v gs = 12 v, v ds = 0 v 100 na i gssr gate - body leakage, reverse v gs = -12 v, v ds = 0 v -100 na on characteristics (note 2 ) v gs (th) gate threshold voltage v ds = v gs , i d = 250 a 0.8 1.6 2 v t j =125c 0.5 1.3 1.5 r ds(on) static drain-source on-resistance v gs = 4.5 v, i d = 1.1 a 0.185 0.25 w t j =125c 0.26 0.37 v gs = 10 v, i d = 1.4 a 0.135 0.16 i d(on) on-state drain current v gs = 4.5 v, v ds = 5 v 5 a g fs forward transconductance v ds = 5 v, i d = 1.1 a 2.5 s dynamic characteristics c iss input capacitance v ds = 10 v, v gs = 0 v, f = 1.0 mhz 140 pf c oss output capacitance 80 pf c rss reverse transfer capacitance 18 pf switching ch aracteristics (note 2 ) t d(on ) turn - on delay time v dd = 10 v, i d = 1 a, v gs = 10 v, r gen = 50 w 9 15 ns t r turn - on rise time 16 30 ns t d(off) turn - off delay time 26 50 ns t f turn - off fall time 19 40 ns q g total gate charge v ds = 10 v, i d = 1.1 a, v gs = 5 v 2 3.5 nc q gs gate-source charge 1 nc q gd gate-drain charge 2 nc NDS351N smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification 4008-318-123 sales@twtysemi.com http://www.twtysemi.com 2 of 3
electrical characteristics (t a = 25c unless otherwise noted) symbol parameter conditions min typ max units drain-source diode characteristics and maximum ratings i s maximum continuous drain-source diode forward current 0.6 a i sm maximum pulsed drain-source diode forward current 5 a v sd drain-source diode forward voltage v gs = 0 v, i s = 1.1 a (note 2 ) 0.8 1.2 v notes: 1 . r q ja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the so lder mounting surface of the drain pins. r q jc is guaranteed by design while r q ca is determined by the user's board design. p d ( t ) = t j - t a r q j a ( t ) = t j - t a r q j c + r q c a ( t ) = i d 2 ( t ) r d s ( o n ) t j typical r q ja using the board layouts shown below on 4.5"x5" fr-4 pcb in a still air environment : a. 250 o c/w when mounted on a 0.02 in 2 pad of 2oz cpper. b. 270 o c/w when mounted on a 0.001 in 2 pad of 2oz cpper. scale 1 : 1 on letter size paper 2. pulse test: pulse width < 300 s, duty cycle < 2.0%. 1a 1b NDS351N smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification 4008-318-123 sales@twtysemi.com http://www.twtysemi.com 3 of 3


▲Up To Search▲   

 
Price & Availability of NDS351N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X