Part Number Hot Search : 
710222K 220S2171 ON2008 A3131 STM1816 5770A LAP47B 4XFSAN
Product Description
Full Text Search
 

To Download N4100F-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  low coil power consumption.  high sensitivity.  small size, light weight.  pc board mounting.  suitable for automation facilities, telecommunication equipment, household electrical appliance, wireless radio remote control, sound control toys application etc. ordering information n4100 c h s 3 dc12v 1 2 3 4 5 6 1 part number n4100(n4100f) N4100F-2 2 contact arrangement a:1a b:1b c:1c 3 coil power consumption nil:0.36w standard b:0.45w heavy load h:0.2w high sensitivity 4 enclosure s: sealed type nil: dust cover 5 contact current nil:1a 3:3a 5:5a 6 coil rated voltage(v) dc:3,5,6,9,12,24 contact data contact arrangement 1a  spstno   1b  spstnc   1c  spdt(b-m)  contact material ag agni ag  cdo contact rating  resistive  1a,3a,5a/125vac; 1a,2a,3a/30vdc ;5a/14vdc,30vdc max. switching power 90w 625va max. switching voltage 60vdc 220vac max. switching current: 5a contact resistance or voltage drop  50m  item 3.12 of iec255-7 electrical 10 5 item 3.30 of iec255-7 operation life mechanical 10 7 item 3.31 of iec255-7 coil parameter coil voltage vdc dash numbers rated max. coil resistance  10% pickup voltage vdc(max) (75%of rated voltage ) release voltage vdc(min) (10% of rated voltage) coil power consumption w operate time ms release time ms 003-200 3 3.3 45 2.25 0.3 005-200 5 5.5 125 3.75 0.5 006-200 6 6.6 180 4.50 0.6 009-200 9 9.9 405 6.75 0.9 012-200 12 13.2 720 9.00 1.2 024-200 24 26.5 2880 18.0 2.4 0.2  5  5 003-360 3 3.3 25 2.25 0.3 005-360 5 5.5 75 3.75 0.5 006-360 6 6.6 100 4.50 0.6 009-360 9 9.9 225 6.75 0.9 012-360 12 13.2 400 9.00 1.2 024-360 24 26.5 1600 18.0 2.4 0.36  5  5 003-450 3 3.3 20 2.25 0.3 005-450 5 5.5 56 3.75 0.5 006-450 6 6.6 80 4.50 0.6 009-450 9 9.9 180 6.75 0.9 012-450 12 13.2 320 9.00 1.2 024-450 24 26.5 1280 18.0 2.4 0.45  5  5 caution : 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. 45 n4100 (4100f) & N4100F-2 (n4100f) 15.5 11 11.5 e158859 patent no.  95 2 11073.3
operation condition insulation resistance 100m     min (at 500vdc) item 7 of iec255-5 dielectric strength between contacts between contact and coil 50hz 500v 50hz 500v item 6 of iec255-5 item 6 of iec255-5 shock resistance 100m/s 2 11ms iec68-2-27 test ea vibration resistance 10~55hz double amplitude 1.5mm iec68-2-6 test fc terminals strength 5n iec68-2-21 test ua1 solderability 235  2  3  0.5s iec68-2-20 test ta method 1 ambient temperature -25~70  relative humidity 85% (at 40  ) iec68-2-3test ca mass 3.5g qualification inspection: perform the qualification test as specified in the table  of iec255-19-1 and minimum sample size 24. safety approvals safety approval ul&cur load 3a 5a/125vac 3a/30vdc 5a/14vdc dimensions (unit: mm) reference data notes 1).dimensions are in millimeter. 2).inch equivalents are given for general information only. n4100(4100f)&N4100F-2(n4100f) dimensions mounting (bottom views) wiring diagram (bottom views) mm ?? 0.3 0.012 0.6 0.024 1.0 0.039 1.4 0.055 2.54 0.100 3.0 0.118 3.6 0.142 7.62 0.300 10.16 0.400 11 0.433 11.5 0.453 15.5 0.610 n4100 N4100F-2 (4100f) (n4100f) n4100 N4100F-2 (4100f) (n4100f)


▲Up To Search▲   

 
Price & Availability of N4100F-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X