Part Number Hot Search : 
T15CA TMP86 U2505 BF720T3G MBR104 MAX3232 L3380 IRF7380
Product Description
Full Text Search
 

To Download MURG30A-1B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.sunled.com part number: MURG30A-1B 30mm (1.2 ") 5x7 dot matrix display apr 22,2011 sdsa2648 v7 layout: maggie l. p. 1/3 absolute maximum ratings (t a =25c) ur (gaasp/ gap) ug (gap) unit reverse voltage v r 5 5 v forward current i f 30 25 ma forward current (peak) 1/10 duty cycle 0.1ms pulse width i fs 160 140 ma power dissipation p d 75 62.5 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 lead solder temperature [2mm below package base] 260c for 3~5 seconds package schematics notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subjec t to change without notice. ur (gaasp/gap) ug (gap) unit forward voltage (typ.) (i f =10ma) v f 1.9 2 v forward voltage (max.) (i f =10ma) v f 2.5 2.5 v reverse current (max.) (v r =5v) i r 10 10 ua wavelength of peak emission (typ.) (i f =10ma) p 627 565 nm wavelength of dominant emission (typ.) (i f =10ma) d 625 568 nm spectral line full width at half-maximum (typ.) (i f =10ma) 45 30 nm capacitance (typ.) (v f =0v, f=1mhz) c 15 15 pf operating characteristics (t a =25c) part number emitting color emitting material wavelength nm p description min. typ. MURG30A-1B red gaasp/gap 5600 13990 627 column anode green gap 9000 15990 565 luminous intensity (if=10ma) ucd features low power consumption robust package i.c. compatible standard configuration: gray face w/ white dots optional black face provides superior color contrast rohs compliant
www.sunled.com part number: MURG30A-1B 30mm (1.2 ") 5x7 dot matrix display apr 22,2011 sdsa2648 v7 layout: maggie l. p. 2/3 ? ur ? ug remarks: if special sorting is required (e.g . binning based on forward voltage, luminous intensity / luminous flux, or wavelength), the typical accuracy of the so rting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity / luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
www.sunled.com part number: MURG30A-1B 30mm (1.2 ") 5x7 dot matrix display apr 22,2011 sdsa2648 v7 layout: maggie l. p. 3/3 packing & label specifications


▲Up To Search▲   

 
Price & Availability of MURG30A-1B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X