Part Number Hot Search : 
LU221 0TRPBF IF389A3M RGP15M 170M6344 60214 2SK1885 66WR20LF
Product Description
Full Text Search
 

To Download MTC3586DFA6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c835dfa6 issued date : 2013.06.03 revised date : 2013.10.30 page no. : 1/13 MTC3586DFA6 cystek product specification n- and p-channel enhancement mode mosfet MTC3586DFA6 n-ch p-ch bv dss 20v -20v i d 5a(v gs =4.5v) -3.3a(v gs =-4.5 v) 27m (v gs =4.5v) 78m (v gs =-4.5v) 37m (v gs =2.5v) 115m (v gs =-2.5v) r dson ( typ .) 82m (v gs =1.5v) description 280m (v gs =-1.5v) the MTC3586DFA6 consists of a n- channel and a p-channel enhancement-mode mosfet in a single dfn2*2-6l package, providing the designer with th e best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the dfn2*2-6l package is universally preferred for a ll commercial-industrial su rface mount applications. features ? simple drive requirement ? low gate charge ? low on-resistance ? fast switching speed ? pb-free lead plating and halogen-free package equivalent circuit outline ordering information device package shipping MTC3586DFA6-0-t1-g dfn2 2-6l (pb-free lead plating an d halogen-free package) 3000 pcs / tape & reel MTC3586DFA6 dfn2 2-6l g gate s source d drain environment friendly grade : s for rohs compliant products, g for rohs compliant and green compound products packing spec, t1 : 3000 pc s / tape & reel, 7? reel product rank, zero for no rank products product name
cystech electronics corp. spec. no. : c835dfa6 issued date : 2013.06.03 revised date : 2013.10.30 page no. : 2/13 MTC3586DFA6 cystek product specification absolute maximum ratings (ta=25 c) limits parameter symbol n-channel p-channel unit drain-source breakdown voltage bv dss 20 -20 v gate-source voltage v gs 12 12 v continuous drain current @t a =25 c (note 1) i d 5 -3.3 a continuous drain current @t a =70 c (note 1) i d 4 -2.6 a pulsed drain current (note 2) i dm 20 -20 a pd 1.38 w total power dissipation (note 1) linear derating factor 0.01 w / c operating junction and storage temperature tj, tstg -55~+150 c note : 1.surface mounted on 1 in2 copper pad of fr-4 board, t 5 sec 2. pulse width limited by maximum junction temperature n-channel electrical characteristics (tj=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 20 - - v v gs =0, i d =250 a ? bv dss / ? tj - 0.02 - v/ c reference to 25c, i d =1ma v gs(th) 0.5 0.7 1.2 v v ds =v gs , i d =250 a i gss - - 100 na v gs =12v, v ds =0 - - 1 v ds =20v, v gs =0 i dss - - 10 a v ds =16v, v gs =0, tj=70c - 27 40 i d =3.5a, v gs =4.5v - 37 50 i d =1.2a, v gs =2.5v *r ds(on) - 82 105 m i d =0.5a, v gs =1.5v *g fs - 7 - s v ds =5v, i d =3a dynamic ciss - 423 - coss - 50 - crss - 48 - pf v ds =20v, v gs =0, f=1mhz *t d(on) - 6 - *t r - 8 - *t d(off) - 11 - *t f - 10 - ns v ds =15v, i d =1a, v gs =5v, r g =3.3 , r d =15 *qg - 6 - *qgs - 0.8 - *qgd - 2.5 - nc v ds =16v, i d =3a, v gs =4.5v source-drain diode *v sd - 0.77 1.2 v v gs =0v, i s =1.2a *trr - 16 - ns *qrr - 8 - nc i s =3a, v gs =0v, di/dt=100a/ s *pulse test : pulse width 300 s, duty cycle 2%
cystech electronics corp. spec. no. : c835dfa6 issued date : 2013.06.03 revised date : 2013.10.30 page no. : 3/13 MTC3586DFA6 cystek product specification p-channel electrical characteristics (tj=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss -20 - - v v gs =0, i d =-250 a ? bv dss / ? tj - -0.01 - v/ c reference to 25c, i d =-1ma v gs(th) - -0.8 -1.2 v v ds =v gs , i d =-250 a i gss - - 100 na v gs =12v, v ds =0 - - -1 v ds =-20v, v gs =0 i dss - - -25 a v ds =-16v, v gs =0, tj=70 c - 78 105 i d =-2.5a, v gs =-4.5v - 115 150 i d =-2a, v gs =-2.5v *r ds(on) - 280 350 m i d =-0.5a, v gs =-1.5v *g fs - 5 - s v ds =-5v, i d =-2a dynamic ciss - 429 - coss - 45 - crss - 41 - pf v ds =-20v, v gs =0, f=1mhz *t d(on) - 6 - *t r - 17 - *t d(off) - 16 - *t f - 5 - ns v ds =-10v, i d =-1a, v gs =-10v, r g =3.3 , r d =10 *qg - 6 - *qgs - 0.8 - *qgd - 2.4 - nc v ds =-16v, i d =-2a, v gs =-4.5v source-drain diode *v sd - -0.82 -1.2 v v gs =0v, i s =-1.2a *trr - 20 - ns *qrr - 15 - nc i s =-2a, v gs =0v, di/dt=100a/ s *pulse test : pulse width 300 s, duty cycle 2% thermal data parameter symbol value unit thermal resistance, junction-to-case, max r jc 80 c/w thermal resistance, junction-to-ambient, max r ja 90 (note ) c/w note :.surface mounted on 1 in2 copper pad of fr-4 board, t 5 sec; 195 c/w when mounted on minimum copper pad
cystech electronics corp. spec. no. : c835dfa6 issued date : 2013.06.03 revised date : 2013.10.30 page no. : 4/13 MTC3586DFA6 cystek product specification n-channel typical characteristics typical output characteristics 0 4 8 12 16 20 012345 v ds , drain-source voltage(v) i d , drain current(a) v gs =1.5v v gs =2v 4.5v, 3.5v, 3v, 2.5v brekdown voltage vs ambient temperature 0.4 0.6 0.8 1 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) bv dss , normalized drain-source breakdown voltage i d =250 a, v gs =0v static drain-source on-state resistance vs drain current 10 100 1000 0.01 0.1 1 10 100 i d , drain current(a) r ds(on) , static drain-source on-state resistance(m) v gs =2.5v v gs =1.5v v gs =4.5v v gs =2.5v reverse drain current vs source-drain voltage 0.2 0.4 0.6 0.8 1 1.2 012345 i dr , reverse drain current(a) v sd , source-drain voltage(v) tj=25c tj=150c v gs =0v static drain-source on-state resistance vs gate-source voltage 0 20 40 60 80 100 120 140 160 180 200 01234 5 drain-source on-state resistance vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 -60 -20 20 60 100 140 180 tj, junction temperature(c) r ds(on) , normalized static drain- source on-state resistance v gs =4.5v, i d =3.5a r ds( on) @tj=25c :27m v gs , gate-source voltage(v) r ds(on) , static drain-source on- state resistance(m) i d =3.5a
cystech electronics corp. spec. no. : c835dfa6 issued date : 2013.06.03 revised date : 2013.10.30 page no. : 5/13 MTC3586DFA6 cystek product specification n-channel typical characteristics(cont.) capacitance vs drain-to-source voltage 10 100 1000 0.1 1 10 100 v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss threshold voltage vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 1.6 -60 -40 -20 0 20 40 60 80 100 120 140 160 tj, junction temperature(c) v gs(th) , normalizedthreshold voltage i d =250 a single pulse power rating, junction to ambient 0 10 20 30 40 50 0.001 0.01 0.1 1 10 100 pulse width(s) power (w) t j(max) =150c t a =25c ja =90c/w gate charge characteristics 0 2 4 6 8 10 024681012 qg, total gate charge(nc) v gs , gate-source voltage(v) i d =3a v ds =16v v ds =10v maximum safe operating area 0.01 0.1 1 10 100 0.01 0.1 1 10 100 v ds , drain-source voltage(v) i d , drain current(a) dc 10ms 100ms 1ms 100 s ta=25c, tj=150c, v gs =10v, r ja =90c/w single pulse r ds( on) limited maximum drain current vs junctiontemperature 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 25 50 75 100 125 150 175 tj, junction temperature(c) i d , maximum drain current(a) t a =25c, v gs =10v, r ja =90c/w
cystech electronics corp. spec. no. : c835dfa6 issued date : 2013.06.03 revised date : 2013.10.30 page no. : 6/13 MTC3586DFA6 cystek product specification n-channel typical characteristics(cont.) transient thermal response curves 0.001 0.01 0.1 1 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 t 1 , square wave pulse duration(s) normalized transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r ja (t)=r(t)*r ja 2.duty factor, d=t 1 /t 2 3.t jm -t a =p dm *z ja (t) 4.r ja =9 0c/w
cystech electronics corp. spec. no. : c835dfa6 issued date : 2013.06.03 revised date : 2013.10.30 page no. : 7/13 MTC3586DFA6 cystek product specification p-channel typical characteristics typical output characteristics 0 4 8 12 16 20 012345 -v ds , drain-source voltage(v) -i d , drain current (a) -v gs =3v -v gs =2v -v gs =4v -v gs =5v -v gs =1v brekdown voltage vs ambient temperature 0.4 0.6 0.8 1 1.2 1.4 1.6 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) -bv dss , normalized drain-source breakdown voltage i d =-250 a, v gs =0v static drain-source on-state resistance vs drain current 10 100 1000 0.01 0.1 1 10 -i d , drain current(a) r ds(on) , static drain-source on-state resistance(m) v gs =-2v v gs =-1.5v v gs =-2.5v v gs =-4.5v reverse drain current vs source-drain voltage 0.2 0.4 0.6 0.8 1 1.2 024681 -i dr , reverse drain current (a) -v sd , source-drain voltage(v) static drain-source on-state resistance vs gate-source voltage 0 50 100 150 200 250 300 01234 5 0 tj=25c tj=150c v gs =0v drain-source on-state resistance vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 1.6 -60 -20 20 60 100 140 180 tj, junction temperature(c) r ds( on) , normalized static drain- source on-state resistance -v gs , gate-source voltage(v) r ds( on) , static drain-source on- state resistance(m) i d =-2.5a v gs =-4.5v, i d =-2.5a r ds( on) @tj=25c : 79m
cystech electronics corp. spec. no. : c835dfa6 issued date : 2013.06.03 revised date : 2013.10.30 page no. : 8/13 MTC3586DFA6 cystek product specification p-channel typical characteristics(cont.) capacitance vs drain-to-source voltage 10 100 1000 0.1 1 10 100 -v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss threshold voltage vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 -60 -40 -20 0 20 40 60 80 100 120 140 160 tj, junction temperature(c) -v gs( th) ,normalized threshold voltage i d =-250 a single pulse power rating, junction to ambient 0 10 20 30 40 50 0.001 0.01 0.1 1 10 100 pulse width(s) power (w) t j(max) =150c t a =25c ja =90c/w gate charge characteristics 0 2 4 6 8 10 024681012 qg, total gate charge(nc) -v gs , gate-source voltage(v) v ds =-10v v ds =-16v i d =-2a maximum safe operating area 0.01 0.1 1 10 100 0.01 0.1 1 10 100 -v ds , drain-source voltage(v) -i d , drain current (a) dc 10ms 100ms 1ms 100 s r ds( on) limited t a =25c, tj=150c, v gs =-10v, r ja =90c/w single pulse maximum drain current vs junctiontemperature 0 0.5 1 1.5 2 2.5 3 3.5 25 50 75 100 125 150 175 tj, junction temperature(c) -i d , maximum drain current(a) t a =25c, v gs =-10v, r ja =90c/w
cystech electronics corp. spec. no. : c835dfa6 issued date : 2013.06.03 revised date : 2013.10.30 page no. : 9/13 MTC3586DFA6 cystek product specification p-channel typical characteristics(cont.) transient thermal response curves 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t 1 , square wave pulse duration(s) normalized transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r ja (t)=r(t)*r ja 2.duty factor, d=t 1 /t 2 3.t jm -t a =p dm *z ja (t) 4.r ja =90 c/w recommended soldering footprint
cystech electronics corp. spec. no. : c835dfa6 issued date : 2013.06.03 revised date : 2013.10.30 page no. : 10/13 MTC3586DFA6 cystek product specification reel dimension
cystech electronics corp. spec. no. : c835dfa6 issued date : 2013.06.03 revised date : 2013.10.30 page no. : 11/13 MTC3586DFA6 cystek product specification carrier tape dimension
cystech electronics corp. spec. no. : c835dfa6 issued date : 2013.06.03 revised date : 2013.10.30 page no. : 12/13 MTC3586DFA6 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c835dfa6 issued date : 2013.06.03 revised date : 2013.10.30 page no. : 13/13 MTC3586DFA6 cystek product specification dfn2 2-6l dimension marking: mtc4512 s1 g1 d2 d1 g2 s2 3586 device name date code 6-lead dfn2 2-6l plastic surface mounted package cystek package code: dfa6 style: pin 1. source1(s1) pin 2. gate 1 (g1) pin 3. drain2 (d2) pin 4. source2 (s2) pin 5. gate2 (g2) pin 6. drain1 (d1) millimeters inches millimeters inches dim min. max. min. max. dim min. max. min. max. a 0.700 0.900 0.028 0.035 e1 0.900 1.100 0.035 0.043 a1 0.000 0.050 0.000 0.002 k 0.200 - 0.008 - a3 0.203 ref 0.008 ref b 0.250 0.350 0.010 0.014 d 1.950 2.050 0.077 0.081 e 0.650 typ 0.026 typ e 1.950 2.050 0.077 0.081 l 0.200 0.300 0.008 0.012 d1 0.570 0.770 0.022 0.030 notes : 1.controlling dimension : millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material : ? lead :pure tin plated. ? mold compound : epoxy resin family, flammability solid burning class:ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTC3586DFA6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X