Part Number Hot Search : 
78005 310ALTM1 FQA7N80C OP113 FQA7N80C 5400J 21A090I A2016
Product Description
Full Text Search
 

To Download MTB20A03Q8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c396q8 issued date : 2012.07.03 revised date : 2013.03.01 page no. : 1/9 MTB20A03Q8 cystek product specification dual n-channel logic level e nhancement mode power mosfet MTB20A03Q8 bv dss 30v i d 6.8a r ds(on) @v gs =10v, i d =6a 20 m (typ) r ds(on) @v gs =4.5v, i d =4a 29 m (typ) description the MTB20A03Q8 provides the designer with the best combination of fast sw itching, ruggedized device design, low on-resistance and cost effectiveness. the sop-8 package is universally preferred for all commercial-industrial surface mount applications and suited for low voltage applicati ons such as dc/dc converters. features ? single drive requirement ? low on-resistance ? fast switching characteristic ? dynamic dv/dt rating ? repetitive avalanche rated ? pb-free & halogen-free package symbol outline MTB20A03Q8 sop-8 g gate d drain ssource
cystech electronics corp. spec. no. : c396q8 issued date : 2012.07.03 revised date : 2013.03.01 page no. : 2/9 MTB20A03Q8 cystek product specification absolute maximum ratings (tc=25 c, unless otherwise noted) parameter symbol limits unit drain-source voltage v ds 30 gate-source voltage v gs 20 v t a =25 c, v gs =10v i d 6.8 continuous drain current (note 2) t a =100 c, v gs =10v i d 4.3 pulsed drain current (note 1) i dm 40 avalanche current i as 6 a avalanche energy @ l=0.1mh, i d =6a, r g =25 e as 1.8 mj power dissipation for dual operation 2 1.6 (note 2) power dissipation for single operation p d 0.9 (note 3) w operating junction and storage temperature tj, tstg -55~+150 c thermal data parameter symbol value unit thermal resistance, junction-to-case, max r th,j-c 40 c/w 78 (note 2) c/w thermal resistance, junction-to-ambient, max r th,j-a 135 (note 3) c/w note : 1.pulse width limited by maximum juncti on temperature. 2. surface mounted on 1 in 2 pad of 2 oz copper, t 10s. 3. surface mounted on minimum copper pad, pulse width 10s. characteristics (t j =25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 30 - - v v gs =0, i d =250 a v gs(th) 1.0 1.7 3.0 v v ds = v gs , i d =250 a g fs - 8 - s v ds =5v, i d =6a i gss - - 100 na v gs = 20 - - 1 v ds =24v, v gs =0 i dss - - 25 a v ds =20v, v gs =0, tj=125 c - 20 26 v gs =10v, i d =6a *r ds(on) - 29 40 m v gs =4.5v, i d =4a dynamic qg (v gs =10v) *1, 2 - 11 - qg (v gs =5v) *1, 2 - 6.4 qgs *1, 2 - 1.7 - qgd *1, 2 - 3 - nc i d =6.8a, v ds =15v, v gs =10v ciss - 715 - coss - 76 - crss - 66 - pf v gs =0v, v ds =15v, f=1mhz rg - 2.2 - v gs =15mv, v ds =0v, f=1mhz
cystech electronics corp. spec. no. : c396q8 issued date : 2012.07.03 revised date : 2013.03.01 page no. : 3/9 MTB20A03Q8 cystek product specification characteristics (cont. t j =25 c, unless otherwise specified) symbol min. typ. max. unit test conditions dynamic t d(on) *1, 2 - 7.5 - tr *1, 2 - 12 - t d(off) *1, 2 - 21 - t f *1, 2 - 7 - ns v ds =15v, i d =1a, v gs =10v, r g =6 source-drain diode ratings and characteristics i s *1 - - 2.3 i sm *3 - - 9.2 a v sd *1 - 0.78 1.2 v i f =2.3a, v gs =0v trr - 50 - ns qrr - 2 - nc i f =2.3a, di f /dt=100a/ s note : *1.pulse test : pulse width 300 s, duty cycle 2% *2.independent of operating temperature *3.pulse width limited by maximum junction temperature. ordering information device package shipping MTB20A03Q8-0-t3-g sop-8 (rohs compliant & halogen-free package) 2500 pcs / tape & reel
cystech electronics corp. spec. no. : c396q8 issued date : 2012.07.03 revised date : 2013.03.01 page no. : 4/9 MTB20A03Q8 cystek product specification typical characteristics typical output characteristics 0 5 10 15 20 25 30 35 40 01234 5 brekdown voltage vs junction temperature 0.4 0.6 0.8 1 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) bv dss , normalized drain-source breakdown voltage vds, drain-source voltage(v) i d , drain current (a) 10v,9v,8v,7v,6v,5v v gs =4v i d =250 a, v vgs=3v =0v gs static drain-source on-state resistance vs drain current 10 100 1000 0.01 0.1 1 10 100 i d , drain current(a) r ds(on) , static drain-source on-state resistance(m) v gs =3v v gs =10v v gs =4.5v reverse drain current vs source-drain voltage 0.2 0.4 0.6 0.8 1 1.2 048121620 i dr , reverse drain current(a) v sd , source-drain voltage(v) v gs =0v tj=25c tj=150c static drain-source on-state resistance vs gate-source voltage 0 40 80 120 160 200 240 280 02468 v gs , gate-source voltage(v) r ds(on) , static drain-source on- state resistance(m) 10 drain-source on-state resistance vs junction tempearture 0.4 0.8 1.2 1.6 2 2.4 -60 -20 20 60 100 140 180 tj, junction temperature(c) r ds(on) , normalized static drain- source on-state resistance v gs =4.5v, i d =4a v gs =10v, i d =6a i d =6a
cystech electronics corp. spec. no. : c396q8 issued date : 2012.07.03 revised date : 2013.03.01 page no. : 5/9 MTB20A03Q8 cystek product specification typical characteristics(cont.) capacitance vs drain-to-source voltage 10 100 1000 10000 0.1 1 10 100 v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss threshold voltage vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 -60 -20 20 60 100 140 tj, junction temperature(c) v gs(th) , normalized threshold voltage i d =250 a forward transfer admittance vs drain current 0.01 0.1 1 10 100 0.001 0.01 0.1 1 10 i d , drain current(a) g fs , forward transfer admittance(s) ta=25c pulsed v ds =10 v v ds =5v v ds =15v gate charge characteristics 0 2 4 6 8 10 024681012 qg, total gate charge(nc) v gs , gate-source voltage(v) i d =6a v ds =15v v ds =10v v ds =5v maximum safe operating area 0.01 0.1 1 10 100 0.01 0.1 1 10 100 v ds , drain-source voltage(v) i d , drain current(a) t a =25c, tj=150c v gs =10v, r ja =135c/w single pulse dc 100ms r dson limite 100 s 1ms 1s 10ms maximum drain current vs junction temperature 0 1 2 3 4 5 6 7 8 25 50 75 100 125 150 175 tj, junction temperature(c) i d , maximum drain current(a) t a =25c, v gs =10v, r ja =78c/w
cystech electronics corp. spec. no. : c396q8 issued date : 2012.07.03 revised date : 2013.03.01 page no. : 6/9 MTB20A03Q8 cystek product specification typical characteristics(cont.) typical transfer characteristics 0 10 20 30 40 50 60 0246810 v gs , gate-source voltage(v) i d , drain current(a) v ds =10v single pulse power rating, junction to ambient (note on page 2) 0 10 20 30 40 50 0.01 0.1 1 10 100 1000 pulse width(s) power (w) t j( m ax) =150c t a =25c ja =135c/w transient thermal response curves 0.001 0.01 0.1 1 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 t 1 , square wave pulse duration(s) r(t), normalized effective transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r ja (t)=r(t)*r ja 2.duty factor, d=t 1 /t 2 3.t jm -t a =p dm *r ja (t) 4.r ja =135c/w
cystech electronics corp. spec. no. : c396q8 issued date : 2012.07.03 revised date : 2013.03.01 page no. : 7/9 MTB20A03Q8 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c396q8 issued date : 2012.07.03 revised date : 2013.03.01 page no. : 8/9 MTB20A03Q8 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c396q8 issued date : 2012.07.03 revised date : 2013.03.01 page no. : 9/9 MTB20A03Q8 cystek product specification sop-8 dimension marking: 8-lead sop-8 plastic package cystek packa g e code: q8 date code device name b20 a03 millimeters inches millimeters inches dim min. max. min. max. dim min. max. min. max. a 1.350 1.750 0.053 0.069 e 3.800 4.000 0.150 0.157 a1 0.100 0.250 0.004 0.010 e1 5.800 6.200 0.228 0.244 a2 1.350 1.550 0.053 0.061 e 1.270 (bsc) 0.050 (bsc) b 0.330 0.510 0.013 0.020 l 0.400 1.270 0.016 0.050 c 0.170 0.250 0.006 0.010 8 0 0 8 d 4.700 5.100 0.185 0.200 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTB20A03Q8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X