Part Number Hot Search : 
KBPC3 A2D6N CA9541 DA168L P222NQ STDH90 09MUQ MV5026A
Product Description
Full Text Search
 

To Download MPU600S12YZI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mpu-600s series input parameter conditions min. typ. max. units input voltage range universal 90 264 vac input frequency 47 63 hz input current, full load 90 vac 10.0 a inrush current, cold start 110 vac 35 a 220 vac 70 leakage current 264 vac 2.0 ma power factor correction meets en61000-3-2 class d input protection t12a/250v fuse input undervoltage protection under 80 vac 5 vac unit shuts down; unit recovers over 86 vac output parameter conditions min. typ. max. units output voltage adjustment by trim pot 5.0 % output regulation, see note 1 1.0 % hold time 120 vac, 80% load 20 msec ripple & noise (20 mhz), see note 2 see model selection guide overload protection foldback circuit, autorecovery 110 140 % over voltage protection >130% of rated output voltage. recycle ac input. over temperature protection autorecovery +85 oc temperature coef? cient 0.04 %/oc transient recovery time, see note 4 50% load change 2.5 ms transient response deviation 5.0 % overshoot/undershoot at turn on/off 5.0 % turn on delay 230 vac 2.0 s output short circuit continuous with autorecovery general parameter conditions min. typ. max. units isolation voltage, see note 5 input - output 3,000 vac input - fg (frame ground) 1,500 primary - core 1,500 switching frequency fixed 24 khz interface signals led power supply on bi-color led is green for power on; orange when protection enabled current monitor a 0.5 to 3.0v output that represents 0% to 100% output current current share optional for sharing up to four units. contact the factory for details remote sense compensates for up to a 0.5v line drop power good signal goes ttl high 100 to 500 ms after regulation. goes low at least 1 ms before the loss of regulation. will sink 100 ma. remote on/off a ttl low signal inhibits the output. hiccup mode. environmental parameter conditions min. typ. max. units operating temperature range ambient 0 +25 +70 oc output derating 2.5%/ oc from +50 oc to + 70 oc storage temperature range -20 +85 oc cooling see model selection guide operating humidity rh, non-condensing 90 % reliability speci cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 30oc, gnd benign 100 khours safety standards ul 60950, en 60950 emi compliance compliance to en55022 (cispr22) class b; en61000-3-2,3 ems immunity compliance en6100-4-2,3,4,5,6,11; en55024; ce marked (lvd) vibration sinusoidal 5~50 hz, acceleration 7.35 m/s 2 on x, y & z axis electrical speci cations speci cations typical @ +25?, nominal input voltage & rated output current, unless otherwise noted. speci cations subject to change without notice. key features: ? compact 600w supply ? pfc to en 61000-3-2 ?d? ? en 60950 approved (ul) ? ce certi? ed ? fcc class b emissions ? universal ac input ? current share option single output 600w power factor corrected ac/dc power supplies www.micropowerdirect.com micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com
model selection guide mechanical dimensions model number output voltage (vdc) output current with 25 cfm (max a) max. output power (w) ripple & noise (% p-p) ef ciency (%) preset range mpu-600s-12 yzi 12 vdc 12.0 - 14.0 50.00 600 1% 80% mpu-600s-24 yzi 24 vdc 20.0 - 26.0 30.00 600 1% 83% mpu-600s-48 yzi 48 vdc 48.0 - 60.0 12.50 600 1% 83% notes: 1. output regulation includes line & load. 2. ripple & noise is measured from 10 hz to 20 mhz. connection to the unit is made with a 0.1 ? ceramic capacitor & a 22 ? electrolytic capacitor connected in parallel. 3. a 1% minimum load is required to maintain regulation & ripple speci cations. 4. transient recovery is measured to within a 1% error band for a load step change of 50% to 100%. 5. isolation speci cations are production hi-pot tested for 3 seconds. 6. the full output range (see table) is covered in the safety agency certi cation. standard models are factory set to the preset voltage, but may be set to other levels within the range without affecting the agency certi cation. for more information, contact the factory. 7. output power is given for the factory preset voltage. the maximum continuous output power level is 600w with 25 cfm air ow. all models provide a peak power level of 900w for a maximum duration of 500 s. for more information, contact the factory. 8. each unit includes an input fuse (250v/12a). since this fuse is not eld replaceable, it is recommended that an external fuse of the same size be used on the input of the power supply for protection. u-chassis cover (c suf x) micropower direct we power your success - for less! 292 page street ste d stoughton, ma 02072 ? tel: (781) 344-8226 ? fax: (781) 344-8481 ? e-mail: sales@micropowerdirect.com notes: all dimensions are typical in inches (mm) tolerance x.xx = 0.02 ( 0.50) pin function 1 ac-neutral 2 ac-line 3 field ground connections input connector (cn1): terminal block: howder hd-121-3p: m3.5 screws 3 pins, 9.5 mm centers molex mating part no: molex 09-91-7000 or equivalent (two pins removed) output connector (cn2): terminal block: howder hd-121-8p: m3.5 screws 8 pins, 9.5 mm centers molex mating part no: molex 09-91-2000 or equivalent howder molex pin function pin function 1-4 -v out 1-10 -v out 5-8 +v out 11-20 +v out logic signal connector (cn3): mating part no: jst xhp-7 or equivalent (chyao shiunn js-2001-07) pin function 1 + remote sense 2 - remote sense 3 remote on/off 4 power good 5 common 6 current share 7 current monitor fan driver connector (cn4): mating part no: jst xhp-2 or equivalent (chyao shiunn js-2001-2) pin function 1 minus 2 plus www.micropowerdirect.com model number models with other output voltage levels are available (i.e. 15 vdc, 36 vdc, etc) contact the factory for details at: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of MPU600S12YZI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X